Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FTP-628Y302 Datasheet(PDF) 1 Page - Fujitsu Component Limited.

Part # FTP-628Y302
Description  battery drive, FTP-608 Series 2??high speed thermal printer
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FTP-628Y302 Datasheet(HTML) 1 Page - Fujitsu Component Limited.

  FTP-628Y302 Datasheet HTML 1Page - Fujitsu Component Limited. FTP-628Y302 Datasheet HTML 2Page - Fujitsu Component Limited. FTP-628Y302 Datasheet HTML 3Page - Fujitsu Component Limited. FTP-628Y302 Datasheet HTML 4Page - Fujitsu Component Limited. FTP-628Y302 Datasheet HTML 5Page - Fujitsu Component Limited. FTP-628Y302 Datasheet HTML 6Page - Fujitsu Component Limited. FTP-628Y302 Datasheet HTML 7Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image

FTP-628MCL101/103
FTP-628 MCL101/103, Easy Loading Method
n
OvErviEw
The easy loading FTP-608 MCL Series is ultra compact high
speed, battery driven thermal printer, printing on 2-inch wide
paper (58mm) where platens are removable. Our original
platen removal mechanism improved paper loading and
maintenance.
The FTP-608 MCL series can be used for a variety of
applications, such as portable terminals, POS, ticket issuing
terminals, label printers, banking terminals, and measurement
and medical equipment.
n
HiGHLiGHTS
• Easy loading type
Our original platen removal mechanism improved paper
loading and maintenance.
• Ultra compact
Height 5.5 mm, width 70.3 mm, depth 33.0 mm for the 2
inch model.
• High speed printing
It can print at 80 mm/s (640 dotlines/s) maximum by using
Fujitsu's unique head drive control.
• High resolution printing
8 dots/mm of resolution printing is possible.
• roHS compliant
baTTEry drivE, FTP-608 Series
2” HiGH SPEEd THErMaL PrinTEr


Similar Part No. - FTP-628Y302

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTP-628Y302 FUJITSU-FTP-628Y302 Datasheet
323Kb / 6P
   BATTERY DRIVER, FTP-608 Series(2inch high speed thermal printer) - Vertical Easy Loading Method
FTP-628Y302 FUJITSU-FTP-628Y302 Datasheet
220Kb / 6P
   HIGH SPEED THERMAL PRINTER 3-INCH TYPE MECHANISM
FTP-628Y302 FUJITSU-FTP-628Y302 Datasheet
64Kb / 6P
   2??HIGH SPEED THERMAL PRINTER
FTP-628Y302 FUJITSU-FTP-628Y302 Datasheet
184Kb / 7P
   2??HIGH SPEED THERMAL PRINTER
More results

Similar Description - FTP-628Y302

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTP-62DMCL101 FUJITSU-FTP-62DMCL101 Datasheet
607Kb / 6P
   battery drive, FTP-60D Series 2??high speed thermal printer
FTP-628MCL401 FUJITSU-FTP-628MCL401 Datasheet
604Kb / 9P
   Battery Driven FTP-608 Series 2??high speed thermal p rinter
FTP-628MCL701 FUJITSU-FTP-628MCL701 Datasheet
323Kb / 6P
   BATTERY DRIVER, FTP-608 Series(2inch high speed thermal printer) - Vertical Easy Loading Method
FTP-648M FUJITSU-FTP-648M Datasheet
305Kb / 6P
   battery drive, 4 high speed thermal printer
FTP-628MCL353 FUJITSU-FTP-628MCL353 Datasheet
184Kb / 7P
   2??HIGH SPEED THERMAL PRINTER
FTP-628MCL053 FUJITSU-FTP-628MCL053 Datasheet
64Kb / 6P
   2??HIGH SPEED THERMAL PRINTER
FTP-631MCL101 FUJITSU-FTP-631MCL101 Datasheet
62Kb / 6P
   24V DRIVE, ULTRA HIGH SPEED LINE THERMAL PRINTER 3??MECHANISM
FTP-628WSL100 FUJITSU-FTP-628WSL100 Datasheet
354Kb / 9P
   Battery drive, MOBILE type Compact standalone thermal printer 2??easy loading model
FTP-637MCL401 FUJITSU-FTP-637MCL401 Datasheet
371Kb / 8P
   24V driven High speed thermal printer
FTP-627MCL401 FUJITSU-FTP-627MCL401 Datasheet
379Kb / 8P
   24V driveN high speed thermal printer
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com