Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRD5412AIP Datasheet(PDF) 10 Page - Exar Corporation

Part # XRD5412AIP
Description  5V, Low Power, Voltage Output Serial 8/10/12-Bit DAC Family
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRD5412AIP Datasheet(HTML) 10 Page - Exar Corporation

Back Button XRD5412AIP Datasheet HTML 6Page - Exar Corporation XRD5412AIP Datasheet HTML 7Page - Exar Corporation XRD5412AIP Datasheet HTML 8Page - Exar Corporation XRD5412AIP Datasheet HTML 9Page - Exar Corporation XRD5412AIP Datasheet HTML 10Page - Exar Corporation XRD5412AIP Datasheet HTML 11Page - Exar Corporation XRD5412AIP Datasheet HTML 12Page - Exar Corporation XRD5412AIP Datasheet HTML 13Page - Exar Corporation XRD5412AIP Datasheet HTML 14Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
XRD5408/10/12
10
Rev. 1.20
port also has 4mA driving capability for greater fan-out
when daisy-chaning to other digital inputs.
Monotonicity
The XRD5408/10/12 family of DACs are monotonic over
the entire temperature range.
Micro-Power Operation
The XRD5408 is the lowest power in their class. The
quiescent current rating does not include the reference
ladder current. Power can be saved when the part is not in
use by setting the DAC code to all “0”s assuming the
output load is referenced to ground. This minimizes the
DAC output load current. An analog switch placed in
series with the reference ladder can toggle the reference
voltage off when the circuit is inactive to minimize power
consumption.
Power Supply and Grounding
Best parametric results are obtained by powering the
XRD5408/10/12 family of DACs from an analog +5V
power supply and analog ground. Digital power supplies
and grounds should be separated or connected to the
analog supplies and grounds only at the low-impedance
power-supply source. This is best accomplished on a
multilayer PCB with dedicated planes to ground and
power. The DACs should be locally bypassed with both
0.1 F and 2.2 F capacitors mounted as close as possible
to the power supply pin (VDD). Surface mount ceramic
capacitors are recommended for low impedance, wide
band power supply bypass. If only one +5V power supply
is available for both analog and digital circuity isolate the
analog power supply to the XRD5408/10/12 DAC with an
inductor or ferrite bead before the local bypass
capacitors.
PERFORMANCE CHARACTERISTICS
Figure 8. XRD5408 INL
Figure 9. XRD5408 DNL
CODE
CODE
--0.2
0
0.2
0.4
0
64
128
192
--0.1
0.0
0.2
0.35
255
0
64
128
192
255


Similar Part No. - XRD5412AIP

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRD5412AIP EXAR-XRD5412AIP Datasheet
984Kb / 16P
   5V, Low Power, Voltage Output Serial 8/10/12-Bit DAC Family
More results

Similar Description - XRD5412AIP

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRD5408 EXAR-XRD5408 Datasheet
984Kb / 16P
   5V, Low Power, Voltage Output Serial 8/10/12-Bit DAC Family
XRD54L08 EXAR-XRD54L08 Datasheet
916Kb / 16P
   3V Low Power Voltage Output Serial 8/10/12-Bit DAC Family
logo
IC MICROSYSTEMS
ICM7561 ICMIC-ICM7561 Datasheet
179Kb / 9P
   12/10/8-Bit Low Power Single DAC With Serial Interface and Voltage Output
logo
Maxim Integrated Produc...
MAX531 MAXIM-MAX531 Datasheet
207Kb / 16P
   5V, Low-Power, Voltage-Output, Serial 12-Bit DACs
Rev 6; 2/97
MAX530 MAXIM-MAX530 Datasheet
140Kb / 16P
   5V, Low-Power, Parallel-Input, Voltage-Output, 12-Bit DAC
Rev 3; 7/95
MAX504 MAXIM-MAX504 Datasheet
174Kb / 16P
   5V, Low-Power, Voltage-Output, Serial 10-Bit DACs
Rev 2; 11/96
MAX503 MAXIM-MAX503 Datasheet
118Kb / 16P
   5V, Low-Power, Parallel-Input, Voltage-Output, 10-Bit DAC
Rev 0; 8/94
MAX5302 MAXIM-MAX5302 Datasheet
696Kb / 12P
   Low-Power, 12-Bit Voltage-Output DAC with Serial Interface
Rev 0; 10/99
MAX5812 MAXIM-MAX5812 Datasheet
268Kb / 13P
   12-Bit Low-Power, 2-Wire, Serial Voltage-Output DAC
Rev 0; 1/02
MAX5544 MAXIM-MAX5544 Datasheet
218Kb / 8P
   Low-Cost, 5V, Serial-Input, Voltage-Output, 14-Bit DAC
Rev 0; 12/99
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com