Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF630NPBF Datasheet(PDF) 1 Page - International Rectifier

Part # IRF630NPBF
Description  Advanced Process Technology
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF630NPBF Datasheet(HTML) 1 Page - International Rectifier

  IRF630NPBF Datasheet HTML 1Page - International Rectifier IRF630NPBF Datasheet HTML 2Page - International Rectifier IRF630NPBF Datasheet HTML 3Page - International Rectifier IRF630NPBF Datasheet HTML 4Page - International Rectifier IRF630NPBF Datasheet HTML 5Page - International Rectifier IRF630NPBF Datasheet HTML 6Page - International Rectifier IRF630NPBF Datasheet HTML 7Page - International Rectifier IRF630NPBF Datasheet HTML 8Page - International Rectifier IRF630NPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
HEXFET® Power MOSFET
07/23/10
Parameter
Max.
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V
9.3
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V
6.5
A
IDM
Pulsed Drain Current

37
PD @TC = 25°C
Power Dissipation
82
W
Linear Derating Factor
0.5
W/°C
VGS
Gate-to-Source Voltage
±20
V
EAS
Single Pulse Avalanche Energy
‚
94
mJ
IAR
Avalanche Current

9.3
A
EAR
Repetitive Avalanche Energy

8.2
mJ
dv/dt
Peak Diode Recovery dv/dt
†
8.1
V/ns
TJ
Operating Junction and
-55 to +175
TSTG
Storage Temperature Range
Soldering Temperature, for 10 seconds
300 (1.6mm from case )
°C
Mounting torque, 6-32 or M3 srew
„
10 lbf•in (1.1N•m)
Absolute Maximum Ratings
Description
VDSS = 200V
RDS(on) = 0.30Ω
ID = 9.3A
S
D
G
l Advanced Process Technology
l Dynamic dv/dt Rating
l 175°C Operating Temperature
l Fast Switching
l Fully Avalanche Rated
l Ease of Paralleling
l Simple Drive Requirements
D2Pak
IRF630NSPbF
TO-220AB
IRF630NPbF
TO-262
IRF630NLPbF
IRF630NPbF
IRF630NSPbF
IRF630NLPbF
Fifth Generation HEXFET® Power MOSFETs from
International Rectifier utilize advanced processing techniques
to achieve extremely low on-resistance per silicon area.
This benefit, combined with the fast switching speed and
ruggedized device design that HEXFET Power MOSFETs
are well known for, provides the designer with an extremely
efficient and reliable device for use in a wide variety of
applications.
The TO-220 package is universally preferred for all
commercial-industrial applications at power dissipation levels
to approximately 50 watts. The low thermal resistance and
low package cost of the TO-220 contribute to its wide
acceptance throughout the industry.
The D2Pak is a surface mount power package capable of
accommodating die sizes up to HEX-4. It provides the
highest power capability and the lowest possible on-
resistance in any existing surface mount package. The
D2Pak is suitable for high current applications because of its
low internal connection resistance and can dissipate up to
2.0W in a typical surface mount application.
The through-hole version (IRF630NL) is available for low-
profile application.
www.irf.com
1
l Lead-Free
PD - 95047A


Similar Part No. - IRF630NPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF630NPBF IRF-IRF630NPBF Datasheet
292Kb / 11P
   HEXFET Power MOSFET
IRF630NPBF IRF-IRF630NPBF Datasheet
340Kb / 11P
   Advanced Process Technology
IRF630NPBF IRF-IRF630NPBF Datasheet
340Kb / 11P
   Advanced Process Technology
IRF630NPBF IRF-IRF630NPBF_15 Datasheet
340Kb / 11P
   Advanced Process Technology
More results

Similar Description - IRF630NPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF3205STRR IRF-IRF3205STRR Datasheet
618Kb / 11P
   Advanced Process Technology
IRF3205ZSTRLPBF IRF-IRF3205ZSTRLPBF Datasheet
385Kb / 12P
   Advanced Process Technology
IRL2203NSTRLPBF IRF-IRL2203NSTRLPBF Datasheet
295Kb / 10P
   Advanced Process Technology
logo
Kersemi Electronic Co.,...
IRF640NS KERSEMI-IRF640NS Datasheet
1Mb / 11P
   Advanced Process Technology
IRFR48Z KERSEMI-IRFR48Z_15 Datasheet
1Mb / 12P
   Advanced Process Technology
IRLR2905Z KERSEMI-IRLR2905Z Datasheet
1Mb / 11P
   Advanced Process Technology
IRFZ24N KERSEMI-IRFZ24N Datasheet
741Kb / 8P
   Advanced Process Technology
IRFZ44N KERSEMI-IRFZ44N Datasheet
700Kb / 8P
   Advanced Process Technology
logo
International Rectifier
IRF1104SPBF IRF-IRF1104SPBF_15 Datasheet
272Kb / 11P
   Advanced Process Technology
IRF1405SPBF IRF-IRF1405SPBF_15 Datasheet
313Kb / 11P
   Advanced Process Technology
IRF2204PBF IRF-IRF2204PBF_15 Datasheet
263Kb / 9P
   Advanced Process Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com