Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BR25L020FVJ-WTR Datasheet(PDF) 11 Page - Rohm

Part # BR25L020FVJ-WTR
Description  High Reliability Serial EEPROMs SPI BUS Serial EEPROMs
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BR25L020FVJ-WTR Datasheet(HTML) 11 Page - Rohm

Back Button BR25L020FVJ-WTR Datasheet HTML 7Page - Rohm BR25L020FVJ-WTR Datasheet HTML 8Page - Rohm BR25L020FVJ-WTR Datasheet HTML 9Page - Rohm BR25L020FVJ-WTR Datasheet HTML 10Page - Rohm BR25L020FVJ-WTR Datasheet HTML 11Page - Rohm BR25L020FVJ-WTR Datasheet HTML 12Page - Rohm BR25L020FVJ-WTR Datasheet HTML 13Page - Rohm BR25L020FVJ-WTR Datasheet HTML 14Page - Rohm BR25L020FVJ-WTR Datasheet HTML 15Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
11/16
BR25L010-W, BR25L020-W, BR25L040-W, BR25L080-W, BR25L160-W, BR25L320-W, BR25L640-W
Technical Note
Method to cancel each command
READ
Fig.48 READ cancel valid timing
RDSR
Fig.49 RDSR cancel valid timing
WRSR
Fig.51 WRSR cancel valid timing
WRITE, PAGE WRITE
Fig.50 WRITE cancel valid timing
WREN/WRDI
Fig.52 WREN / WRDI cancel valid timing
8 bits
8 bits
Data
Cancel available in all areas of read mode
Ope code
8 bits
8 bits
Cancel available in all
areas of read mode
Ope code
Data
a
b
d
c
tE/W
8 bits
8 bits
8 bits
Ope code
Address
Data (n)
Method to cancel : cancel by CS = "H"
Method to cancel : cancel by CS = "H"
a
c
b
tE/W
8 bit
8 bit
Ope code
Address
b
SCK
SI
D1
D0
15
16
17
14
c
a
b
c
SCK
SI
D7
D6
D5
D4
D3
D2
D1
D0
b
a
8 bit
b
SCK
89
7
a
Ope code
Note 1) If Vcc is made OFF during write execution, designated address data is not guaranteed, therefore write it once
again.
Note 2) If CS is started at the same timing as that of the SCK rise, write execution / cancel becomes unstable,
therefore, it is necessary to fall in SCK = "L" area. As for SCK rise, assure timing of tCSS / tCSH or higher.
a : Ope code, address input area.
Cancellation is available by CS = "H".
b : Data input area (D7 ~ D1 input area)
Cancellation is available by CS = "H".
c : Data input area (D0 area)
When CS is started, write starts.
After CS rise, cancellation cannot be made by any
means.
d : tE/W area
Cancellation is available by CS = "H". However, when
write starts (CS is started) in the area c, cancellation
cannot be made by any means. And, by inputting on
SCK clock, cancellation cannot be made. In page write
mode, there is write enable area at every 8 clocks.
a : From ope code to 15 clock rise
Cancel by CS = "H".
b : From 15 clock rise to 16 clock rise (write enable area)
When CS is started, write starts.
After CS rise, cancellation cannot be made by any
means.
c : After 16 clock rise
Cancel by CS = "H". However, when write starts (CS is
started) in the area b, cancellation cannot be made by
any means. And, by inputting on SCK clock, cancellation
cannot be made.
Note 1) If Vcc is made OFF during write execution, designated address data is not guaranteed, therefore write it once
again.
Note 2) If CS is started at the same timing as that of the SCK rise, write execution / cancel becomes unstable,
therefore, it is necessary to fall in SCK = "L" area. As for SCK rise, assure timing of tCSS/tCSH or higher.
a : From ope code to clock rise, cancel by CS = "H".
b : Cancellation is not available when CS is started after 7 clock.
8 bits / 16 bits
Address
2010.07 -
Rev. B
www.rohm.com
© 2010 ROHM Co., Ltd. All rights reserved.


Similar Part No. - BR25L020FVJ-WTR

ManufacturerPart #DatasheetDescription
logo
Rohm
BR25L020FVJ-W ROHM-BR25L020FVJ-W Datasheet
335Kb / 6P
   SPI BUS 2Kbit (256 x 8bit) EEPROM
BR25L020FVJ-W ROHM-BR25L020FVJ-W Datasheet
577Kb / 17P
   Htgh speed clock action up to 5MHz(Max.), Wait function by HOLD terminal
More results

Similar Description - BR25L020FVJ-WTR

ManufacturerPart #DatasheetDescription
logo
Rohm
BR25L010-W ROHM-BR25L010-W_08 Datasheet
2Mb / 17P
   SPI BUS Serial EEPROMs
BR25L160F-WE2 ROHM-BR25L160F-WE2 Datasheet
577Kb / 17P
   SPI BUS Serial EEPROMs
BR25L080FVT-WE2 ROHM-BR25L080FVT-WE2 Datasheet
577Kb / 17P
   SPI BUS Serial EEPROMs
BR25L010-W ROHM-BR25L010-W_10 Datasheet
528Kb / 17P
   SPI BUS Serial EEPROMs
logo
ATMEL Corporation
AT25010 ATMEL-AT25010_03 Datasheet
155Kb / 17P
   SPI Serial EEPROMs
AT25HP256 ATMEL-AT25HP256_06 Datasheet
414Kb / 21P
   SPI Serial EEPROMs
AT25080A ATMEL-AT25080A_07 Datasheet
448Kb / 24P
   SPI Serial EEPROMs
AT25010 ATMEL-AT25010 Datasheet
165Kb / 15P
   SPI Serial EEPROMs
AT25128 ATMEL-AT25128 Datasheet
230Kb / 12P
   SPI Serial EEPROMs
AT25080 ATMEL-AT25080 Datasheet
172Kb / 16P
   SPI Serial EEPROMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com