Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST16C554CQ64 Datasheet(PDF) 5 Page - Exar Corporation

Part # ST16C554CQ64
Description  2.97V TO 5.5V QUAD UART WITH 16-BYTE FIFO
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

ST16C554CQ64 Datasheet(HTML) 5 Page - Exar Corporation

  ST16C554CQ64 Datasheet HTML 1Page - Exar Corporation ST16C554CQ64 Datasheet HTML 2Page - Exar Corporation ST16C554CQ64 Datasheet HTML 3Page - Exar Corporation ST16C554CQ64 Datasheet HTML 4Page - Exar Corporation ST16C554CQ64 Datasheet HTML 5Page - Exar Corporation ST16C554CQ64 Datasheet HTML 6Page - Exar Corporation ST16C554CQ64 Datasheet HTML 7Page - Exar Corporation ST16C554CQ64 Datasheet HTML 8Page - Exar Corporation ST16C554CQ64 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 39 page
background image
ST16C554/554D
5
REV. 4.0.1
2.97V TO 5.5V QUAD UART WITH 16-BYTE FIFO
Pin type: I=Input, O=Output, I/O= Input/output, OD=Output Open Drain.
DTRA#
DTRB#
DTRC#
DTRD#
3
15
34
46
12
24
46
58
O
UART channels A-D Data-Terminal-Ready (active low) or general purpose out-
put. If these outputs are not used, leave them unconnected.
DSRA#
DSRB#
DSRC#
DSRD#
1
17
32
48
10
26
44
60
I
UART channels A-D Data-Set-Ready (active low) or general purpose input. This
input should be connected to VCC when not used. This input has no effect on
the UART.
CDA#
CDB#
CDC#
CDD#
64
18
31
49
9
27
43
61
I
UART channels A-D Carrier-Detect (active low) or general purpose input. This
input should be connected to VCC when not used. This input has no effect on
the UART.
RIA#
RIB#
RIC#
RID#
63
19
30
50
8
28
42
62
I
UART channels A-D Ring-Indicator (active low) or general purpose input. This
input should be connected to VCC when not used. This input has no effect on
the UART.
ANCILLARY SIGNALS
XTAL1
25
35
I
Crystal or external clock input.
XTAL2
26
36
O
Crystal or buffered clock output.
16/68#
-
31
I
Intel or Motorola Bus Select (input with internal pull-up).
When 16/68# pin is HIGH, 16 or Intel Mode, the device will operate in the Intel
bus type of interface.
When 16/68# pin is LOW, 68 or Motorola mode, the device will operate in the
Motorola bus type of interface.
Motorola bus interface is not available on the 64 pin package.
RESET
(RESET#)
27
37
I
When 16/68# pin is HIGH for Intel bus interface, this input becomes the Reset
pin (active high). In this case, a 40 ns minimum HIGH pulse on this pin will
reset the internal registers and all outputs. The UART transmitter output will be
held HIGH, the receiver input will be ignored and outputs are reset during reset
period (Table 13). When 16/68# pin is at LOW for Motorola bus interface, this
input becomes Reset# pin (active low). This pin functions similarly, but instead
of a HIGH pulse, a 40 ns minimum LOW pulse will reset the internal registers
and outputs.
Motorola bus interface is not available on the 64 pin package.
VCC
4, 21, 35,
52
13, 30,
47, 64
Pwr
2.97V to 5.5V power supply.
GND
14, 28,
45, 61
6, 23, 40,
57
Pwr
Power supply common, ground.
N.C.
-
-
No Connection. These pins are not used in either the Intel or Motorola bus
modes.
Pin Description
NAME
64-LQFP
PIN #
68-PLCC
PIN#
TYPE
DESCRIPTION


Similar Part No. - ST16C554CQ64

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
ST16C554CQ64 EXAR-ST16C554CQ64 Datasheet
518Kb / 40P
   QUAD UART WITH 16-BYTE FIFOS
ST16C554CQ64 EXAR-ST16C554CQ64 Datasheet
757Kb / 39P
   2.97V TO 5.5V QUAD UART WITH 16-BYTE FIFO
More results

Similar Description - ST16C554CQ64

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
ST16C554DIQ64-F EXAR-ST16C554DIQ64-F Datasheet
761Kb / 39P
   2.97V TO 5.5V QUAD UART WITH 16-BYTE FIFO
ST16C554 EXAR-ST16C554 Datasheet
757Kb / 39P
   2.97V TO 5.5V QUAD UART WITH 16-BYTE FIFO
ST16C1550 EXAR-ST16C1550 Datasheet
428Kb / 37P
   2.97V TO 5.5V UART WITH 16-BYTE FIFO
ST16C1550 EXAR-ST16C1550_05 Datasheet
742Kb / 36P
   2.97V TO 5.5V UART WITH 16-BYTE FIFO
XR16C864 EXAR-XR16C864 Datasheet
592Kb / 51P
   2.97V TO 5.5V QUAD UART WITH 128-BYTE FIFO
ST16C654IJ68-F EXAR-ST16C654IJ68-F Datasheet
1Mb / 51P
   2.97V TO 5.5V QUAD UART WITH 64-BYTE FIFO
XRT16C854 EXAR-XRT16C854 Datasheet
1Mb / 54P
   2.97V TO 5.5V QUAD UART WITH 128-BYTE FIFO
ST16C2552CJ44-F EXAR-ST16C2552CJ44-F Datasheet
760Kb / 34P
   2.97V TO 5.5V DUAL UART WITH 16-BYTE FIFO
ST16C2552 EXAR-ST16C2552 Datasheet
375Kb / 35P
   2.97V TO 5.5V DUAL UART WITH 16-BYTE FIFO
ST16C654 EXAR-ST16C654 Datasheet
968Kb / 51P
   2.97V TO 5.5V QUAD UART WITH 64-BYTE FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com