Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPX2815AR-3-3TR Datasheet(PDF) 8 Page - Sipex Corporation

Part # SPX2815AR-3-3TR
Description  1.5A Low Dropout Voltage Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX2815AR-3-3TR Datasheet(HTML) 8 Page - Sipex Corporation

Back Button SPX2815AR-3-3TR Datasheet HTML 2Page - Sipex Corporation SPX2815AR-3-3TR Datasheet HTML 3Page - Sipex Corporation SPX2815AR-3-3TR Datasheet HTML 4Page - Sipex Corporation SPX2815AR-3-3TR Datasheet HTML 5Page - Sipex Corporation SPX2815AR-3-3TR Datasheet HTML 6Page - Sipex Corporation SPX2815AR-3-3TR Datasheet HTML 7Page - Sipex Corporation SPX2815AR-3-3TR Datasheet HTML 8Page - Sipex Corporation SPX2815AR-3-3TR Datasheet HTML 9Page - Sipex Corporation SPX2815AR-3-3TR Datasheet HTML 10Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8
Date: 6/21/06 Rev C
SPX2815 1.5A Low Dropout Voltage Regulator
© 2006 Sipex Corporation
PACKAGE: 3 PIN TO-252
FRONT VIEW
b3
E
D
L3
1
2
3
L4
e
b2
b
L5
BACK VIEW
E1
D1
H
(L1)
Seating Plane
c
C2
A
SIDE VIEW
Gauge
Plane
L
L2
θ1
θ
A1
MIN
NOM
MAX
MIN
NOM
MAX
A
0.086
-
0.094
2.18
-
2.39
A1
-
-
0.005
-
-
0.13
b
0.025
-
0.035
0.64
-
0.89
b2
0.030
-
0.045
0.76
-
1.14
b3
0.195
-
0.215
4.95
-
5.46
c
0.018
-
0.024
0.46
-
0.61
c2
0.018
-
0.035
0.46
-
0.89
D
0.235
0.240
0.245
5.97
6.10
6.22
D1
0.205
-
-
5.21
-
-
E
0.250
-
0.265
6.35
-
6.73
E1
0.170
-
-
4.32
-
-
e
H
0.370
-
0.410
9.4
-
10.41
L
0.055
0.060
0.070
1.4
1.52
1.78
L1
L2
L3
0.035
-
0.050
0.89
-
1.27
L4
-
-
0.040
-
-
1.02
L5
0.045
-
0.060
1.14
-
1.52
ø
-
10º
-
10º
ø1
-
15º
-
15º
0.51 BSC
2.74 REF
2.29 BSC
SYMBOL
3 Pin TO-252
JEDEC TO-252
Variation AA
SIPEX Pkg Signoff Date/Rev:
JL Aug4-05/Rev A
.090 BSC
.108 REF
.020 BSC
Dimensions in Inches:
Controlling Dimension
Dimensions in Millimeters
Conversion Factor:
1 Inch = 25.40 mm


Similar Part No. - SPX2815AR-3-3TR

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX2815AR-3-3 SIPEX-SPX2815AR-3-3 Datasheet
180Kb / 10P
   1.5A Low Dropout Voltage Regulator
SPX2815AR-3-3/TR SIPEX-SPX2815AR-3-3/TR Datasheet
180Kb / 10P
   1.5A Low Dropout Voltage Regulator
More results

Similar Description - SPX2815AR-3-3TR

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX2815 SIPEX-SPX2815 Datasheet
73Kb / 10P
   1.5A Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS1086 ADMOS-AMS1086 Datasheet
60Kb / 7P
   1.5A LOW DROPOUT VOLTAGE REGULATOR
logo
List of Unclassifed Man...
CM1086 ETC-CM1086 Datasheet
214Kb / 7P
   1.5A LOW DROPOUT VOLTAGE REGULATOR
logo
GTM CORPORATION
GE2148 GTM-GE2148 Datasheet
418Kb / 5P
   1.5A LOW DROPOUT VOLTAGE REGULATOR
logo
Rohm
BAXXJC5T ROHM-BAXXJC5T Datasheet
367Kb / 6P
   1.5A Low-Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS1086 ADMOS-AMS1086_08 Datasheet
73Kb / 8P
   1.5A LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX2815 SIPEX-SPX2815_06 Datasheet
180Kb / 10P
   1.5A Low Dropout Voltage Regulator
logo
GTM CORPORATION
GJ2148 GTM-GJ2148 Datasheet
424Kb / 5P
   1.5A LOW DROPOUT VOLTAGE REGULATOR
logo
Exar Corporation
SPX29150T-L-5-0 EXAR-SPX29150T-L-5-0 Datasheet
638Kb / 13P
   1.5A Low Dropout Voltage Regulator
logo
GTM CORPORATION
GE2138 GTM-GE2138 Datasheet
418Kb / 5P
   1.5A LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com