Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FRL-274ND02461CS-A Datasheet(PDF) 2 Page - Fujitsu Component Limited.

Part # FRL-274ND02461CS-A
Description  HIGH POWER RELAY 1 POLE??0 A (FOR AUTOMOTIVE APPLICATIONS)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FRL-274ND02461CS-A Datasheet(HTML) 2 Page - Fujitsu Component Limited.

  FRL-274ND02461CS-A Datasheet HTML 1Page - Fujitsu Component Limited. FRL-274ND02461CS-A Datasheet HTML 2Page - Fujitsu Component Limited. FRL-274ND02461CS-A Datasheet HTML 3Page - Fujitsu Component Limited. FRL-274ND02461CS-A Datasheet HTML 4Page - Fujitsu Component Limited. FRL-274ND02461CS-A Datasheet HTML 5Page - Fujitsu Component Limited. FRL-274ND02461CS-A Datasheet HTML 6Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
FRL-274 SERIES
Specifications
Item
S Contact Material
Y Contact Material
D Contact Material
Contact
Arrangement
1 form A (SPST-NO), 1 form C (SPDT)
Material
Silver copper
Silver-tin oxide
Special silver alloy
Voltage Drop (resistance)
Maximum 300 mV initial (at 5 Amps, 12 VDC)
Maximum 500 mV after durability test (at 5 Amps, 12 VDC)
N.O.
12 VDC 15 A, 24 VDC 10 A
12 VDC 30 A
Rating
N.C.
12 VDC 10 A, 24 VDC 7 A
01: 0.4 mm gap (standard gap type)
Gap
51: 1.0 mm gap
61: 1.4 mm gap
Maximum Carrying Current
30 A continous ,40 A/10 minutes
(at 25
°C 100% rated coil voltage)
Max. Switching Frequency
Mechanical: 18,000 operations/hour
Electrical: 1,800 operations/hour
Minimum Switching Load (*1)
0.6 W minimum
0.6 W minimum
0.6 W minimum
(reference)
(0.1 A minimum)
(50 mA minimum)
(0.3 A minimum)
Coil
Nominal Power
Standard type (D): approximately 1.7 W
(rated Voltage at 20
°C)
Low power type (H): approximately 0.6 W
1.4 mm gap type: approximately 2.1 W
Standard type (D): approximately 75
°C
Coil Temperature Rise
Low power type (H): approximately 35
°C
1.4 mm gap type: approximately 85
°C (rated voltage at 20°C)
Operating Temperature
–40
°C to +85°C (no frost) (refer to the CHARACTERISTIC DATA)
Storage Temperature
–40
°C to +100°C (no frost)
Insulation
Resistance
Minimum 100 M
Ω (at 500 VDC)
Dielectric Strength
AC 500 V 1 minimum
Time Value
Operate (at nominal voltage)
Maximum 10 ms
Standard gap type: maximum 5 ms
Release (at nominal voltage)
1.0 mm gap type: maximum 8 ms
1.4 mm gap type: maximum 10 ms
Life
Mechanical
10
× 106 operations minimum
Electrical
250
× 103 operations minimum
Other
Vibration Resistance
10 to 55 Hz (double amplitude of 1.5 mm)
Shock
Misoperation
100 m/s2 (11
±1 ms)
Resistance
Endurance
1,000 m/s2 (11
±1 ms)
Weight
Approximately 20 g
*1 Values when switching a resistive load at normal room temperature and humidity, and in a clean environment. The mini-
mum applicable load varies with the switching frequency and operating environment.
s SPECIFICATIONS


Similar Part No. - FRL-274ND02461CS-A

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FRL-274ND024/01AY-01A FUJITSU-FRL-274ND024/01AY-01A Datasheet
680Kb / 9P
   HIGH POWER RELAY 1 POLE-12, 30, 40 A (FOR AUTOMOTIVE APPLICATIONS)
FRL-274ND024/01AY-A FUJITSU-FRL-274ND024/01AY-A Datasheet
680Kb / 9P
   HIGH POWER RELAY 1 POLE-12, 30, 40 A (FOR AUTOMOTIVE APPLICATIONS)
FRL-274ND024/01CY-01A FUJITSU-FRL-274ND024/01CY-01A Datasheet
680Kb / 9P
   HIGH POWER RELAY 1 POLE-12, 30, 40 A (FOR AUTOMOTIVE APPLICATIONS)
FRL-274ND024/01CY-A FUJITSU-FRL-274ND024/01CY-A Datasheet
680Kb / 9P
   HIGH POWER RELAY 1 POLE-12, 30, 40 A (FOR AUTOMOTIVE APPLICATIONS)
FRL-274ND024/51AY-01A FUJITSU-FRL-274ND024/51AY-01A Datasheet
680Kb / 9P
   HIGH POWER RELAY 1 POLE-12, 30, 40 A (FOR AUTOMOTIVE APPLICATIONS)
More results

Similar Description - FRL-274ND02461CS-A

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FBR53-HW FUJITSU-FBR53-HW Datasheet
588Kb / 5P
   COMPACT HIGH POWER RELAY 1 POLE-40 A(For Automotive Applications)
FBR-53 FUJITSU-FBR-53 Datasheet
61Kb / 5P
   COMPACT POWER RELAY 1 POLE-20 A (For Automotive Applications)
FBR53 FUJITSU-FBR53 Datasheet
315Kb / 5P
   COMPACT POWER RELAY 1 POLE-20 A (For Automotive Applications)
FBR53 FUJITSU-FBR53_08 Datasheet
532Kb / 5P
   COMPACT POWER RELAY 1 POLE-30 A(For Automotive Applications)
FTR-P3 FUJITSU-FTR-P3_09 Datasheet
538Kb / 9P
   COMPACT POWER RELAY 1 POLE-25 A FOR AUTOMOTIVE APPLICATIONS
FBR51 FUJITSU-FBR51 Datasheet
622Kb / 8P
   COMPACT POWER RELAY 1 POLE-30 A(FOR AUTOMOTIVE APPLICATIONS)
FTR-P3 FUJITSU-FTR-P3 Datasheet
453Kb / 9P
   COMPACT POWER RELAY 1 POLE-25 A FOR AUTOMOTIVE APPLICATIONS
FTR-P1 FUJITSU-FTR-P1 Datasheet
67Kb / 7P
   QUIET POWER RELAY 1 POLE-20 A (FOR AUTOMOTIVE APPLICATIONS)
FRL-274 FUJITSU-FRL-274_09 Datasheet
680Kb / 9P
   HIGH POWER RELAY 1 POLE-12, 30, 40 A (FOR AUTOMOTIVE APPLICATIONS)
FRL-274 FUJITSU-FRL-274 Datasheet
516Kb / 9P
   HIGH POWER RELAY 1 POLE-12, 30, 40 A (FOR AUTOMOTIVE APPLICATIONS)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com