Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSPPT16-900F Datasheet(PDF) 1 Page - California Micro Devices Corp

Part # CSPPT16-900F
Description  CHIP SCALE PARALLEL TERMINATION ARRAY
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CSPPT16-900F Datasheet(HTML) 1 Page - California Micro Devices Corp

  CSPPT16-900F Datasheet HTML 1Page - California Micro Devices Corp CSPPT16-900F Datasheet HTML 2Page - California Micro Devices Corp CSPPT16-900F Datasheet HTML 3Page - California Micro Devices Corp CSPPT16-900F Datasheet HTML 4Page - California Micro Devices Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© 2000 California Micro Devices Corp. All rights reserved.
11/10/2000
1
CSPPT
CALIFORNIA MICRO DEVICES
215 Topaz Street, Milpitas, California 95035
Tel: (408) 263-3214
Fax: (408) 263-7846
www.calmicro.com
Chip Scale Parallel Termination Array
Features
• 8,16 or 32 integrated high frequency
bussed terminations
• Ultra small footprint Chip Scale Package
• Ceramic substrate
• 0.35mm Eutectic Solder Bumps, 0.65mm pitch
Product Description
The CSPPT is a high performance Integrated Passive
Device (IPD) which provides parallel terminations
suitable for use in high speed bus applications. Eight (8),
sixteen (16), or thirty-two (32) parallel termination
versions are provided. These resistors provide excellent
high frequency performance in excess of 3GHz and are
manufactured to an absolute tolerance as low as ±1%.
Applications
• Parallel resistive bus termination
• Bussed resistor array
C1290700
SCHEMATIC DIAGRAMS
The Chip Scale Package provides an ultra small
footprint for this IPD and provides minimal parasitics
compared to conventional packaging. Typical bump
inductance is less than 25pH. The large solder bumps
and ceramic substrate allow for standard attachment to
laminate printed circuit boards without the use of
underfill.
CSPPT08
CSPPT16
CSPPT32
R1
R1
B
A
12
4
R1
R1
R1
R1
3
R1
5
R1
R1
R1
B
A
12
4
R1
R1
R1
R1
3
R1
5
R1
R1
R1
D
C
R1
R1
R1
R1
R1
R1
R1
R1
B
A
12
4
R1
R1
R1
R1
3
R1
5
R1
R1
R1
D
C
R1
R1
R1
R1
R1
R1
R1
R1
67
9
R1
R1
R1
R1
8
R1
10
R1
R1
R1
R1
R1
R1
R1
R1
R1


Similar Part No. - CSPPT16-900F

ManufacturerPart #DatasheetDescription
logo
Raltron Electronics Cor...
CSP RALTRON-CSP Datasheet
55Kb / 3P
   CLOCK OSCILLATOR, PECL, 3.3 VDC or 2.5VDC
logo
M-System Co.,Ltd.
CSP MSYSTEM-CSP Datasheet
110Kb / 4P
   Final Control Elements
logo
Mean Well Enterprises C...
CSP-3000 MEANWELL-CSP-3000 Datasheet
1Mb / 10P
   3000W Power Supply with Single Output
CSP-3000-120 MEANWELL-CSP-3000-120 Datasheet
1Mb / 10P
   3000W Power Supply with Single Output
CSP-3000-250 MEANWELL-CSP-3000-250 Datasheet
1Mb / 10P
   3000W Power Supply with Single Output
More results

Similar Description - CSPPT16-900F

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CSPDDR100 CALMIRCO-CSPDDR100 Datasheet
55Kb / 4P
   CHIP SCALE DDR TERMINATION ARRAY
CSPST CALMIRCO-CSPST Datasheet
52Kb / 4P
   CHIP SCALE SERIES TERMINATION ARRAY
logo
Protek Devices
CSP040605C PROTEC-CSP040605C_11 Datasheet
541Kb / 8P
   200w chip scale tvs array
logo
Stackpole Electronics, ...
RAF SEI-RAF Datasheet
407Kb / 4P
   Flat Termination Chip Resistor Array
09/30/2020
RAVF SEI-RAVF Datasheet
392Kb / 6P
   Convex Termination Chip Resistor Array
7/30/2021
logo
List of Unclassifed Man...
RAVF102D ETC2-RAVF102D Datasheet
169Kb / 3P
   Convex Termination Chip Resistor Array
logo
Stackpole Electronics, ...
RACF SEI-RACF Datasheet
352Kb / 4P
   Concave Termination Chip Resistor Array
03/26/2020
logo
Analog Devices
BC-148 AD-BC-148 Datasheet
276Kb / 1P
   148-Lead Chip Scale Package Ball Grid Array
logo
ON Semiconductor
CM1205 ONSEMI-CM1205_11 Datasheet
115Kb / 5P
   8-Channel ESD Protection Array in Chip Scale Package
January, 2011 ??Rev. 4
CM1205 ONSEMI-CM1205 Datasheet
188Kb / 8P
   8-Channel ESD Protection Array in Chip Scale Package
April 2010 ??Rev. 3
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com