Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FRL-274NH00951CY-A Datasheet(PDF) 4 Page - Fujitsu Component Limited.

Part # FRL-274NH00951CY-A
Description  HIGH POWER RELAY 1 POLE??0 A (FOR AUTOMOTIVE APPLICATIONS)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FRL-274NH00951CY-A Datasheet(HTML) 4 Page - Fujitsu Component Limited.

  FRL-274NH00951CY-A Datasheet HTML 1Page - Fujitsu Component Limited. FRL-274NH00951CY-A Datasheet HTML 2Page - Fujitsu Component Limited. FRL-274NH00951CY-A Datasheet HTML 3Page - Fujitsu Component Limited. FRL-274NH00951CY-A Datasheet HTML 4Page - Fujitsu Component Limited. FRL-274NH00951CY-A Datasheet HTML 5Page - Fujitsu Component Limited. FRL-274NH00951CY-A Datasheet HTML 6Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
FRL-274 SERIES
2. OPERATING COIL VOLTAGE (EXAMPLE)
3. LIFE TEST (EXAMPLE)
Test Item
Test circuit
N.O
DC 14 V-65 W
× 2
N.C.
DC 14 V-60 W
× 2
Halogen lamp load
500,000 operations minimum
(contact material:
special silver alloy)
DC 14 V-30 A
Motor lock
100,000 operations minimum
(contact material:
silver copper)
DC 30 V-1.6 A
Motor free
200,000 operations minimum
(contact material:
silver copper)
[Low power (H type)]
Operating temperature range (˚C)
80
Pick-up
voltage
Contact
carry
15A
60
70
80
90
100
110
120
130
140
–10 0 10 20 304050 6070
150
160
Continuous carrying
range
[Standard (D type)]
Operating temperature range(˚C)
80
–10
0 10 20 30 40 50 60 70
Pick-up
voltage
Pick-up voltage of
51,56 type
Contact carry 15 A
Pick-up voltage of 01 type (0.4 mm gap)
Continuous carry range
50
60
70
80
90
100
110
120
130
N.C.
N.O.
14 V
65 W X 2
60 W X 2
N.O.
N.C.
N.O.
N.C.
RL-1
RL-2
14 V
M
N.C.
N.O.
Motor
30 V


Similar Part No. - FRL-274NH00951CY-A

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FRL-274NH009/01AY-01A FUJITSU-FRL-274NH009/01AY-01A Datasheet
680Kb / 9P
   HIGH POWER RELAY 1 POLE-12, 30, 40 A (FOR AUTOMOTIVE APPLICATIONS)
FRL-274NH009/01AY-A FUJITSU-FRL-274NH009/01AY-A Datasheet
680Kb / 9P
   HIGH POWER RELAY 1 POLE-12, 30, 40 A (FOR AUTOMOTIVE APPLICATIONS)
FRL-274NH009/01CY-01A FUJITSU-FRL-274NH009/01CY-01A Datasheet
680Kb / 9P
   HIGH POWER RELAY 1 POLE-12, 30, 40 A (FOR AUTOMOTIVE APPLICATIONS)
FRL-274NH009/01CY-A FUJITSU-FRL-274NH009/01CY-A Datasheet
680Kb / 9P
   HIGH POWER RELAY 1 POLE-12, 30, 40 A (FOR AUTOMOTIVE APPLICATIONS)
FRL-274NH009/51AY-01A FUJITSU-FRL-274NH009/51AY-01A Datasheet
680Kb / 9P
   HIGH POWER RELAY 1 POLE-12, 30, 40 A (FOR AUTOMOTIVE APPLICATIONS)
More results

Similar Description - FRL-274NH00951CY-A

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FBR53-HW FUJITSU-FBR53-HW Datasheet
588Kb / 5P
   COMPACT HIGH POWER RELAY 1 POLE-40 A(For Automotive Applications)
FBR-53 FUJITSU-FBR-53 Datasheet
61Kb / 5P
   COMPACT POWER RELAY 1 POLE-20 A (For Automotive Applications)
FBR53 FUJITSU-FBR53 Datasheet
315Kb / 5P
   COMPACT POWER RELAY 1 POLE-20 A (For Automotive Applications)
FBR53 FUJITSU-FBR53_08 Datasheet
532Kb / 5P
   COMPACT POWER RELAY 1 POLE-30 A(For Automotive Applications)
FTR-P3 FUJITSU-FTR-P3_09 Datasheet
538Kb / 9P
   COMPACT POWER RELAY 1 POLE-25 A FOR AUTOMOTIVE APPLICATIONS
FBR51 FUJITSU-FBR51 Datasheet
622Kb / 8P
   COMPACT POWER RELAY 1 POLE-30 A(FOR AUTOMOTIVE APPLICATIONS)
FTR-P3 FUJITSU-FTR-P3 Datasheet
453Kb / 9P
   COMPACT POWER RELAY 1 POLE-25 A FOR AUTOMOTIVE APPLICATIONS
FTR-P1 FUJITSU-FTR-P1 Datasheet
67Kb / 7P
   QUIET POWER RELAY 1 POLE-20 A (FOR AUTOMOTIVE APPLICATIONS)
FRL-274 FUJITSU-FRL-274_09 Datasheet
680Kb / 9P
   HIGH POWER RELAY 1 POLE-12, 30, 40 A (FOR AUTOMOTIVE APPLICATIONS)
FRL-274 FUJITSU-FRL-274 Datasheet
516Kb / 9P
   HIGH POWER RELAY 1 POLE-12, 30, 40 A (FOR AUTOMOTIVE APPLICATIONS)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com