Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

181LY-222K Datasheet(PDF) 1 Page - TOKO, Inc

Part # 181LY-222K
Description  Magnetically shielded construction
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

181LY-222K Datasheet(HTML) 1 Page - TOKO, Inc

  181LY-222K Datasheet HTML 1Page - TOKO, Inc 181LY-222K Datasheet HTML 2Page - TOKO, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CAUTION / お断り
1.
Please be sure that you carefully discuss your planned purchase with our sales division if you intend to use the products in this catalog for applications where extremely high
reliability is required or if you intend to use products for applications other than those listed in this catalog.
2.
Note that the contents of this catalog are subject to change without notice. When placing your order, please confirm the specifications and delivery conditions.
1.
このカタログの記載の製品について、極めて高い信頼性が要求される用途でのご使用をご検討の場合、またはこのカタログに記載された用途以外でのご使用をご検討の場合は、必ず事前に当社営
業窓口までご相談ください。
2.
記載内容を予告なく変更することがありますのでご了承ください。ご注文に際しては仕様・納入仕様書などの取り交わしをお願いします。
Fixed Inductors 固定インダクタ
TYPE
10RB
【 10RB 】
(Unit : mm)
!
Magnetically shielded construction..
!
Suitable for large current.
!
Lead-free part available..
! 磁気シールド構造
! 大電流対応
! 鉛フリー対応可
!
Inductance range
: 1
∼ 120mH
! インダクタンス範囲
: 1
∼ 120mH
DIMENSIONS / 外形寸法図
FEATURES / 特
ELECTRICAL CHARACTERISTICS / 電気的特性


Similar Part No. - 181LY-222K

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
181LY-222 TOKO-181LY-222 Datasheet
49Kb / 1P
   Radial Type Fixed Inductors
More results

Similar Description - 181LY-222K

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDRH10D48AA SUMIDA-CDRH10D48AA Datasheet
228Kb / 2P
   Magnetically shielded construction
logo
AVX Corporation
LMXSF AVX-LMXSF Datasheet
91Kb / 4P
   Magnetically Shielded Construction
LMXSL AVX-LMXSL Datasheet
86Kb / 2P
   Magnetically Shielded Construction
logo
Sumida Corporation
CDRH2D11 SUMIDA-CDRH2D11_13 Datasheet
136Kb / 4P
   Magnetically shielded construction.
CDPQ2010 SUMIDA-CDPQ2010 Datasheet
291Kb / 4P
   Ferrite core construction, Magnetically shielded
logo
List of Unclassifed Man...
SCRH6D28 ETC2-SCRH6D28 Datasheet
227Kb / 1P
   Magnetically shielded construction, Excellent Power Density
logo
Bel Fuse Inc.
SCRH73B BEL-SCRH73B Datasheet
818Kb / 1P
   SMD POWER INDUCTORS Magnetically shielded construction
SCRH104 BEL-SCRH104 Datasheet
792Kb / 1P
   SMD POWER INDUCTORS Magnetically shielded construction
SCRH105R BEL-SCRH105R Datasheet
790Kb / 1P
   SMD POWER INDUCTORS Magnetically shielded construction
SCRH124 BEL-SCRH124 Datasheet
805Kb / 1P
   SMD POWER INDUCTORS Magnetically shielded construction
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com