Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

222-3343-00-0602J Datasheet(PDF) 1 Page - 3M Electronics

Part # 222-3343-00-0602J
Description  For DIPs with .100" (2.54 mm) lead spacing
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

222-3343-00-0602J Datasheet(HTML) 1 Page - 3M Electronics

  222-3343-00-0602J Datasheet HTML 1Page - 3M Electronics 222-3343-00-0602J Datasheet HTML 2Page - 3M Electronics 222-3343-00-0602J Datasheet HTML 3Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
3M Electronic Handling and Protection Division
6801 River Place Blvd.
Austin, TX 78726-9000
.100" (2.54 mm) DIP Sockets
ZIP DIP
TS-0365-11
Sheet 1 of 3
Date Issued: August 18, 2000
12
Physical
Insulation
Material: Glass Filled Polysulfone
Flammability: UL 94V-0
Color: Green
Marking: 3M Logo & Part Number Identifier
Contact
Material: Beryllium Copper
Plating: 30
µ" (0.76 µm) Gold – MIL-G-45204, Type II, Grade C, over 50 µ" (1.3 µm)
Nickel – QQ-N-290A, Class 2
Electrical
Current Rating: 1 Amp
Insulation Resistance: > 1
× 109 Ω at 500 Vdc
Withstanding Voltage: 1000 Vrms at Sea Level
Environmental
Operating Temperature Rating: - 55
°C to +150°C
Mechanical
When used as a test socket at room temperature 24
°C the socket will last 20,000 actuations.
• For DIPs with .100" (2.54 mm) lead spacing
• Pin counts for 14-64 leads
• Lever actuated zero insertion force mechanism
• Socket easily disassembles for repairability
• Socket contact point of .110" (2.79 mm)
below top surface of socket
For technical, sales or ordering information call
800-328-0411
or visit our website:
http://www.3M.com/ehpd


Similar Part No. - 222-3343-00-0602J

ManufacturerPart #DatasheetDescription
logo
Winchester Electronics ...
222-010-00415G WINCHESTER-222-010-00415G Datasheet
42Kb / 1P
   POWER PLUG FOR "D" SIZE D-SUB
222-010-00416G WINCHESTER-222-010-00416G Datasheet
43Kb / 1P
   FIRST MATE/ LAST BREAK POWER PLUG FOR D SIZE D-SUB
222-010-0044G WINCHESTER-222-010-0044G Datasheet
67Kb / 1P
   RDM POWER PLUG
222-010-0045G WINCHESTER-222-010-0045G Datasheet
70Kb / 1P
   RDM RIGHT ANGLE POWER PLUG
222-010-0046G WINCHESTER-222-010-0046G Datasheet
65Kb / 1P
   20 AMP RIGHT ANGLE POWER PLUG
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com