Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

181LY-392K Datasheet(PDF) 2 Page - TOKO, Inc

Part # 181LY-392K
Description  Magnetically shielded construction
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

181LY-392K Datasheet(HTML) 2 Page - TOKO, Inc

  181LY-392K Datasheet HTML 1Page - TOKO, Inc 181LY-392K Datasheet HTML 2Page - TOKO, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Fixed Inductors 固定インダクタ
TYPE
10RB
株式会社
【 10RB 】
東光品番 (1)
インダクタンス
(2)
許容差
Q (3)
直流抵抗
最大許容電流 (4)
自己共振周波数 (5)
TOKO
Part
Number
(1)
Inductance
(2)
(mH)
Tolerance
(%)
Q
(3)
Min.
DC
Resistance
(
Ω) max.
Rated
DC Current (4)
(mA) max.
Self-resonant
Frequency (5)
(MHz) min.
#181LY-102 □
1.0
±
5,±10
70
3.4
55
0.77
#181LY-122 □
1.2
±
5,±10
70
3.7
52
0.70
#181LY-152 □
1.5
±
5,±10
70
4.0
47
0.64
#181LY-182 □
1.8
±
5,±10
70
4.5
44
0.57
#181LY-222 □
2.2
±
5,±10
70
5.2
41
0.51
#181LY-272 □
2.7
±
5,±10
70
5.8
37
0.48
#181LY-332 □
3.3
±
5,±10
100
6.1
33
0.44
#181LY-392 □
3.9
±
5,±10
100
7.2
30
0.41
#181LY-472 □
4.7
±
5,±10
100
7.5
28
0.38
#181LY-562 □
5.6
±
5,±10
100
8.4
25
0.35
#181LY-682 □
6.8
±
5,±10
100
9.7
23
0.32
#181LY-822 □
8.2
±
5,±10
100
10.4
21
0.28
#181LY-103 □
10.0
±
5,±10
100
12.1
18
0.25
#181LY-123 □
12.0
±
5,±10
100
13.0
17
0.22
#181LY-153 □
15.0
±
5,±10
100
15.0
15
0.22
#181LY-183 □
18.0
±
5,±10
100
17.0
13
0.19
#181LY-223 □
22.0
±
5,±10
100
19.5
11
0.19
#181LY-273 □
27.0
±
5,±10
100
22.0
10
0.16
#181LY-333 □
33.0
±
5,±10
100
26.0
9
0.16
#181LY-393 □
39.0
±
5,±10
100
45.0
8
0.12
#181LY-473 □
47.0
±
5,±10
100
52.0
8
0.12
#181LY-563 □
56.0
±
5,±10
100
58.0
7
0.12
#181LY-683 □
68.0
±
5,±10
100
67.0
6
0.09
#181LY-823 □
82.0
±
5,±10
100
71.0
5
0.09
#181LY-104 □
100.0
±
5,±10
100
82.0
5
0.09
#181LY-124 □
120.0
±
5,±10
100
97.0
5
0.08
(1) Add the tolerance code of inductance to within the □
of the Part Number as follows : J=±5%, K=±10%.
(2) L measured at 1KHz with a universal bridge or
equivalent.
(3) Q measured at 50KHz with a Q meter 4343B *
or equivalent.
(4) The rated DC current is that at which the inductance
value decreases by 10% by the excitation with DC
current, measured at 1KHz with a universal bridge
or equivalent.
(5) Self – resonant frequency is for reference only.
(1) □ 内はインダクタンスの許容差を表しておりますので、ご
指定ください。
J=±5%, K=±10%0
(2) (3) Q とインダクタンスは
4343B * 型 Q メータまたは同等品で
測定されます。
(4) 最大許容電流は、ユニバーサルブリッジまたは同等品を使
用して 1KHzで測定したインダクタンスの値が印加直流電流
によって 10
%減少する時の値です。
(5) 自己共振周波数は、参考値です。
* Agilent Technologies
SELECTION GUIDE FOR STANDARD COILS / 標準品一覧表


Similar Part No. - 181LY-392K

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
181LY-392 TOKO-181LY-392 Datasheet
49Kb / 1P
   Radial Type Fixed Inductors
More results

Similar Description - 181LY-392K

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDRH10D48AA SUMIDA-CDRH10D48AA Datasheet
228Kb / 2P
   Magnetically shielded construction
logo
AVX Corporation
LMXSF AVX-LMXSF Datasheet
91Kb / 4P
   Magnetically Shielded Construction
LMXSL AVX-LMXSL Datasheet
86Kb / 2P
   Magnetically Shielded Construction
logo
Sumida Corporation
CDRH2D11 SUMIDA-CDRH2D11_13 Datasheet
136Kb / 4P
   Magnetically shielded construction.
CDPQ2010 SUMIDA-CDPQ2010 Datasheet
291Kb / 4P
   Ferrite core construction, Magnetically shielded
logo
List of Unclassifed Man...
SCRH6D28 ETC2-SCRH6D28 Datasheet
227Kb / 1P
   Magnetically shielded construction, Excellent Power Density
logo
Bel Fuse Inc.
SCRH73B BEL-SCRH73B Datasheet
818Kb / 1P
   SMD POWER INDUCTORS Magnetically shielded construction
SCRH104 BEL-SCRH104 Datasheet
792Kb / 1P
   SMD POWER INDUCTORS Magnetically shielded construction
SCRH105R BEL-SCRH105R Datasheet
790Kb / 1P
   SMD POWER INDUCTORS Magnetically shielded construction
SCRH124 BEL-SCRH124 Datasheet
805Kb / 1P
   SMD POWER INDUCTORS Magnetically shielded construction
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com