Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

264-4493-00-0602J Datasheet(PDF) 3 Page - 3M Electronics

Part # 264-4493-00-0602J
Description  For DIPs with .100" (2.54 mm) lead spacing
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

264-4493-00-0602J Datasheet(HTML) 3 Page - 3M Electronics

  264-4493-00-0602J Datasheet HTML 1Page - 3M Electronics 264-4493-00-0602J Datasheet HTML 2Page - 3M Electronics 264-4493-00-0602J Datasheet HTML 3Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3M Electronic Handling and Protection Division
6801 River Place Blvd.
Austin, TX 78726-9000
.100
" (2.54 mm) DIP Sockets
ZIP DIP
Contact Quantity
Device Row Spacing Accepted
Dim A
Dim B
Dim C
Dim D
Dim E
Dim F
14
.17 – .43
[ 4.3 ] – [ 10.9 ]
1.30
[ 33.0 ]
.60
[ 15.2 ]
1.11
[ 28.2 ]
16
.17 – .43
[ 4.3 ] – [ 10.9 ]
1.39
[ 35.3 ]
.60
.300
.70
[ 17.8 ]
.30
1.21
[ 30.7 ]
18
.17 – .43
[ 4.3 ] – [ 10.9 ]
1.49
[ 37.8 ]
.60
[ 15.2 ]
.300
[ 7.62 ]
.80
[ 20.3 ]
.30
[ 7.6 ]
1.31
[ 33.3 ]
20
.17 – .43
[ 4.3 ] – [ 10.9 ]
1.59
[ 40.4 ]
.90
[ 22.9 ]
1.41
[ 35.8 ]
22
.27 – .53
[ 6.9 ] – [ 13.5 ]
1.69
[ 42.9 ]
.70
[ 17.8 ]
.400
[10.16 ]
1.00
[ 25.4 ]
.35
[ 8.9 ]
1.51
[ 38.4 ]
24
.47 – .73
[ 11.9 ] – [ 18.5 ]
1.79
.90
[ 22.9 ]
1.78
[ 45.3 ]
.600
[ 15.25 ]
1.10
.45
[ 11.4 ]
1.61
24
.17 – .43
[ 4.3 ] – [ 10.9 ]
[ 45.5 ]
.60
[ 15.2 ]
.300
[ 7.62 ]
1.10
[ 27.9 ]
.30
[ 7.6 ]
1.61
[ 40.9 ]
28
.47 – .73
[ 11.9 ] – [ 18.5 ]
1.99
.90
[ 22.9 ]
.600
[ 15.25 ]
1.30
.45
[ 11.4 ]
1.81
[ 46.0 ]
28
.27 – .53
[ 6.9 ] – [ 13.5 ]
[ 50.5 ]
1.98
[ 50.4 ]
.70
[ 17.8 ]
.400
[10.16 ]
1.30
[ 33.0 ]
.35
[ 8.9 ]
1.83
[ 46.0 ]
32
.47 – .73
[ 11.9 ] – [ 18.5 ]
2.19
[ 55.5 ]
.90
.600
1.50
[ 38.1 ]
.45
2.01
[ 51.1 ]
40
.47 – .73
[ 11.9 ] – [ 18.5 ]
2.58
[ 65.6 ]
.90
[ 22.9 ]
.600
[ 15.25 ]
1.90
.45
[ 11.4 ]
2.41
[ 61.2 ]
40
.87 – 1.13
[ 22.1 ] – [ 28.7 ]
2.58
[ 65.5 ]
1.30
[ 33.0 ]
1.000
[ 25.40 ]
1.90
[ 48.3 ]
.65
[ 16.5 ]
2.40
[ 61.0 ]
42
.47 – .73
[ 11.9 ] – [ 18.5 ]
2.68
[ 68.2 ]
.90
.600
2.0
[ 50.8 ]
.45
2.51
[ 63.8 ]
48
.47 – .73
[ 11.9 ] – [ 18.5 ]
2.98
[ 75.8 ]
.90
[ 22.9 ]
.600
[ 15.25 ]
2.30
[ 58.4 ]
.45
[ 11.4 ]
2.81
[ 71.4 ]
64
.77 – 1.03
[ 19.8 ] – [ 26.2 ]
3.95
[ 100.3 ]
1.30
[ 33.0 ]
.900
[ 22.86 ]
3.10
[ 78.7 ]
65
[ 16.5 ]
3.73
[ 94.7 ]
Socket Part Number
Contact Quantity
Distance Between Rows
Mating Receptacle Part Number
214-3339-00-0602J
14
214-3339-XX-0602J
216-3340-00-0602J
16
300 [ 7 62 ]
216-3340-XX-0602J
218-3341-00-0602J
18
.300 [ 7.62 ]
218-3341-XX-0602J
220-3342-00-0602J
20
220-3342-XX-0602J
222-3343-00-0602J
22
.400 [ 10.16 ]
222-3334-XX-0602J
224-1275-00-0602J
24
.600 [ 15.24 ]
*224-1275-XX-0602J
224-5248-00-0602J
24
.300 [ 7.62 ]
224-5248-XX-0602J
228-1277-00-0602J
28
.600 [ 15.24 ]
*228-1277-XX-0602J
228-4817-00-0602J
28
.400 [ 10.16 ]
228-4817-XX-0602J
232-1285-00-0602J
32
600 [ 15 24 ]
*232-1285-XX-0602J
240-1280-00-0602J
40
.600 [ 15.24 ]
240-1280-XX-0602J
240-3639-00-0602J
40
1.00 [ 25.4 ]
240-3639-XX-0602J
242-1281-00-0602J
42
600 [ 15 24 ]
*242-1281-XX-0602J
248-1282-00-0602J
48
.600 [ 15.24 ]
*248-1282-XX-0602J
264-4493-00-0602J
64
9.00 [ 22.86 ]
264-4993-XX-0602J
TS-0365-11
Sheet 3 of 3
*Only these P/N's available with -09, -19, -29, and -39 receptacle options.
All others only available with -09, and -19 options.
Contact Tail Length:
= 09 Solder Tail .13 [ 3.3 ] w/ flanges
= 19 Wire Wrap Tail .62 [15.8] w/ flanges
= 29 Solder Tail .13 [3.3] w/out flanges
= 39 Wire Wrap Tail .62 [15.8] w/out flanges
Ordering Information
XX
For technical, sales or ordering information call
800-328-0411
or visit our website:
http://www.3M.com/ehpd


Similar Part No. - 264-4493-00-0602J

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
264-10GD EVERLIGHT-264-10GD Datasheet
117Kb / 7P
   3.0mm Round Type LED Lamps
264-10GD EVERLIGHT-264-10GD Datasheet
109Kb / 7P
   3.0mm Round Type LED Lamps
264-10GD EVERLIGHT-264-10GD Datasheet
161Kb / 7P
   Low power cinsumption
REV 1.0
264-10GD/F182-17 EVERLIGHT-264-10GD/F182-17 Datasheet
105Kb / 6P
   3.0mm Round Type LED Lamps
REV 2
264-10HD EVERLIGHT-264-10HD Datasheet
161Kb / 7P
   Low power cinsumption
REV 1.0
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com