Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

264-4493-00-0602J Datasheet(PDF) 2 Page - 3M Electronics

Part # 264-4493-00-0602J
Description  For DIPs with .100" (2.54 mm) lead spacing
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

264-4493-00-0602J Datasheet(HTML) 2 Page - 3M Electronics

  264-4493-00-0602J Datasheet HTML 1Page - 3M Electronics 264-4493-00-0602J Datasheet HTML 2Page - 3M Electronics 264-4493-00-0602J Datasheet HTML 3Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
3M Electronic Handling and Protection Division
6801 River Place Blvd.
Austin, TX 78726-9000
.100" (2.54 mm) DIP Sockets
ZIP DIP
PART #
A
F
D
.325
[ 8.26 ]
C
B
.100
[ 2.54 ]
.46
[ 11.6 ]
Closed
E
2.40
[ 61.0 ]
.48
[ 12.3 ]
.012 X .030
[ 0.30 X 0.76 ]
Contact Tail
.02
[ 0.51 ]
Standoff
.110
[ 2.79 ]
Contact Tail
Length
.47
[ 11.9 ]
Ordering Information
See tables next sheet.
TS-0365-11
Sheet 2 of 3
.09
[ 2.3 ]
Notes:
1 This dimension is .105 [ 2.67 ] for the 48 and 64 lead sockets.
This dimension is .40 [ 10.2 ] for the 48 and 64 lead sockets.
224-1275-00-0602J, 228-1277-00-0602J, 232-1285-00-0602J, 240-1280-00-0602J,
242-1281-00-0602J, and 248-1182-00-0602J have thru holes and no screws.
(mm)
(.00)
(
± .25) (± .13)
Tolerance
± .010 ± .005
.000
Tolerance
Dimension
.00
(.0)
inch
2
3
1
2
3
For technical, sales or ordering information call
800-328-0411
or visit our website:
http://www.3M.com/ehpd


Similar Part No. - 264-4493-00-0602J

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
264-10GD EVERLIGHT-264-10GD Datasheet
117Kb / 7P
   3.0mm Round Type LED Lamps
264-10GD EVERLIGHT-264-10GD Datasheet
109Kb / 7P
   3.0mm Round Type LED Lamps
264-10GD EVERLIGHT-264-10GD Datasheet
161Kb / 7P
   Low power cinsumption
REV 1.0
264-10GD/F182-17 EVERLIGHT-264-10GD/F182-17 Datasheet
105Kb / 6P
   3.0mm Round Type LED Lamps
REV 2
264-10HD EVERLIGHT-264-10HD Datasheet
161Kb / 7P
   Low power cinsumption
REV 1.0
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com