Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

80-M006PNB006SA-K614C Datasheet(PDF) 4 Page - Vincotech

Part # 80-M006PNB006SA-K614C
Description  Solderless interconnection
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VINCOTECH [Vincotech]
Direct Link  http://www.vincotech.com
Logo VINCOTECH - Vincotech

80-M006PNB006SA-K614C Datasheet(HTML) 4 Page - Vincotech

  80-M006PNB006SA-K614C Datasheet HTML 1Page - Vincotech 80-M006PNB006SA-K614C Datasheet HTML 2Page - Vincotech 80-M006PNB006SA-K614C Datasheet HTML 3Page - Vincotech 80-M006PNB006SA-K614C Datasheet HTML 4Page - Vincotech 80-M006PNB006SA-K614C Datasheet HTML 5Page - Vincotech 80-M006PNB006SA-K614C Datasheet HTML 6Page - Vincotech 80-M006PNB006SA-K614C Datasheet HTML 7Page - Vincotech 80-M006PNB006SA-K614C Datasheet HTML 8Page - Vincotech 80-M006PNB006SA-K614C Datasheet HTML 9Page - Vincotech Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
80-M006PNB006SA-K614C;80-M006PNB006SA01-K614D
preliminary datasheet
Figure 1
Output inverter IGBT
Figure 2
Output inverter IGBT
Typical output characteristics
IC = f(VCE)
IC = f(VCE)
tp =
250
μs
tp =
250
μs
Tj =
25
°C
Tj =
150
°C
VGE from
7 V to 17 V in steps of 1 V
VGE from
7 V to 17 V in steps of 1 V
Figure 3
Output inverter IGBT
Figure 4
Output inverter FWD
Typical transfer characteristics
Typical diode forward current as
IC = f(VGE)
a function of forward voltage
IF = f(VF)
tp =
250
μs
tp =
250
μs
VCE =
10
V
Output Inverter
Typical output characteristics
0
4
8
12
16
20
01
23
45
V CE (V)
0
1
2
3
4
5
6
0123456789
10
V GE (V)
Tj = 25°C
Tj = Tjmax-25°C
0
4
8
12
16
20
0,0
0,5
1,0
1,5
2,0
2,5
V F (V)
Tj = 25°C
Tj = Tjmax-25°C
0
4
8
12
16
20
012
345
V CE (V)
copyright Vincotech
4
Revision: 1


Similar Part No. - 80-M006PNB006SA-K614C

ManufacturerPart #DatasheetDescription
logo
Vincotech
80-M006PNB006SA-K614 VINCOTECH-80-M006PNB006SA-K614_16 Datasheet
945Kb / 17P
   Solderless interconnection
More results

Similar Description - 80-M006PNB006SA-K614C

ManufacturerPart #DatasheetDescription
logo
Vincotech
V23990-K420-A40-PM VINCOTECH-V23990-K420-A40-PM Datasheet
1Mb / 18P
   Solderless interconnection
80-M006PNB010SA-K615C VINCOTECH-80-M006PNB010SA-K615C Datasheet
311Kb / 17P
   Solderless interconnection
80-M012PNB008SC-K619C41 VINCOTECH-80-M012PNB008SC-K619C41 Datasheet
314Kb / 17P
   Solderless interconnection
V23990-K220-A40-P1-14 VINCOTECH-V23990-K220-A40-P1-14 Datasheet
511Kb / 22P
   Solderless interconnection
V23990-K229-A41-D3-14 VINCOTECH-V23990-K229-A41-D3-14 Datasheet
393Kb / 22P
   Solderless interconnection
V23990-K420-A40-P1-14 VINCOTECH-V23990-K420-A40-P1-14 Datasheet
458Kb / 22P
   Solderless interconnection
80-M006PNB006SA-K614 VINCOTECH-80-M006PNB006SA-K614_16 Datasheet
945Kb / 17P
   Solderless interconnection
80-M3126BA140SC02-K489G40 VINCOTECH-80-M3126BA140SC02-K489G40 Datasheet
1Mb / 21P
   Solderless interconnection
80-M006PNB010SA-K615 VINCOTECH-80-M006PNB010SA-K615 Datasheet
939Kb / 17P
   Solderless interconnection
V23990-K229-A40-P3-14 VINCOTECH-V23990-K229-A40-P3-14 Datasheet
481Kb / 22P
   Solderless interconnection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com