Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PAC330AQR Datasheet(PDF) 1 Page - California Micro Devices Corp

Part # PAC330AQR
Description  P/ACTIVE AC TERMINATION NETWORK
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

PAC330AQR Datasheet(HTML) 1 Page - California Micro Devices Corp

  PAC330AQR Datasheet HTML 1Page - California Micro Devices Corp PAC330AQR Datasheet HTML 2Page - California Micro Devices Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© 2000 California Micro Devices Corp. All rights reserved.
4/00
215 Topaz Street, Milpitas, California 95035
Tel: (408) 263-3214
Fax: (408) 263-7846
www.calmicro.com
1
CALIFORNIA MICRO DEVICES
PACAC
P/ACTIVE AC TERMINATION NETWORK
Features
• High Frequency Performance
• Miniature QSOP Package
• 18 terminating lines/package
• Stable resistor-capacitor network
SCHEMATIC CONFIGURATION
Product Description
Note: CAMD’s P/Active AC Integrated Resistor-Capacitor Termination Network is an upgraded version of the original
PRC202/212 series. PACAC provides 2KV ESD protection, minimized lead inductance and parasitic capacitive effects
(with added ground pins), improved termination characteristics, and frequency response at high data transmission rates.
The PACAC is recommended for all new designs.
This integrated thin film resistor-capacitor network is designed to eliminate transmission line effects on high speed data
lines. Incorporating CAMD’s P/Active AC Integrated Resistor-Capacitor Termination Network will result in improved board
yields and reliability, minimized space and routing problems on the board, and reduced assembly costs. This highly
integrated network requires no DC power dissipation.
Why P/Active termination networks? A terminating RC is used to reduce or eliminate reflections on a transmission line. It
can perform this function only when its impedance value matches the characteristic impedance of the transmission line across a
broad frequency spectrum.
Passive components affect the electrical performance of electronic systems. In reality, every resistor has some parasitic
series inductance and a parasitic capacitance; and every capacitor has both series resistance and inductance. At low
speeds, these parasitics do not affect the performance of resistors and capacitors. However, at higher speeds, these
parasitics cause mismatch in a termination. To prevent these problems in high speed digital designs, a designer must take
special care in selecting passive components or networks.
The PACAC family of devices provides consistent and predictable behavior over a higher frequency range than discrete
components or any previous network products.
*Maximum frequency where the real part of the impedance of the AC
termination is within 10% tolerance of the designed resistance R.
20
21
22
23
24
19 18
17
16 15 14
13
12
345
6
7
8
9
10
12
11
Refer to AP-201 Termination Application Note for
further information.
Applications
• AC Termination
• Low Pass Filtering
C0840400
S
N
O
I
T
A
C
I
F
I
C
E
P
S
D
R
A
D
N
A
T
S
)
R
(
e
c
n
a
r
e
l
o
T
e
t
u
l
o
s
b
A%
0
1
±
)
C
(
e
c
n
a
r
e
l
o
T
e
t
u
l
o
s
b
A%
0
1
±
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
g
n
it
a
r
e
p
OC
°
0
7
o
t
C
°
0
)t
i
u
c
ri
C
t
x
e
T
e
e
S
(
k
l
a
t
s
s
o
r
C)l
a
c
i
p
y
t
(
%
5
<
r
o
t
si
s
e
R
/
g
n
it
a
R
r
e
w
o
PW
m
0
0
1
p
m
a
l
C
D
S
E
p
m
a
l
C
e
v
it
is
o
P
p
m
a
l
C
e
v
it
a
g
e
N
V
6
>
V
6
-
<
n
o
it
c
e
t
o
r
P
D
S
E
)
5
1
0
3
d
o
h
t
e
M
,
3
3
8
-
D
T
S
-
L
I
M
r
e
p
(V
K
2
>
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
SC
°
0
5
1
o
t
C
°
0
6
-
g
n
it
a
R
r
e
w
o
P
e
g
a
k
c
a
P.
x
a
m
,
W
0
0
.
1
D
R
A
D
N
A
T
S
S
E
U
L
A
V
(
R Ω))
f
p
(
C
@
*
x
a
m
f
%
0
1
±
R
e
m
i
T
)
s
n
(
t
n
a
t
s
n
o
C
e
d
o
C
C
R
3
37
4z
H
G
1
5
5
.
10
7
4
/
0
3
3
7
47
4z
H
G
1
1
2
.
20
7
4
/
0
7
4
7
43
3z
H
G
1
5
5
.
10
3
3
/
0
7
4
5
70
5z
H
G
1
5
7
.
30
0
5
/
0
5
7
0
0
10
0
1z
H
G
10
.
0
11
0
1
/
1
0
1


Similar Part No. - PAC330AQR

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
PAC330FRPIQ24 CALMIRCO-PAC330FRPIQ24 Datasheet
124Kb / 3P
   P/Active 1% Tolerance Precision Isolated series Termination Network
PAC330FRPIQ24R CALMIRCO-PAC330FRPIQ24R Datasheet
124Kb / 3P
   P/Active 1% Tolerance Precision Isolated series Termination Network
PAC330FRPIQ24T CALMIRCO-PAC330FRPIQ24T Datasheet
124Kb / 3P
   P/Active 1% Tolerance Precision Isolated series Termination Network
PAC330QR CALMIRCO-PAC330QR Datasheet
62Kb / 3P
   P/ACTIVE EMI/RFI T FILTER
PAC330QT CALMIRCO-PAC330QT Datasheet
62Kb / 3P
   P/ACTIVE EMI/RFI T FILTER
More results

Similar Description - PAC330AQR

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
PACV35 CALMIRCO-PACV35 Datasheet
88Kb / 1P
   P/ACTIVE V.35 TERMINATION NETWORK
PACS1284-06 CALMIRCO-PACS1284-06 Datasheet
93Kb / 5P
   P/ACTIVE IEEE 1284 ECP/EPP TERMINATION NETWORK
PACDT CALMIRCO-PACDT Datasheet
50Kb / 2P
   P/Active 1% Tolerance Dual Thevenin Termination Network
PAC002SPFQ CALMIRCO-PAC002SPFQ Datasheet
37Kb / 1P
   P/Active 1% Tolerance Seriers/Parallel Termination Network
PAC1284 CALMIRCO-PAC1284 Datasheet
116Kb / 2P
   P/ACTIVE IEEE 1284 ECP/EPP TERMINATION NETWORK
PACSZ1284 CALMIRCO-PACSZ1284 Datasheet
112Kb / 7P
   P/ACTIVE IEEE 1284 ECP/EPP TERMINATION NETWORK
SUPER1284 CALMIRCO-SUPER1284 Datasheet
398Kb / 5P
   P/ACTIVE IEEE 1284 ECP/EPP TERMINATION NETWORK
PACS1284 CALMIRCO-PACS1284 Datasheet
114Kb / 7P
   P/ACTIVE IEEE 1284 ECP/EPP TERMINATION NETWORK
PRC202 CALMIRCO-PRC202 Datasheet
37Kb / 2P
   AC TERMINATION NETWORK
PACRG CALMIRCO-PACRG Datasheet
88Kb / 3P
   P/ACTIVE HIGH PERFORMANCE GTL/ECL LOCAL TERMINATION NETWORK
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com