Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V23990K229A10PM Datasheet(PDF) 2 Page - Vincotech

Part # V23990K229A10PM
Description  Standard Power Integrated Module
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VINCOTECH [Vincotech]
Direct Link  http://www.vincotech.com
Logo VINCOTECH - Vincotech

V23990K229A10PM Datasheet(HTML) 2 Page - Vincotech

  V23990K229A10PM Datasheet HTML 1Page - Vincotech V23990K229A10PM Datasheet HTML 2Page - Vincotech V23990K229A10PM Datasheet HTML 3Page - Vincotech V23990K229A10PM Datasheet HTML 4Page - Vincotech V23990K229A10PM Datasheet HTML 5Page - Vincotech V23990K229A10PM Datasheet HTML 6Page - Vincotech V23990K229A10PM Datasheet HTML 7Page - Vincotech V23990K229A10PM Datasheet HTML 8Page - Vincotech V23990K229A10PM Datasheet HTML 9Page - Vincotech Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
V23990-K22X-A-PM
MiniSKiiP 2nd Gen. PIM Size 2
V23990-K22X-U-02-14
MiniSKiiP is a trademark of SEMIKRON.
SEMIKRON is a trademark. Tyco is a trademark.
copyright by Tyco Electronics
Finsinger Feld 1
D-85521 Ottobrunn
Page2
Module Types / Produkttypen
Module Partnumber
Voltage
Current
V23990-K222-A-PM*
600 V
30 A
V23990-K222-A30-PM*
600 V
30 A
V23990-K223-A-PM*
600 V
50 A
V23990-K223-A30-PM*
600 V
50 A
V23990-K229-A-PM*
1200 V
25 A
V23990-K229-A10-PM*
1200 V
25 A
V23990-K220-A-PM*
1200 V
35 A
*) part numbers are for module only, lid has to be ordered seperately
Lid Partnumber
Description
V23990-K22-T-PM
Size 2 standard lid (black with metal plate)
V23990-K23-T-PM
Size 2 low profile lid (white with metal plate)
Schematic/ Schaltplan
Copyright by Vincotech
Revision:1


Similar Part No. - V23990K229A10PM

ManufacturerPart #DatasheetDescription
logo
Vincotech
V23990K200APM VINCOTECH-V23990K200APM Datasheet
539Kb / 11P
   Standard Power Integrated Module
V23990K201APM VINCOTECH-V23990K201APM Datasheet
539Kb / 11P
   Standard Power Integrated Module
V23990K202APM VINCOTECH-V23990K202APM Datasheet
539Kb / 11P
   Standard Power Integrated Module
V23990K203APM VINCOTECH-V23990K203APM Datasheet
539Kb / 11P
   Standard Power Integrated Module
V23990K204APM VINCOTECH-V23990K204APM Datasheet
539Kb / 11P
   Standard Power Integrated Module
More results

Similar Description - V23990K229A10PM

ManufacturerPart #DatasheetDescription
logo
Vincotech
V23990-P63X-A-U-D1-14 VINCOTECH-V23990-P63X-A-U-D1-14 Datasheet
504Kb / 5P
   Standard Power Integrated Module
V23990-K24X-U-D1-14 VINCOTECH-V23990-K24X-U-D1-14 Datasheet
777Kb / 13P
   Standard Power Integrated Module
V23990-K20X-U-D1-14 VINCOTECH-V23990-K20X-U-D1-14 Datasheet
539Kb / 11P
   Standard Power Integrated Module
V23990P585APM VINCOTECH-V23990P585APM Datasheet
202Kb / 4P
   Standard Power Integrated Module
logo
Fuji Electric
7MBR15SA140 FUJI-7MBR15SA140 Datasheet
2Mb / 10P
   Power Integrated Module
7MBR35SB140 FUJI-7MBR35SB140 Datasheet
2Mb / 10P
   Power Integrated Module
7MBR10UF120 FUJI-7MBR10UF120 Datasheet
1Mb / 16P
   Power Integrated Module
7MBR20SA060A FUJI-7MBR20SA060A Datasheet
389Kb / 10P
   Power Integrated Module
7MBR25SA140 FUJI-7MBR25SA140 Datasheet
2Mb / 10P
   Power Integrated Module
7MBR15UF060 FUJI-7MBR15UF060 Datasheet
1,007Kb / 16P
   Power Integrated Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com