Electronic Components Datasheet Search |
|
V23990-K200-A-P1-14 Datasheet(PDF) 4 Page - Vincotech |
|
V23990-K200-A-P1-14 Datasheet(HTML) 4 Page - Vincotech |
4 / 16 page V23990-K200-A-PM preliminary datasheet MiniSKiiP 2nd Gen. PIM Size 1, 1200V / 15A V23990-K200-A-01-14 Characteristic values Description Symbol Conditions Unit T(C°) Other conditions VGE(V) VR(V) VCE(V) IC(A) IF(A) (Rgon-Rgoff) VGS(V) VDS(V) Id(A) Min Typ Max Values Diode Inverter Diode Wechselrichter Diode forward voltage VF Tj=25°C 15 1,81 2 V Durchlaßspannung Tj=125°C 15 1,87 Peak reverse recovery current IRM Tj=25°C Rgon=36 Ohm $ Rückstromspitze Tj=125°C diF/dt = 480 A/us 15 600 15 14,6 Reverse recovery time trr Tj=25°C Rgon=36 Ohm ns Sperreverzögerungszeit Tj=125°C diF/dt = 480 A/us 15 600 15 623 Reverse recovered charge Qrr Tj=25°C Rgon=36 Ohm uC Sperrverzögerungsladung Tj=125°C diF/dt = 480 A/us 15 600 15 3,37 Reverse recovered energy Erec Tj=25°C Rgon=36 Ohm mWs Sperrverzögerungsenergie Tj=125°C diF/dt = 480 A/us 15 600 15 1,388 Thermal resistance chip to heatsink per chip Wärmewiderstand Chip-Kühlkörper pro Chip R thJH Thermal grease thickness50um 2,04 K/W Thermal resistance chip to case per chip Wärmewiderstand Chip-Gehause pro Chip RthJC Warmeleitpaste Dicke50um = 0,61 W/mK 1,3 K/W Coupled thermal resistance inverter transistor-diode R thJH Thermal grease thickness50um 0,4 K/W Gekoppelte Wärmewiderstand Wechselrichter Transistor-Diode Warmeleitpaste Dicke50um = 0,61 W/mK Transistor BRC Transistor BRC Gate emitter threshold voltage VGE(th) Tj=25°C VCE=VGE 0,0006 5 5,8 6,5 V Gate-Schwellenspannung Tj=125°C Collector-emitter saturation voltage VCE(sat) Tj=25°C 15 15 1,3 1,9 2,3 V Kollektor-Emitter Sättigungsspannung Tj=125°C 15 15 2,09 Collector-emitter cut-off ICES Tj=25°C 0 1224 0,1 mA Kollektor-Emitter Reststrom Tj=125°C Gate-emitter leakage current IGES Tj=25°C ±25 0 180 nA Gate-Emitter Reststrom Tj=125°C Turn-on delay time td(on) Tj=25°C Rgoff=54 Ohm ns Einschaltverzögerungszeit Tj=125°C Rgon=54 Ohm ±15 600 15 44,7 Rise time tr Tj=25°C Rgoff=54 Ohm ns Anstiegszeit Tj=125°C Rgon=54 Ohm ±15 600 15 32,8 Turn-off delay time td(off) Tj=25°C Rgoff=54 Ohm ns Abschaltverzögerungszeit Tj=125°C Rgon=54 Ohm ±15 600 15 419,2 Fall time tf Tj=25°C Rgoff=54 Ohm ns Fallzeit Tj=125°C Rgon=54 Ohm ±15 600 15 198,3 Turn-on energy loss per pulse E on Tj=25°C Rgoff=54 Ohm mWs Einschaltverlustenergie pro Puls Tj=125°C Rgon=54 Ohm ±15 600 15 1,96 Turn-off energy loss per pulse E off Tj=25°C Rgoff=54 Ohm mWs Abschaltverlustenergie pro Puls Tj=125°C Rgon=54 Ohm ±15 600 15 1,65 SC withstand time t SC us Kurzschlußverhalten Tj=150°C 15 1200 10 Input capacitance C iss Tj=25°C f=1MHz 0 25 1 nF Eingangskapazität Tj=125°C Output capacitance Coss Tj=25°C f=1MHz 0 25 0,1 nF Ausgangskapazität Tj=125°C Reverse transfer capacitance Cies Tj=25°C f=1MHz 0 25 0,1 nF Rückwirkungskapazität Tj=125°C Gate charge Qgate Tj=25°C VCE=600V 15 108 nC Gate Ladung Tj=125°C ICpulse=15A Thermal resistance chip to heatsink per chip Wärmewiderstand Chip-Kühlkörper pro Chip R thJH Thermal grease thickness50um 1,58 K/W Thermal resistance chip to case per chip Wärmewiderstand Chip-Gehause pro Chip Warmeleitpaste Dicke50um = 0,61 W/mK 1,04 K/W MiniSKiiP is a trademark of SEMIKRON. SEMIKRON is a trademark. Tyco is a trademark. copyright by Tyco Electronics Finsinger Feld 1, D-85521 Ottobrunn Page4 power.switches@tycoelectronics.com Copyright by Vincotech Revision:1 |
Similar Part No. - V23990-K200-A-P1-14 |
|
Similar Description - V23990-K200-A-P1-14 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |