Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V23990-K243-A-T1-14 Datasheet(PDF) 9 Page - Vincotech

Part # V23990-K243-A-T1-14
Description  2nd Gen. PIM Size 3, 600V / 100A
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VINCOTECH [Vincotech]
Direct Link  http://www.vincotech.com
Logo VINCOTECH - Vincotech

V23990-K243-A-T1-14 Datasheet(HTML) 9 Page - Vincotech

Back Button V23990-K243-A-T1-14 Datasheet HTML 5Page - Vincotech V23990-K243-A-T1-14 Datasheet HTML 6Page - Vincotech V23990-K243-A-T1-14 Datasheet HTML 7Page - Vincotech V23990-K243-A-T1-14 Datasheet HTML 8Page - Vincotech V23990-K243-A-T1-14 Datasheet HTML 9Page - Vincotech V23990-K243-A-T1-14 Datasheet HTML 10Page - Vincotech V23990-K243-A-T1-14 Datasheet HTML 11Page - Vincotech V23990-K243-A-T1-14 Datasheet HTML 12Page - Vincotech V23990-K243-A-T1-14 Datasheet HTML 13Page - Vincotech  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
V23990-K243-A-PM
target datasheet
MiniSKiiP 2nd Gen. PIM Size 3, 600V / 100A
V23990-K243-A-00-14
Brake
Figure 13. Typical output characteristics
Figure 14. Typical output characteristics
Brake IGBT
Brake IGBT
Ic= f(VCE)
Ic= f(VCE)
parameter: tp = 250 us
Tj = 25 °C
parameter: tp = 250 us
Tj = 125 °C
VGE parameter:
from:
7 V to
17 V
VGE parameter:
from:
7 V to
17 V
in
1 V steps
in
1 V steps
Figure 15. Typical transfer characteristics
Brake IGBT
Ic= f(VGE)
parameter: tp = 250 us
VCE =
10 V
0
40
80
120
160
200
240
01
23
45
VCE (V)
VGE=7V
VGE=17V
0
40
80
120
160
200
240
012
345
VCE (V)
VGE=7V
VGE=17V
0
20
40
60
80
100
120
02468
10
12
V GE (V)
125 °C
25 °C
MiniSKiiP is a trademark of SEMIKRON.
SEMIKRON is a trademark. Tyco is a trademark.
copyright by Tyco Electronics
Finsinger Feld 1, D-85521 Ottobrunn
Page9
Copyright by Vincotech
Revision:1


Similar Part No. - V23990-K243-A-T1-14

ManufacturerPart #DatasheetDescription
logo
Vincotech
V23990-K243-A-0A-PM VINCOTECH-V23990-K243-A-0A-PM Datasheet
2Mb / 17P
   IGBT3 technology for low saturation losses
V23990-K243-A-0B-PM VINCOTECH-V23990-K243-A-0B-PM Datasheet
2Mb / 17P
   IGBT3 technology for low saturation losses
V23990-K243-A-1A-PM VINCOTECH-V23990-K243-A-1A-PM Datasheet
2Mb / 17P
   IGBT3 technology for low saturation losses
V23990-K243-A-1B-PM VINCOTECH-V23990-K243-A-1B-PM Datasheet
2Mb / 17P
   IGBT3 technology for low saturation losses
V23990-K243-A-PM VINCOTECH-V23990-K243-A-PM Datasheet
2Mb / 17P
   IGBT3 technology for low saturation losses
More results

Similar Description - V23990-K243-A-T1-14

ManufacturerPart #DatasheetDescription
logo
Vincotech
V23990-K242-A-T1-14 VINCOTECH-V23990-K242-A-T1-14 Datasheet
171Kb / 13P
   2nd Gen. PIM Size 3, 600V / 75A
V23990-K223-A-T1-14 VINCOTECH-V23990-K223-A-T1-14 Datasheet
169Kb / 14P
   2nd Gen. PIM Size 2, 600V / 50A
V23990-K222-A-T1-14 VINCOTECH-V23990-K222-A-T1-14 Datasheet
179Kb / 14P
   2nd Gen. PIM Size 2, 600V / 30A
V23990-K204-A-T1-14 VINCOTECH-V23990-K204-A-T1-14 Datasheet
175Kb / 14P
   MiniSKiiP 2nd Gen. PIM Size 1, 600V / 20A
V23990-K201-A-T1-14 VINCOTECH-V23990-K201-A-T1-14 Datasheet
161Kb / 14P
   MiniSKiiP 2nd Gen. PIM Size 1, 600V / 6A
V23990-K240-A-P1-14 VINCOTECH-V23990-K240-A-P1-14 Datasheet
177Kb / 15P
   2nd Gen. PIM Size 3, 1200V / 70A
V23990-K249-A-P1-14 VINCOTECH-V23990-K249-A-P1-14 Datasheet
178Kb / 15P
   2nd Gen. PIM Size 3, 1200V / 50A
V23990-K203-A-P-14 VINCOTECH-V23990-K203-A-P-14 Datasheet
298Kb / 19P
   MiniSKiiP 2nd Gen. PIM Size 1, 600V / 15A
V23990-K229-A-P1-14 VINCOTECH-V23990-K229-A-P1-14 Datasheet
176Kb / 16P
   2nd Gen. PIM Size 2, 1200V / 25A
V23990-K220-A-P1-14 VINCOTECH-V23990-K220-A-P1-14 Datasheet
177Kb / 16P
   2nd Gen. PIM Size 2, 1200V / 35A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com