Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q65111A5410 Datasheet(PDF) 7 Page - OSRAM GmbH

Part # Q65111A5410
Description  GW P9LRS1.EM
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

Q65111A5410 Datasheet(HTML) 7 Page - OSRAM GmbH

Back Button Q65111A5410 Datasheet HTML 3Page - OSRAM GmbH Q65111A5410 Datasheet HTML 4Page - OSRAM GmbH Q65111A5410 Datasheet HTML 5Page - OSRAM GmbH Q65111A5410 Datasheet HTML 6Page - OSRAM GmbH Q65111A5410 Datasheet HTML 7Page - OSRAM GmbH Q65111A5410 Datasheet HTML 8Page - OSRAM GmbH Q65111A5410 Datasheet HTML 9Page - OSRAM GmbH Q65111A5410 Datasheet HTML 10Page - OSRAM GmbH Q65111A5410 Datasheet HTML 11Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
Version 1.0
GW P9LRS1.EM
2013-11-15
7
Color Chromaticity Groups (IF = 200 mA, extrapolated to TJ = 100 °C) 7) page 22 , 6) page 22
Farbortgruppen 7) Seite 22 , 6) Seite 22
Group
Cx
Cy
a
b
Θ
65S3
0.3131
0.3281
0.0066
0.0027
58
65S5
0.3131
0.3281
0.0109
0.0045
58
57S3
0.3292
0.3412
0.0071
0.0031
59
57S5
0.3292
0.3412
0.0118
0.0051
59
50S3
0.3450
0.3547
0.0081
0.0035
60
50S5
0.3450
0.3547
0.0135
0.0058
60
40S3
0.3823
0.3790
0.0094
0.0040
53
40S5
0.3823
0.3790
0.0156
0.0067
53
30S3
0.4339
0.4020
0.0085
0.0041
53
30S5
0.4339
0.4020
0.0142
0.0068
53
27S3
0.4578
0.4092
0.0079
0.0041
54
27S5
0.4578
0.4092
0.0132
0.0068
54
Note:
Cx and Cy are the center coordinates of the ellipse, a the length of the major axis, b the length of the minor axis and
Θ the angle of the major axis as defined in IEC 68001.
Anm.:
Cx und Cy sind die Mittelpunktkoordinaten der Ellipse, a die Länge der Hauptachse, b die Länge der Nebenachse
und Θ der Winkel der Hauptachse wie in IEC 68001 definiert.


Similar Part No. - Q65111A5410

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
Q65111A5419 OSRAM-Q65111A5419 Datasheet
744Kb / 19P
   Outdoor lighting
More results

Similar Description - Q65111A5410

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
Q65111A4837 OSRAM-Q65111A4837 Datasheet
656Kb / 23P
   GW P9LMS1.EM
logo
List of Unclassifed Man...
TMB ETC-TMB Datasheet
136Kb / 1P
   EM Brake
MMC ETC-MMC Datasheet
248Kb / 1P
   EM Clutch
VCE ETC2-VCE Datasheet
310Kb / 8P
   EM Clutch
MMC-70E ETC-MMC-70E Datasheet
255Kb / 1P
   EM Clutch
VBE ETC2-VBE Datasheet
107Kb / 1P
   EM Brake
AMB ETC-AMB Datasheet
98Kb / 1P
   Micro EM Brake
AMC ETC-AMC Datasheet
104Kb / 1P
   Micro EM Clutch
MIC ETC-MIC Datasheet
188Kb / 2P
   Micro EM Clutch
MZ-100 ETC-MZ-100 Datasheet
171Kb / 1P
   EM Tooth Clutch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com