Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q65111A4931 Datasheet(PDF) 11 Page - OSRAM GmbH

Part # Q65111A4931
Description  GW P9LRS1.EM
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

Q65111A4931 Datasheet(HTML) 11 Page - OSRAM GmbH

Back Button Q65111A4931 Datasheet HTML 7Page - OSRAM GmbH Q65111A4931 Datasheet HTML 8Page - OSRAM GmbH Q65111A4931 Datasheet HTML 9Page - OSRAM GmbH Q65111A4931 Datasheet HTML 10Page - OSRAM GmbH Q65111A4931 Datasheet HTML 11Page - OSRAM GmbH Q65111A4931 Datasheet HTML 12Page - OSRAM GmbH Q65111A4931 Datasheet HTML 13Page - OSRAM GmbH Q65111A4931 Datasheet HTML 14Page - OSRAM GmbH Q65111A4931 Datasheet HTML 15Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
Version 1.0
GW P9LRS1.EM
2013-11-15
11
Relative Forward Voltage 8) page 22
Relative Vorwärtsspannung 8) Seite 22
ΔVF = VF - VF(25 °C) = f(Tj); IF = 200 mA
Relative Luminous Flux 8) page 22
Relative Lichtstrom 8) Seite 22
ΦVV(25 °C) = f(Tj); IF = 200 mA
Chromaticity Coordinate Shift 8) page 22
Farbortverschiebung 8) Seite 22
Cx, Cy = f(Tj); IF = 200 mA
GW P9LRS1.EM
-40
-20
0
20
40
60
80
100 120
Tj [°C]
-1.0
-0.5
0.0
0.5
1.0
1.5
ΔVF [V]
GW P9LRS1.EM
-40
-20
0
20
40
60
80
100 120
Tj [°C]
0.0
0.2
0.4
0.6
0.8
1.0
1.2
Φv
Φv(25°C)
GW P9LRS1.EM
-40
-20
0
20
40
60
80
100 120
Tj [°C]
0.40
0.41
0.42
0.43
Cx
Cy
: Cx
: Cy


Similar Part No. - Q65111A4931

ManufacturerPart #DatasheetDescription
logo
ams AG
Q65111A4941 AMSCO-Q65111A4941 Datasheet
760Kb / 17P
   TOPLED® Black High Power Infrared Emitter (850 nm)
Version 1.7 2021-10-14
logo
OSRAM GmbH
Q65111A4973 OSRAM-Q65111A4973 Datasheet
668Kb / 19P
   Shop lighting
Q65111A4974 OSRAM-Q65111A4974 Datasheet
668Kb / 19P
   Shop lighting
Q65111A4975 OSRAM-Q65111A4975 Datasheet
668Kb / 19P
   Shop lighting
Q65111A4976 OSRAM-Q65111A4976 Datasheet
668Kb / 19P
   Shop lighting
More results

Similar Description - Q65111A4931

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
Q65111A4837 OSRAM-Q65111A4837 Datasheet
656Kb / 23P
   GW P9LMS1.EM
logo
List of Unclassifed Man...
TMB ETC-TMB Datasheet
136Kb / 1P
   EM Brake
MMC ETC-MMC Datasheet
248Kb / 1P
   EM Clutch
VCE ETC2-VCE Datasheet
310Kb / 8P
   EM Clutch
MMC-70E ETC-MMC-70E Datasheet
255Kb / 1P
   EM Clutch
VBE ETC2-VBE Datasheet
107Kb / 1P
   EM Brake
AMB ETC-AMB Datasheet
98Kb / 1P
   Micro EM Brake
AMC ETC-AMC Datasheet
104Kb / 1P
   Micro EM Clutch
MIC ETC-MIC Datasheet
188Kb / 2P
   Micro EM Clutch
MZ-100 ETC-MZ-100 Datasheet
171Kb / 1P
   EM Tooth Clutch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com