Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP2S130 Datasheet(PDF) 10 Page - Altera Corporation

Part # EP2S130
Description  The Stratix II family offers the following features
Download  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP2S130 Datasheet(HTML) 10 Page - Altera Corporation

Back Button EP2S130 Datasheet HTML 6Page - Altera Corporation EP2S130 Datasheet HTML 7Page - Altera Corporation EP2S130 Datasheet HTML 8Page - Altera Corporation EP2S130 Datasheet HTML 9Page - Altera Corporation EP2S130 Datasheet HTML 10Page - Altera Corporation EP2S130 Datasheet HTML 11Page - Altera Corporation EP2S130 Datasheet HTML 12Page - Altera Corporation EP2S130 Datasheet HTML 13Page - Altera Corporation EP2S130 Datasheet HTML 14Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 238 page
background image
2–2
Altera Corporation
Stratix II Device Handbook, Volume 1
May 2007
Functional Description
Each Stratix II device I/O pin is fed by an I/O element (IOE) located at
the end of LAB rows and columns around the periphery of the device.
I/O pins support numerous single-ended and differential I/O standards.
Each IOE contains a bidirectional I/O buffer and six registers for
registering input, output, and output-enable signals. When used with
dedicated clocks, these registers provide exceptional performance and
interface support with external memory devices such as DDR and DDR2
SDRAM, RLDRAM II, and QDR II SRAM devices. High-speed serial
interface channels with dynamic phase alignment (DPA) support data
transfer at up to 1 Gbps using LVDS or HyperTransportTM technology I/O
standards.
Figure 2–1 shows an overview of the Stratix II device.
Figure 2–1. Stratix II Block Diagram
M512 RAM Blocks for
Dual-Port Memory, Shift
Registers, & FIFO Buffers
DSP Blocks for
Multiplication and Full
Implementation of FIR Filters
M4K RAM Blocks
for True Dual-Port
Memory & Other Embedded
Memory Functions
IOEs Support DDR, PCI, PCI-X,
SSTL-3, SSTL-2, HSTL-1, HSTL-2,
LVDS, HyperTransport & other
I/O Standards
IOEs
IOEs
IOEs
IOEs
IOEs
IOEs
IOEs
IOEs
IOEs
IOEs
IOEs
IOEs
IOEs
IOEs
IOEs
IOEs
IOEs
LABs
LABs
IOEs
LABs
LABs
LABs
LABs
LABs
LABs
LABs
LABs
LABs
LABs
LABs
LABs
LABs
LABs
LABs
LABs
LABs
IOEs
LABs
LABs
LABs
LABs
LABs
LABs
LABs
LABs
LABs
LABs
LABs
LABs
LABs
LABs
LABs
LABs
LABs
LABs
IOEs
IOEs
LABs
LABs
LABs
LABs
LABs
LABs
LABs
LABs
LABs
LABs
LABs
LABs
LABs
LABs
LABs
LABs
LABs
LABs
LABs
LABs
LABs
LABs
LABs
LABs
LABs
LABs
LABs
LABs
LABs
LABs
LABs
LABs
LABs
LABs
LABs
LABs
LABs
LABs
LABs
LABs
LABs
LABs
LABs
LABs
LABs
LABs
LABs
DSP
Block
M-RAM Block


Similar Part No. - EP2S130

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP2S130 ALTERA-EP2S130 Datasheet
2Mb / 238P
   Stratix II Device Family
EP2S130 ALTERA-EP2S130 Datasheet
456Kb / 34P
   1. Enhanced Configuration Devices (EPC4, EPC8, and EPC16) Data Sheet
EP2S130 ALTERA-EP2S130 Datasheet
2Mb / 182P
   Package Information Datasheet for Mature Altera Devices
EP2S130 ALTERA-EP2S130 Datasheet
633Kb / 36P
   Enhanced Configuration (EPC) Devices Datasheet
EP2S130 ALTERA-EP2S130 Datasheet
5Mb / 768P
   Stratix II Device Handbook, Volume 1
More results

Similar Description - EP2S130

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MC56F826XXDS NXP-MC56F826XXDS Datasheet
1Mb / 60P
   The following table is the comparsion of features among members of the family.
Rev. 0, 08/2018
logo
Xilinx, Inc
DS484 XILINX-DS484 Datasheet
189Kb / 5P
   The Split Operation has the following features:
logo
NXP Semiconductors
K61P256M150SF3 NXP-K61P256M150SF3 Datasheet
1Mb / 94P
   K61 Sub-Family Supports the following
Rev. 7, 02/2018
logo
Zilog, Inc.
ZRD0027PLM0ZRD ZILOG-ZRD0027PLM0ZRD Datasheet
558Kb / 24P
   This reference design features the following elements
logo
NXP Semiconductors
K70P256M120SF3 NXP-K70P256M120SF3 Datasheet
1Mb / 97P
   K70 Sub-Family Supports the following
Rev. 7, 02/2018
K10P64M50SF0 NXP-K10P64M50SF0_V01 Datasheet
988Kb / 62P
   K10 Sub-Family Supports the following
Rev. 5 10/2023
logo
Altera Corporation
EP2S15 ALTERA-EP2S15 Datasheet
2Mb / 238P
   Stratix II Device Family
logo
Gamewell-FCI by Honeywe...
FPT-XSTAND GAMEWELL-FCI-FPT-XSTAND Datasheet
72Kb / 2P
   Provides the following
logo
Future Technology Devic...
FT240X FTDI-FT240X Datasheet
754Kb / 40P
   The FT240X is a USB to parallel FIFO interface with the following advanced features
FT232BL_BQ FTDI-FT232BL_BQ Datasheet
1Mb / 34P
   The FT232B is a USB to serial UART interface with the following advanced features
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com