Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EPM7128E Datasheet(PDF) 9 Page - Altera Corporation

Part # EPM7128E
Description  Programmable Logic Device Family
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EPM7128E Datasheet(HTML) 9 Page - Altera Corporation

Back Button EPM7128E Datasheet HTML 5Page - Altera Corporation EPM7128E Datasheet HTML 6Page - Altera Corporation EPM7128E Datasheet HTML 7Page - Altera Corporation EPM7128E Datasheet HTML 8Page - Altera Corporation EPM7128E Datasheet HTML 9Page - Altera Corporation EPM7128E Datasheet HTML 10Page - Altera Corporation EPM7128E Datasheet HTML 11Page - Altera Corporation EPM7128E Datasheet HTML 12Page - Altera Corporation EPM7128E Datasheet HTML 13Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 66 page
background image
Altera Corporation
9
MAX 7000 Programmable Logic Device Family Data Sheet
Each LAB is fed by the following signals:
36 signals from the PIA that are used for general logic inputs
Global controls that are used for secondary register functions
Direct input paths from I/O pins to the registers that are used
for fast setup times for MAX 7000E and MAX 7000S devices
Macrocells
The MAX 7000 macrocell can be individually configured for either
sequential or combinatorial logic operation. The macrocell consists
of three functional blocks: the logic array, the product-term select
matrix, and the programmable register. The macrocell of EPM7032,
EPM7064, and EPM7096 devices is shown in Figure 3.
Figure 3. EPM7032, EPM7064 & EPM7096 Device Macrocell
Product-
Ter
T
T m
Select
Matrix
36 Signals
from PIA
16 Expander
Product Ter
T
T ms
Logic Array
Parallel Logic
Expanders
(from other
macrocells)
Shared Logic
Expanders
Clear
Select
Global
Clear
Global
Clocks
Clock/
Enable
Select
2
PRN
CLRN
D/T
Q
ENA
Register
Bypass
To I/O
Control
Block
to PIA
Programmable
Register
From
I/O pin
Fast Input
Select
VCC


Similar Part No. - EPM7128E

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EPM7128E ALTERA-EPM7128E Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM7128E ALTERA-EPM7128E Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM7128E ALTERA-EPM7128E Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM7128E ALTERA-EPM7128E Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM7128E ALTERA-EPM7128E Datasheet
1Mb / 66P
   Programmable Logic Device Family
More results

Similar Description - EPM7128E

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP20K400EFI672-2X ALTERA-EP20K400EFI672-2X Datasheet
724Kb / 117P
   Programmable Logic Device Family
EPM7128SLC84-15 ALTERA-EPM7128SLC84-15 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM7128STC100-15N ALTERA-EPM7128STC100-15N Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM3064ATC44-10N ALTERA-EPM3064ATC44-10N Datasheet
715Kb / 46P
   Programmable Logic Device Family
EP1K30TC144-3N ALTERA-EP1K30TC144-3N Datasheet
1Mb / 86P
   Programmable Logic Device Family
EPM7192SQI160-10N ALTERA-EPM7192SQI160-10N Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM7160STI100-10 ALTERA-EPM7160STI100-10 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPF8282ALC84-4 ALTERA-EPF8282ALC84-4 Datasheet
957Kb / 62P
   Programmable Logic Device Family
EPM5064JC-1 ALTERA-EPM5064JC-1 Datasheet
831Kb / 36P
   Programmable Logic Device Family
EPM7032LC44-7 ALTERA-EPM7032LC44-7 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EP1K10TC144-2N ALTERA-EP1K10TC144-2N Datasheet
1Mb / 86P
   Programmable Logic Device Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com