Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ESMG100ESS221ME11D Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # ESMG100ESS221ME11D
Description  MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ESMG100ESS221ME11D Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  ESMG100ESS221ME11D Datasheet HTML 1Page - List of Unclassifed Manufacturers ESMG100ESS221ME11D Datasheet HTML 2Page - List of Unclassifed Manufacturers ESMG100ESS221ME11D Datasheet HTML 3Page - List of Unclassifed Manufacturers ESMG100ESS221ME11D Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
Downsized, 85C
CAT. No. E1001K
L'
15min.
4min.
Vent
(except F5)
L'
15min.
4min.
Vent
f5 to f18
]f20
Sleeve (PET : Black)
Sleeve (PET : Black)
?DIMENSIONS [mm]
5
0.5
2.0
fD
fd
F
fD'
L'
6.3
0.5
2.5
8
0.6
3.5
12.5
0.6
5.0
16
0.8
7.5
18
0.8
7.5
10
0.6
5.0
FD+0.5max.
L+1.5max.
20
1.0
10.0
22
1.0
10.0
FD+0.5max.
L+2.0max.
(F5 to F10)
(F12.5 to F18)
Gas escape end seal
@Endurance : 2,000 hours at 85C
@Solvent resistant type except 315 to 450Vdc
(see PRECAUTIONS AND GUIDELINES)
@RoHS Compliant
?SPECIFICATIONS
Category
Temperature Range
Rated Voltage Range
Capacitance Tolerance
Leakage Current
Dissipation Factor
(tane)
Low Temperature
Characteristics
(Max. Impedance Ratio)
Endurance
Shelf Life
Items
-40 to +85C(6.3 to 400Vdc)
-25 to +85C(450Vdc)
6.3 to 450Vdc
P20% (M)
6.3 to 100Vdc
160 to 450Vdc
[F18
I=0.03CV or 4MA, whichever is greater.
After 1minute
After 5minutes
CV[1,000 I=0.1CV+40 max.
I=0.03CV+15 max.
CV
>1,000 I=0.04CV+100 max.
I=0.02CV+25 max.
]F20
I=0.03CV
Where, I : Max. leakage current (MA), C : Nominal capacitance (MF), V : Rated voltage (V)
Rated voltage (Vdc)
tanE (Max.)
[F18
]F20
When nominal capacitance exceeds 1,000MF, add 0.02 to the value above for each 1,000MF increase.
Rated voltage (Vdc)
Z(-25C)/Z(+20C)
[F18
]F20
Z(-40C)/Z(+20C)
[F18
The following specifications shall be satisfied when the capacitors are restored to 20C after the rated voltage is applied for 2,000 hours
at 85C.
Capacitance change
[P20% of the initial value
D.F. (tanE)
[200% of the initial specified value
Leakage current
[The initial specified value
The following specifications shall be satisfied when the capacitors are restored to 20C after exposing them for 1,000 hours at 85C without
voltage applied. Before the measurement, the capacitor shall be preconditioned by applying voltage according to Item 4.1 of JIS C 5101-4.
Rated voltage
6.3 to 100Vdc
160 to 450Vdc
Capacitance change
[P20% of the initial value
[P20% of the initial value
D.F. (tanE)
[200% of the initial specified value
[200% of the initial specified value
Leakage current
[The initial specified value
[500% of the initial specified value
Characteristics
6.3V
0.34
0.28
10V
0.24
0.24
16V
0.20
0.20
25V
0.16
0.16
35V
0.14
0.14
50V
0.12
0.12
63V
0.09
0.09
100V
0.08
0.08
450V
0.24
0.20
160 to 250V
0.20
0.15
315 to 400V
0.24
0.15
6.3V
5
5
12
10V
4
4
10
16V
3
3
8
25V
2
2
5
35V
2
2
4
50V
2
2
3
63V
2
2
3
100V
2
2
3
450V
6
6
-
160 to 250V
3
4
4
315 to 400V
6
6
6
Time
CV
(at 20C, 120Hz)
(at 20C)
(at 20C after 3 minutes)
(at 20C, 120Hz)
(at 120Hz)
(at 20C after 1 minute)
?PART NUMBERING SYSTEM
SMG
Downsized
SMQ
@Terminal Code : E
Supplement code
Size code
Capacitance tolerance code
Capacitance code (ex. 1.0MF:1R0,10MF:100,100MF:101)
Lead forming·taping code
Terminal code
Voltage code (ex. 6.3V:6R3,100V:101,315V:3B1)
Series code
Category
E S M G A A A E A A A A A
A A A N
M
13
4
26
7
8
9
10
512
13
11
16
17
18
15
14
Please refer to "Product code guide
(radial lead type)"
(1/4)


Similar Part No. - ESMG100ESS221ME11D

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
ESMG100ESS221ME11D NPC-ESMG100ESS221ME11D Datasheet
80Kb / 4P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - ESMG100ESS221ME11D

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
BXC RUBYCON-BXC_1 Datasheet
261Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
NSKV RUBYCON-NSKV Datasheet
50Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
AXW RUBYCON-AXW Datasheet
47Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
ZLJ RUBYCON-ZLJ Datasheet
251Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
50ML20 RUBYCON-50ML20 Datasheet
344Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRSS101M16V5X11F NIC-NRSS101M16V5X11F Datasheet
303Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
logo
United Chemi-Con, Inc.
EKMG350ELL472MMP1S CHEMI-CON-EKMG350ELL472MMP1S Datasheet
60Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
RUBYCON CORPORATION
50YXF47MEFC63X11 RUBYCON-50YXF47MEFC63X11 Datasheet
73Kb / 7P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRELS NIC-NRELS Datasheet
87Kb / 2P
   Miniature Aluminum Electrolytic Capacitors
NRWPC NIC-NRWPC Datasheet
116Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
NLEL NIC-NLEL Datasheet
285Kb / 5P
   Miniature Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com