Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PAC500R4GQR Datasheet(PDF) 1 Page - California Micro Devices Corp

Part # PAC500R4GQR
Description  HIGH PERFORMANCE BUS TERMINATION NETWORK
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

PAC500R4GQR Datasheet(HTML) 1 Page - California Micro Devices Corp

  PAC500R4GQR Datasheet HTML 1Page - California Micro Devices Corp PAC500R4GQR Datasheet HTML 2Page - California Micro Devices Corp PAC500R4GQR Datasheet HTML 3Page - California Micro Devices Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
© 2000 California Micro Devices Corp. All rights reserved.
7/18/2000
1
PACR4G
CALIFORNIA MICRO DEVICES
215 Topaz Street, Milpitas, California 95035
Tel: (408) 263-3214
Fax: (408) 263-7846
www.calmicro.com
High Performance Bus Termination Network
Features
• Designed especially for High Performance
computers/servers
• Provides high speed bus termination
• Reduces ground bounce with ground
pin placement / Ultra low crosstalk
• Terminates 20 lines in a QSOP package
Product Description
High speed microprocessors demand unique, high
speed bus termination. The PACR4G Termination
Network provides 20 terminations per package and
meets the requirements for high speed terminations.
This Termination Network provides high performance,
high reliability, and low cost through manufacturing
efficiency. The termination resistor elements are
fabricated using state-of-the-art thin film manufacturing.
Applications
• High Performance servers
• High Performance desk top systems
• GTL, NTL, ECL terminator
C0970500
SCHEMATIC CONFIGURATION
This integrated solution is silicon-based and has the
same reliability characteristics as any of today’s micro-
processor products. The thin film resistors have very
high stability over temperature, over applied voltage and
over life. In addition the QSOP industry standard
packaging is easy to handle in manufacturing and yields
a high reliability similar to other semiconductor compo-
nents.
24
R
RRR
R
RR
R
R
R
R
R
R
R
R
RR
R
RR
1
23
2
22
3
21
4
20
5
19
6
18
7
17
8
16
9
15
10
14
11
13
12
N
O
I
T
A
M
R
O
F
N
I
G
N
I
R
E
D
R
O
T
R
A
P
D
R
A
D
N
A
T
S
e
g
a
k
c
a
Pr
e
b
m
u
N
t
r
a
P
g
n
i
r
e
d
r
O
e
d
o
C
Rs
n
i
Pe
l
y
t
Ss
e
b
u
Tl
e
e
R
&
e
p
a
Tg
n
i
k
r
a
M
t
r
a
P
0
7
44
2P
O
S
QT
/
Q
G
4
R
0
7
4
C
A
PR
/
Q
G
4
R
0
7
4
C
A
PQ
G
4
R
0
7
4
C
A
P
0
0
54
2P
O
S
QT
/
Q
G
4
R
0
0
5
C
A
PR
/
Q
G
4
R
0
0
5
C
A
PQ
G
4
R
0
0
5
C
A
P
0
6
54
2P
O
S
QT
/
Q
G
4
R
0
6
5
C
A
PR
/
Q
G
4
R
0
6
5
C
A
PQ
G
4
R
0
6
5
C
A
P
0
8
64
2P
O
S
QT
/
Q
G
4
R
0
8
6
C
A
PR
/
Q
G
4
R
0
8
6
C
A
PQ
G
4
R
0
8
6
C
A
P
0
0
94
2P
O
S
QT
/
Q
G
4
R
0
8
6
C
A
PR
/
Q
G
4
R
0
8
6
C
A
PQ
G
4
R
0
8
6
C
A
P
S
N
O
I
T
A
C
I
F
I
C
E
P
S
D
R
A
D
N
A
T
S
)
R
(
e
c
n
a
r
e
l
o
T
e
t
u
l
o
s
b
A%
1
±
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
g
n
i
t
a
r
e
p
OC
°
0
7
o
t
C
°
0
r
o
t
s
i
s
e
R
/
g
n
i
t
a
R
r
e
w
o
PW
m
0
0
1
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
SC
°
0
5
1
o
t
C
°
5
6
g
n
i
t
a
R
r
e
w
o
P
e
g
a
k
c
a
Px
a
M
,
w
0
0
.
1
k
l
a
t
s
s
o
r
Cl
a
c
i
p
y
t
%
2
±
<
S
E
U
L
A
V
D
R
A
D
N
A
T
S
)
W
(
Re
d
o
C
7
40
7
4
0
50
0
5
6
50
6
5
8
60
8
6
0
90
0
9


Similar Part No. - PAC500R4GQR

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
PAC500R6GQR CALMIRCO-PAC500R6GQR Datasheet
99Kb / 3P
   EMI/RFIT-FILTER
PAC500R6GQT CALMIRCO-PAC500R6GQT Datasheet
99Kb / 3P
   EMI/RFIT-FILTER
PAC500RGQ CALMIRCO-PAC500RGQ Datasheet
88Kb / 3P
   P/ACTIVE HIGH PERFORMANCE GTL/ECL LOCAL TERMINATION NETWORK
PAC500RGQ/R CALMIRCO-PAC500RGQ/R Datasheet
88Kb / 3P
   P/ACTIVE HIGH PERFORMANCE GTL/ECL LOCAL TERMINATION NETWORK
PAC500RGQ/T CALMIRCO-PAC500RGQ/T Datasheet
88Kb / 3P
   P/ACTIVE HIGH PERFORMANCE GTL/ECL LOCAL TERMINATION NETWORK
More results

Similar Description - PAC500R4GQR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RCD16-47B STMICROELECTRONICS-RCD16-47B Datasheet
66Kb / 7P
   RCD NETWORK FOR BUS TERMINATION
October 1998 - Ed : 2A
logo
California Micro Device...
PACRAMBUS-1 CALMIRCO-PACRAMBUS-1 Datasheet
117Kb / 3P
   HIGH PERFORMANCE RAMBUS TERMINATION NETWORK FOR RIMM CONNECTOR
PACRG CALMIRCO-PACRG Datasheet
88Kb / 3P
   P/ACTIVE HIGH PERFORMANCE GTL/ECL LOCAL TERMINATION NETWORK
PAC560GTL CALMIRCO-PAC560GTL Datasheet
254Kb / 3P
   HIGH PERFORMANCE GTL TERMINATION NETWORK FOR SOCKET 370 PROCESSORS
PACGTL CALMIRCO-PACGTL Datasheet
515Kb / 3P
   HIGH PERFORMANCE GTL TERMINATION NETWORK FOR SOCKET 370 PROCESSORS
PRC202 CALMIRCO-PRC202 Datasheet
37Kb / 2P
   AC TERMINATION NETWORK
logo
List of Unclassifed Man...
LS-VL ETC2-LS-VL Datasheet
386Kb / 2P
   High Performance Shared Network Storage
logo
ams AG
AS8221 AMSCO-AS8221 Datasheet
61Kb / 2P
   High Performance Bus Transceiver
logo
IRC - a TT electronics ...
DNR-QDN001 IRCTT-DNR-QDN001 Datasheet
382Kb / 2P
   Schottky Diode Termination Network
logo
California Micro Device...
PRN100 CALMIRCO-PRN100 Datasheet
126Kb / 4P
   Isolated Resistor Termination Network
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com