Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PACS1284-02QT Datasheet(PDF) 5 Page - California Micro Devices Corp

Part # PACS1284-02QT
Description  P/ACTIVE IEEE 1284 ECP/EPP TERMINATION NETWORK
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

PACS1284-02QT Datasheet(HTML) 5 Page - California Micro Devices Corp

  PACS1284-02QT Datasheet HTML 1Page - California Micro Devices Corp PACS1284-02QT Datasheet HTML 2Page - California Micro Devices Corp PACS1284-02QT Datasheet HTML 3Page - California Micro Devices Corp PACS1284-02QT Datasheet HTML 4Page - California Micro Devices Corp PACS1284-02QT Datasheet HTML 5Page - California Micro Devices Corp PACS1284-02QT Datasheet HTML 6Page - California Micro Devices Corp PACS1284-02QT Datasheet HTML 7Page - California Micro Devices Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
© 2004 California Micro Devices Corp. All rights reserved.
06/07/04
430 N. McCarthy Blvd., Milpitas, CA 95035-5112
▲ Tel: 408.263.3214
▲ Fax: 408.263.7846
▲ www.calmicro.com
5
PACS1284
Application Information
Termination Considerations
The IEEE 1284 specification requires both termination
and EMI filtering on a total of 17 signal lines. Control
and Status lines (8 in total) only require a pull-up resis-
tor and a filter capacitor. The Data lines and Strobe
also require a series termination resistor in addition to
the pull-up resistors and filter capacitors. See Table 1,
in conjunction with the schematic diagram on page 1.
Interfacing to IEEE 1284 Connectors
IEEE 1284 defines three interface connectors:
1284 A is a 25-pin DB series connector which is
the de facto PC standard for the host connection.
1284 B is a 36-pin, 0.085 inch centerline connector
used on the peripheral device.
1284 C is a new 36-pin, 0.050 inch centerline con-
nector which can be used for both host and periph-
eral.
Figure 2A shows a possible hook-up between the
1284-A connector on a PC motherboard and the
PACS1284, illustrating how the pin configuration of the
PACS1284 allows for easy interconnect between the
two. The dotted I/O signals of the PACS1284 will
typically be connected to a Super I/O chip on the
motherboard.
Figure 2B shows a possible hook-up between the
1284-B connector on a peripheral and the PACS1284.
Figure 2C shows a possible hook-up between the
1284-C connector and the PACS1284.
Figure 2. Example Connections of IEEE 1284 Connectors with PACS1284
Table 1: IEEE 1284 Termination Requirements
SIGNAL TERMINATION REQUIREMENTS
Signal Name
Series Termination
Data1 - Data8
Yes
Strobe
Yes
Init
Not Required
AutoFeedXT
Not Required
Selectin
Not Required
ACK
Not Required
Busy
Not Required
Paper Empty
Not Required
Select
Not Required
Fault
Not Required
1
14
1
19
1
1
1
1
2
20
= FLOW
THROUGH
SIGNALS
= GND
=V
CC
SUPER 1284
SUPER 1284
SUPER 1284
1284-A Connector
Host
1284-B Connector
Peripheral
1284-C Connector
Host/Peripheral
25
13
36
18
36
18
19
Figure 2A:
Figure 2B:
Figure 2C:
= GND
= VCC
PACS1284
PACS1284
PACS1284


Similar Part No. - PACS1284-02QT

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
PACS1284-06 CALMIRCO-PACS1284-06 Datasheet
93Kb / 5P
   P/ACTIVE IEEE 1284 ECP/EPP TERMINATION NETWORK
PACS1284-06Q CALMIRCO-PACS1284-06Q Datasheet
93Kb / 5P
   P/ACTIVE IEEE 1284 ECP/EPP TERMINATION NETWORK
PACS1284-06QR CALMIRCO-PACS1284-06QR Datasheet
93Kb / 5P
   P/ACTIVE IEEE 1284 ECP/EPP TERMINATION NETWORK
PACS1284-06QT CALMIRCO-PACS1284-06QT Datasheet
93Kb / 5P
   P/ACTIVE IEEE 1284 ECP/EPP TERMINATION NETWORK
More results

Similar Description - PACS1284-02QT

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
PACS1284-06 CALMIRCO-PACS1284-06 Datasheet
93Kb / 5P
   P/ACTIVE IEEE 1284 ECP/EPP TERMINATION NETWORK
PAC1284 CALMIRCO-PAC1284 Datasheet
116Kb / 2P
   P/ACTIVE IEEE 1284 ECP/EPP TERMINATION NETWORK
PACSZ1284 CALMIRCO-PACSZ1284 Datasheet
112Kb / 7P
   P/ACTIVE IEEE 1284 ECP/EPP TERMINATION NETWORK
SUPER1284 CALMIRCO-SUPER1284 Datasheet
398Kb / 5P
   P/ACTIVE IEEE 1284 ECP/EPP TERMINATION NETWORK
PACSZ1284 CALMIRCO-PACSZ1284_06 Datasheet
199Kb / 7P
   IEEE 1284 Parallel Port ESD/EMI/Termination Network
logo
ON Semiconductor
PACSZ1284 ONSEMI-PACSZ1284 Datasheet
434Kb / 11P
   IEEE 1284 Parallel Port ESD/EMI/Termination Network
May 2010 Rev. 3
logo
Vishay Siliconix
VSSX1284 VISHAY-VSSX1284 Datasheet
107Kb / 3P
   25 Mil Pitch, IEEE 1284 Termination Network Resistor, Capacitor, Diode
Revision: 03-Jul-08
logo
California Micro Device...
PACAC CALMIRCO-PACAC Datasheet
125Kb / 2P
   P/ACTIVE AC TERMINATION NETWORK
logo
List of Unclassifed Man...
QRC1284 ETC-QRC1284 Datasheet
139Kb / 2P
   TaNCap IEEE 1284 Integrated Filter Network
logo
IRC - a TT electronics ...
GUS-QRC1284X2-1-KM IRCTT-GUS-QRC1284X2-1-KM Datasheet
540Kb / 3P
   TaNCap IEEE 1284 Integrated Filter Network
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com