Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PACSZ1284-01Q Datasheet(PDF) 3 Page - California Micro Devices Corp

Part # PACSZ1284-01Q
Description  P/ACTIVE IEEE 1284 ECP/EPP TERMINATION NETWORK
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

PACSZ1284-01Q Datasheet(HTML) 3 Page - California Micro Devices Corp

  PACSZ1284-01Q Datasheet HTML 1Page - California Micro Devices Corp PACSZ1284-01Q Datasheet HTML 2Page - California Micro Devices Corp PACSZ1284-01Q Datasheet HTML 3Page - California Micro Devices Corp PACSZ1284-01Q Datasheet HTML 4Page - California Micro Devices Corp PACSZ1284-01Q Datasheet HTML 5Page - California Micro Devices Corp PACSZ1284-01Q Datasheet HTML 6Page - California Micro Devices Corp PACSZ1284-01Q Datasheet HTML 7Page - California Micro Devices Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
© 2003 California Micro Devices Corp. All rights reserved.
09/15/03
430 N. McCarthy Blvd., Milpitas, CA 95035-5112
L Tel: 408.263.3214
L Fax: 408.263.7846
L www.calmicro.com
3
PACSZ1284
Specifications
Note 1: Guaranteed by design and characterization.
Note 2: ESD voltage applied between Input/Connector pins and ground, one pin at a time.
Note 3: Pins 3-7, 9, 11, 13, and 14 typically connect to the I/O pins of a Super I/O chip.
Note 4: Pins 1, 2, 8, 10, 12, 15-19, 21, and 23-28 typically connect to the Parallel Port connector.
ABSOLUTE MAXIMUM RATINGS
PARAMETER
RATING
UNITS
VCC Voltage
5.5
V
Input Voltage Range, no clamping
-0.4 to 5.5
V
Storage Temperature Range
-40 to +150
°C
Power Dissipation per Resistor
0.1
W
Package Power Dissipation
1.0
W
STANDARD OPERATING CONDITIONS
PARAMETER
RATING
UNITS
VCC Voltage
5.0
V
Operating Temperature
-40 to +85
°C
ELECTRICAL OPERATING CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
TOLR
Absolute Resistance Tolerance
Measured at TA=25°C
+20
%
TOLC
Absolute Capacitance Tolerance
Measured at 1MHz, 2.5VDC, TA=25°C
+20
%
ILEAK
Leakage current to GND
Measured at 5.0VDC, TA=25°C
1
10
µA
VESDi
ESD protection, input pins
Pins 3,4,5,6,7,9,11,13, & 14, per IEC
61000-4-2 specification,
Notes 1,2,3
+8kV
VESD
ESD protection, connector pins
Pins 1,2,8,10,12,15,16,17,18,19,
21,23,24,25,26,27, & 28, per
IEC 61000-4-2 specification
Notes 1,2,4
+30
kV
VCLAMP
Clamping voltage under ESD
discharge
ESD applied to connector pin, mea-
sured at corresponding input pin;
+8kV discharge, Human Body Model
Notes 1,2
8.3
V
ESD applied to connector pin,
measured at corresponding input pin;
-8kV discharge, Human Body Model;
Notes 1,2
-2.7
V


Similar Part No. - PACSZ1284-01Q

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
PACSZ1284-02Q CALMIRCO-PACSZ1284-02Q Datasheet
199Kb / 7P
   IEEE 1284 Parallel Port ESD/EMI/Termination Network
PACSZ1284-02QR CALMIRCO-PACSZ1284-02QR Datasheet
199Kb / 7P
   IEEE 1284 Parallel Port ESD/EMI/Termination Network
logo
ON Semiconductor
PACSZ1284-02QR ONSEMI-PACSZ1284-02QR Datasheet
434Kb / 11P
   IEEE 1284 Parallel Port ESD/EMI/Termination Network
May 2010 Rev. 3
logo
California Micro Device...
PACSZ1284-04Q CALMIRCO-PACSZ1284-04Q Datasheet
199Kb / 7P
   IEEE 1284 Parallel Port ESD/EMI/Termination Network
PACSZ1284-04QR CALMIRCO-PACSZ1284-04QR Datasheet
199Kb / 7P
   IEEE 1284 Parallel Port ESD/EMI/Termination Network
More results

Similar Description - PACSZ1284-01Q

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
PACS1284-06 CALMIRCO-PACS1284-06 Datasheet
93Kb / 5P
   P/ACTIVE IEEE 1284 ECP/EPP TERMINATION NETWORK
PAC1284 CALMIRCO-PAC1284 Datasheet
116Kb / 2P
   P/ACTIVE IEEE 1284 ECP/EPP TERMINATION NETWORK
SUPER1284 CALMIRCO-SUPER1284 Datasheet
398Kb / 5P
   P/ACTIVE IEEE 1284 ECP/EPP TERMINATION NETWORK
PACS1284 CALMIRCO-PACS1284 Datasheet
114Kb / 7P
   P/ACTIVE IEEE 1284 ECP/EPP TERMINATION NETWORK
PACSZ1284 CALMIRCO-PACSZ1284_06 Datasheet
199Kb / 7P
   IEEE 1284 Parallel Port ESD/EMI/Termination Network
logo
ON Semiconductor
PACSZ1284 ONSEMI-PACSZ1284 Datasheet
434Kb / 11P
   IEEE 1284 Parallel Port ESD/EMI/Termination Network
May 2010 Rev. 3
logo
Vishay Siliconix
VSSX1284 VISHAY-VSSX1284 Datasheet
107Kb / 3P
   25 Mil Pitch, IEEE 1284 Termination Network Resistor, Capacitor, Diode
Revision: 03-Jul-08
logo
California Micro Device...
PACAC CALMIRCO-PACAC Datasheet
125Kb / 2P
   P/ACTIVE AC TERMINATION NETWORK
logo
List of Unclassifed Man...
QRC1284 ETC-QRC1284 Datasheet
139Kb / 2P
   TaNCap IEEE 1284 Integrated Filter Network
logo
IRC - a TT electronics ...
GUS-QRC1284X2-1-KM IRCTT-GUS-QRC1284X2-1-KM Datasheet
540Kb / 3P
   TaNCap IEEE 1284 Integrated Filter Network
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com