Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LS32 Datasheet(PDF) 2 Page - Motorola, Inc

Part # 74LS32
Description  8-BIT SHIFT REGISTERS WITH SIGN EXTEND
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

74LS32 Datasheet(HTML) 2 Page - Motorola, Inc

  74LS32 Datasheet HTML 1Page - Motorola, Inc 74LS32 Datasheet HTML 2Page - Motorola, Inc 74LS32 Datasheet HTML 3Page - Motorola, Inc 74LS32 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
5-2
FAST AND LS TTL DATA
SN54/74LS322A
BLOCK DIAGRAM
REGISTER
ENABLE
G
S/P
SIGN
EXTEND
SE
D1
DATA
SELECT
DS
D0
CLOCK
CLEAR
OUTPUT
ENABLE
OE
(8)
(9)
(11)
(3)
(19)
(18)
(2)
(1)
(12)
(13)
(7)
(16)
(4)
(17)
CK
D
Q
Q
CLR
CK
D
Q
Q
CLR
CK
D
Q
Q
CLR
CK
D
Q
Q
CLR
A/QA
B/QB
G/QG
H/QH
FOUR
IDENTICAL
CHANNELS
NOT
SHOWN
QH
FUNCTION TABLE
OPERATION
INPUTS
INPUTS/OUTPUTS
OUTPUT
QH′
OPERATION
CLEAR
REGISTER
ENABLE
S/P
SIGN
EXTEND
DATA
SELECT
OUTPUT
ENABLE
CLOCK
A/QA B/QB C/QC
H/QH
OUTPUT
QH′
Clear
L
H
X
X
X
L
X
L
L
L
L
L
L
X
H
X
X
L
X
L
L
L
L
L
Hold
H
H
X
X
X
L
X
QA0
QB0
QC0
QH0
QH0
Shift Right
H
L
H
H
L
L
D0
QAn
QBn
QGn
QGn
Shift Right
H
L
H
H
H
L
D1
QAn
QBn
QGn
QGn
Sign Extend
H
L
H
L
X
L
QAn
QAn
QBn
QGn
QGn
Load
H
L
L
X
X
X
a
b
c
h
h
When the output enable is high, the eight input/output terminals are disabled to the high-impedance state; however, sequential operation or
clearing of the register is not affected. If both the register enable input and the S/P input are low while the clear input is low, the register is
cleared while the eight input/output terminals are disabled to the high-impedance state.
H = HIGH Level (steady state)
L = LOW Level (steady state)
X = Irrelevant (any input, including transitions)
↑ = Transition from LOW to HIGH level
QA0
…QH0 = the level of QA through QH, respectively, before the indicated steady-state conditions were established
QAn
…QHn = the level of QA through QH, respectively, before the most recent ↑ transition of the clock
D0, D1 = the level of steady-state inputs at inputs D0 and D1 respectively
a
…h = the level of steady-state inputs at inputs A through H respectively


Similar Part No. - 74LS32

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
74LS32 MOTOROLA-74LS32 Datasheet
121Kb / 4P
   QUAD 2-INPUT OR GATE
logo
National Semiconductor ...
74LS32 NSC-74LS32 Datasheet
120Kb / 6P
   Quad 2-Input OR Gates
logo
ON Semiconductor
74LS32 ONSEMI-74LS32 Datasheet
78Kb / 4P
   LOW POWER SCHOTTKY
December, 1999 ??Rev. 6
logo
Texas Instruments
74LS32 TI-74LS32 Datasheet
674Kb / 18P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATES
74LS32 TI-74LS32 Datasheet
226Kb / 6P
[Old version datasheet]   CRYSTAL-CONTROLLED OSCILLATORS
More results

Similar Description - 74LS32

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LS322A TI1-SN74LS322A Datasheet
235Kb / 6P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH SIGN EXTEND
SN54LV594A TI-SN54LV594A_10 Datasheet
639Kb / 20P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
SN54LV594A TI-SN54LV594A_08 Datasheet
522Kb / 19P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
SN54LV594A TI1-SN54LV594A_15 Datasheet
1Mb / 28P
[Old version datasheet]   8-Bit Shift Registers With Output Registers
SN54AHCT594 TI-SN54AHCT594_00 Datasheet
130Kb / 8P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
SN54AHC594 TI1-SN54AHC594_15 Datasheet
1Mb / 27P
[Old version datasheet]   8-Bit Shift Registers With Output Registers
SN54LV594A TI-SN54LV594A Datasheet
185Kb / 11P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
SN54AHC594 TI-SN54AHC594 Datasheet
443Kb / 17P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
SN54HC594 TI1-SN54HC594_15 Datasheet
1Mb / 26P
[Old version datasheet]   8-Bit Shift Registers With Output Registers
SN54AHC594 TI-SN54AHC594_07 Datasheet
561Kb / 18P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com