Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

00X14N102MV4T Datasheet(PDF) 4 Page - Johanson Technology Inc.

Part # 00X14N102MV4T
Description  X2Y짰 FILTER & DECOUPLING CAPACITORS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JOHANSON [Johanson Technology Inc.]
Direct Link  http://www.johansontechnology.com
Logo JOHANSON - Johanson Technology Inc.

00X14N102MV4T Datasheet(HTML) 4 Page - Johanson Technology Inc.

  00X14N102MV4T Datasheet HTML 1Page - Johanson Technology Inc. 00X14N102MV4T Datasheet HTML 2Page - Johanson Technology Inc. 00X14N102MV4T Datasheet HTML 3Page - Johanson Technology Inc. 00X14N102MV4T Datasheet HTML 4Page - Johanson Technology Inc. 00X14N102MV4T Datasheet HTML 5Page - Johanson Technology Inc. 00X14N102MV4T Datasheet HTML 6Page - Johanson Technology Inc. 00X14N102MV4T Datasheet HTML 7Page - Johanson Technology Inc. 00X14N102MV4T Datasheet HTML 8Page - Johanson Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
www.johanson dielectrics.com
The X2Y® Design - A Balanced, Low ESL, “Capacitor Circuit”
The X2Y® capacitor design starts with standard 2 terminal MLC capacitor’s opposing electrode sets, A & B, and adds a third electrode set (G) which surround
each A & B electrode. The result is a higly vesatile three node capacitive circuit containing two tightly matched, low inductance capacitors in a compact, four-
terminal SMT chip.
Amplifier Input Filter Example
In this example, a single Johanson X2Y® component was used to filter noise at the input of a DC
instrumentation amplifier. This reduced component count by 3-to-1 and costs by over 70% vs.
conventional filter components that included 1% film Y-capacitors.
Parameter
X2Y®
10nF
Discrete
10nF, 2 @ 220 pF
Comments
DC offset shift
< 0.1 µV
< 0.1 µV
Referred to input
Common mode rejection
91 dB
92 dB
Source: Analog Devices, “A Designer’s Guide to Instrumentation Amplifiers (2nd Edition)” by Charles Kitchin and Lew Counts
X2Y® Circuit 1: Filtering
Circuit 1 connects the X2Y® filter capacitor across two signal lines. Common-mode noise is filtered to ground (or
reference) by the two Y-capacitors, A & B. Because X2Y® is a balanced circuit that is tightly matched in both
phase and magnitude with respect to ground, common-to-differential mode noise conversion is minimized and
any differential-mode noise is cancelled within the device. The low inductance of the capacitors extends their high
frequency attenuation considerably over discrete MLCs.
G1
G2
A
B
Signal 1
Signal 2
Ground
X2Y® FILTER & DECOUPLING CAPACITORS
X2Y® Circuit 2: Power Bypass / Decoupling
Circuit 2 connects the A & B capacitors in parallel doubling the total capacitance while reducing the inductance.
X2Y capacitors exhibit up to 1/10th the device inductance and 1/5th the mounted inductance of similar sized MLC
capcitors enabling high-performance bypass networks with far fewer components and vias. Low ESL delivers
improved High Frequency performance into the GHz range.
Power
Ground
G1
G2
A
B
GSM RFI Attenuation in Audio & Analog
GSM handsets transmit in the 850 and 1850 MHz bands using a TDMA pulse
rate of 217Hz. These signals cause the GSM buzz heard in a wide range of
audio products from headphones to concert hall PA systems or “silent” signal
errors created in medical, industrial process control, and security applications.
Testing was conducted where an 840MHz GSM handset signal was delivered
to the inputs of three different amplifier test circuit configurations shown below
whose outputs were measured on a HF spectrum analyzer.
1) No input filter, 2 discrete MLC 100nF power bypass caps.
2) 2 discrete MLC 1nF input filter, 2 discrete MLC 100nF power bypass caps.
3) A single X2Y 1nF input filter, a single X2Y 100nF power bypass cap.
X2Y configuration provided a nearly flat response above the ambient and up to
10 dB imrpoved rejection than the conventional MLCC configuration.


Similar Description - 00X14N102MV4T

ManufacturerPart #DatasheetDescription
logo
Johanson Technology Inc...
101X18W104MV4E JOHANSON-101X18W104MV4E Datasheet
1Mb / 4P
   X2Y짰 FILTER & DECOUPLING CAPACITORS
101X18W223MV4E JOHANSON-101X18W223MV4E Datasheet
1Mb / 8P
   X2Y짰 FILTER & DECOUPLING CAPACITORS
101X14W102MV4T JOHANSON-101X14W102MV4T Datasheet
1Mb / 4P
   X2Y Filter & Decoupling Capacitors
logo
Taiyo Yuden (U.S.A.), I...
TWK105BJ104MP-F TAIYO-YUDEN-TWK105BJ104MP-F Datasheet
434Kb / 3P
   LW Reversal Decoupling Capacitors (LWDC)
PWK107C6106MV-T TAIYO-YUDEN-PWK107C6106MV-T Datasheet
451Kb / 3P
   LW Reversal Decoupling Capacitors (LWDC??
EWK107B7474MV-T TAIYO-YUDEN-EWK107B7474MV-T Datasheet
434Kb / 3P
   LW Reversal Decoupling Capacitors (LWDC)
EWK107BJ474MV-T TAIYO-YUDEN-EWK107BJ474MV-T Datasheet
433Kb / 3P
   LW Reversal Decoupling Capacitors (LWDC)
EWK105C6104MP-F TAIYO-YUDEN-EWK105C6104MP-F Datasheet
434Kb / 3P
   LW Reversal Decoupling Capacitors (LWDC)
TWK107B7104MV-T TAIYO-YUDEN-TWK107B7104MV-T Datasheet
434Kb / 3P
   LW Reversal Decoupling Capacitors (LWDC)
TWK107BJ104MV-T TAIYO-YUDEN-TWK107BJ104MV-T Datasheet
434Kb / 3P
   LW Reversal Decoupling Capacitors (LWDC)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com