Electronic Components Datasheet Search |
|
100X44X102MV4T Datasheet(PDF) 2 Page - Johanson Technology Inc. |
|
100X44X102MV4T Datasheet(HTML) 2 Page - Johanson Technology Inc. |
2 / 8 page 2 www.johanson dielectrics.com X2Y® FILTER & DECOUPLING CAPACITORS X2Y® filter capacitors employ a unique, patented low inductance design featuring two balanced capacitors that are immune to temperature, voltage and aging performance differences. These components offer superior decoupling and EMI filtering performance, virtually eliminate parasitics, and can replace multiple capacitors and inductors saving board space and reducing assembly costs. ADVANTAGES • One device for EMI suppression or decoupling • Replace up to 7 components with one X2Y • Differential and common mode attenuation • Matched capacitance line to ground, both lines • Low inductance due to cancellation effect APPLICATIONS • Amplifier FIlter & Decoupling • High Speed Data Filtering • EMC I/O Filtering • FPGA / ASIC / µ-P Decoupling • DDR Memory Decoupling X2Y® technology patents and registered trademark under license from X2Y ATTENUATORS, LLC HOW TO ORDER X2Y® FILTER & DECOUPLING CAPACITORS P/N written: 100X14W104MV4T VOLTAGE 6R3 = 6.3 V 100 = 10 V 160 = 16 V 250 = 25 V 500 = 50 V 101 = 100 V 501 = 500 V MARKING 4 = Unmarked DIELECTRIC N = NPO W = X7R X = X5R CAPACITANCE (Circuit 1) 1st two digits are significant; third digit denotes number of zeros. 102 = 1000 pF = 1 nF 103 = 0.01 µF = 10 nF 104 = 0.10 µF = 100 nF TOLERANCE M = ± 20% CASE SIZE X07 = 0402 X14 = 0603 X15 = 0805 X18 = 1206 X41 = 1210 X43 = 1812 X44 = 1410 4 TERMINATION V = Ni barrier w/ 100% Sn Plating Available on select parts: F = Polyterm® soft polymer termination T = SnPb V W X14 100 104 M TAPE MODIFIER Code Tape Reel E Embossed 7” T Paper 7” Tape specs. per EIA RS481 T Circuit 1 (1 Y-Cap.) Circuit 2 (2 Y-Caps.) SIZE 0402 (X07) NPO 50 50 50 50 50 50 50 X7R 50 50 50 50 50 50 16 0603 (X14) NPO 100 100 100 100 100 50 50 50 X7R 100 100 100 100 100 100 100 50 25 25 16 10 6.3 X5R 16 10 10 10 0805 (X15) NPO 100 100 100 100 100 100 100 50 X7R 100 100 100 100 100 100 100 100 50 50 50 25 10 1206 (X18 NPO VOLTAGE RATINGS 6.3 = 6.3 VDC 10 = 10 VDC 16 = 16 VDC 25 = 25 VDC 50 = 50 VDC 100 = 100 VDC 500 = 500 VDC 100 X7R 100 100 100 100 100 16 16 10 1210 (X41) X7R 500 100 100 100 25 16 1410 (X44) X7R 500 100 1812 (X43) X7R 500 100 SEE PART NUMBER LISTING TABLE ON PAGES 7 & 8 Contact factory for part combinations not shown. Circuit 1 capacitance measured Line-to-Ground (A or B to G) Circuit 2 capacitance measured Power-to-Ground (A + B to G) Rated voltage is from line to ground in Circuit 1, power to ground in Circuit 2 . |
Similar Part No. - 100X44X102MV4T |
|
Similar Description - 100X44X102MV4T |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |