Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PRN10016N1000J Datasheet(PDF) 3 Page - California Micro Devices Corp

Part # PRN10016N1000J
Description  Isolated Resistor Termination Network
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

PRN10016N1000J Datasheet(HTML) 3 Page - California Micro Devices Corp

  PRN10016N1000J Datasheet HTML 1Page - California Micro Devices Corp PRN10016N1000J Datasheet HTML 2Page - California Micro Devices Corp PRN10016N1000J Datasheet HTML 3Page - California Micro Devices Corp PRN10016N1000J Datasheet HTML 4Page - California Micro Devices Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
© 2000 California Micro Devices Corp. All rights reserved.
10/25/2000
3
PRN100/110
CALIFORNIA MICRO DEVICES
215 Topaz Street, Milpitas, California 95035
Tel: (408) 263-3214
Fax: (408) 263-7846
www.calmicro.com
Resistance vs. Frequency
Resistance vs. Frequency
Impedance vs. Frequency
Impedance vs. Frequency
S21 Measurement vs. Frequency
S21 Measurement vs. Frequency
Impedance is measured using an HP4291A
S-Parameters are measured using an HP8753C
TYPICAL FREQUENCY RESPONSE CHARACTERISTICS
33 Ohms
SOIC Package
1K Ohms
SOIC Package


Similar Part No. - PRN10016N1000J

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
PRN101 CALMIRCO-PRN101 Datasheet
51Kb / 3P
   BUSSED RESISTOR NETWORK
PRN10116N1001JR CALMIRCO-PRN10116N1001JR Datasheet
51Kb / 3P
   BUSSED RESISTOR NETWORK
PRN10116N1001JT CALMIRCO-PRN10116N1001JT Datasheet
51Kb / 3P
   BUSSED RESISTOR NETWORK
PRN10116N1002JR CALMIRCO-PRN10116N1002JR Datasheet
51Kb / 3P
   BUSSED RESISTOR NETWORK
PRN10116N1002JT CALMIRCO-PRN10116N1002JT Datasheet
51Kb / 3P
   BUSSED RESISTOR NETWORK
More results

Similar Description - PRN10016N1000J

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
NDC CALMIRCO-NDC Datasheet
86Kb / 1P
   ISOLATED RESISTOR NETWORK
logo
Bi technologies
BB1020DT BITECH-BB1020DT Datasheet
190Kb / 2P
   SCSI Termination Resistor network Low Voltage Differential (LVD)
logo
Welwyn Components Limit...
BB1020DT WELWYN-BB1020DT Datasheet
357Kb / 2P
   SCSI Termination Resistor network Low Voltage Differential (LVD)
logo
Bourns Electronic Solut...
4308S-L BOURNS-4308S-L Datasheet
30Kb / 2P
   Resistor Network
4310T-L BOURNS-4310T-L Datasheet
30Kb / 2P
   Resistor Network
4816T-L BOURNS-4816T-L Datasheet
29Kb / 2P
   Resistor Network
4304K-L BOURNS-4304K-L Datasheet
30Kb / 2P
   Resistor Network
4306T-L BOURNS-4306T-L Datasheet
30Kb / 2P
   Resistor Network
logo
California Micro Device...
PACRPI CALMIRCO-PACRPI Datasheet
124Kb / 3P
   P/Active 1% Tolerance Precision Isolated series Termination Network
logo
Bourns Electronic Solut...
4308T-L BOURNS-4308T-L Datasheet
30Kb / 2P
   Resistor Network
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com