Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

251S43W474KV4U Datasheet(PDF) 1 Page - Johanson Technology Inc.

Part # 251S43W474KV4U
Description  TIP & RING CHIP CAPACITORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JOHANSON [Johanson Technology Inc.]
Direct Link  http://www.johansontechnology.com
Logo JOHANSON - Johanson Technology Inc.

251S43W474KV4U Datasheet(HTML) 1 Page - Johanson Technology Inc.

  251S43W474KV4U Datasheet HTML 1Page - Johanson Technology Inc. 251S43W474KV4U Datasheet HTML 2Page - Johanson Technology Inc. 251S43W474KV4U Datasheet HTML 3Page - Johanson Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
www.johanson dielectrics.com
1
www.johanson dielectrics.com
TIP & RING CHIP CAPACITORS
CAPACITANCE SELECTION -1812-2225 SIZE
KEY FEATURES
• Blocks Off-hook DC Voltage
• Passes AC Ring Signal
• 250 VDC Ratings For Telecom Interface
• Choice of SMD Chip Sizes
• Low ESR versus Frequency
• Stable Temperature Performance (X7R)
The Tip & Ring MLCC series are designed specifically for
telecom ringer circuit applications where it is necessary to
provide a block of the line voltage (typically -48 VDC) while
passing the AC ringing voltage. These compact ceramic SMD
chips replace bulky leaded film caps saving board space and
stream-lining the assembly process.
Please contact the factory for capacitance, voltage, case size combinations not shown.
.047 µF
.056 µF
.068 µF
.082 µF
0.10 µF
0.12 µF
0.15 µF
0.18 µF
0.22 µF
0.27 µF
0.33 µF
0.39 µF
0.47 µF
0.56 µF
0.68 µF
0.82 µF
1.00 µF
1.20 µF
1.50 µF
INCHES
(mm)
.175 ±.010
(4.45 ±.25)
.125 ±.010
(3.17 ±.25)
.125 Max.
(3.17)
.025 ±.015
(0.64±.38)
L
W
T
E/B
250 VDC
250 VDC
250 VDC
250 VDC
INCHES
(mm)
.225 ±.010
(5.72 ±.25)
.250 ±.010
(6.35 ±.25)
.140 Max.
(3.55)
.025 ±.015
(0.64±.38)
L
W
T
E/B
INCHES
(mm)
.225 ±.010
(5.72 ±.25)
.200 ±.010
(5.08 ±.25)
.140 Max.
(3.55)
.025 ±.015
(0.64±.38)
L
W
T
E/B
INCHES
(mm)
.180 ±.010
(4.57 ±.25)
.250 ±.010
(6.35 ±.25)
.140 Max.
(3.55)
.025 ±.015
(0.64±.38)
L
W
T
E/B
S43 / 1812
S47 / 2220
S49 / 1825
S48 / 2225
DIELECTRIC
X7R


Similar Part No. - 251S43W474KV4U

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
251S43W474KV4U ETC2-251S43W474KV4U Datasheet
73Kb / 3P
   TIP&RING CHIP CAPACITORS
More results

Similar Description - 251S43W474KV4U

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
251S43W474KV4E ETC2-251S43W474KV4E Datasheet
73Kb / 3P
   TIP&RING CHIP CAPACITORS
logo
Johanson Technology Inc...
251S41W104 JOHANSON-251S41W104 Datasheet
84Kb / 3P
   TIP RING CHIP CAPACITORS
logo
HolyStone International
SAC HOLYSTONECAPS-SAC Datasheet
192Kb / 2P
   Tip & Ring Capacitors
logo
Kemet Corporation
C0805C103KARAC KEMET-C0805C103KARAC Datasheet
98Kb / 3P
   Surface Mount Tip & Ring Ceramic Chip Capacitors
F9033 KEMET-F9033 Datasheet
104Kb / 3P
   Surface Mount Tip & Ring Ceramic Chip Capacitors
logo
AVX Corporation
1812PC104KAT1A AVX-1812PC104KAT1A Datasheet
95Kb / 2P
   Tip & Ring
LD05-20 AVX-LD05-20 Datasheet
55Kb / 2P
   Tip & Ring Tin/Lead Termination ?쏝??Multilayer Ceramic Chip Capacitors
logo
Agere Systems
L7582 AGERE-L7582 Datasheet
331Kb / 16P
   Tip Ring Access Switch
logo
XFMRS Inc.
XF0356A-2CMC XFMRS-XF0356A-2CMC_15 Datasheet
37Kb / 1P
   SURFACE MOUNT TIP RING FILTER
XF0356A-2CMC XFMRS-XF0356A-2CMC Datasheet
37Kb / 1P
   Surface Mount Tip Ring Filter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com