Electronic Components Datasheet Search |
|
301S43W105KV4E Datasheet(PDF) 1 Page - Johanson Technology Inc. |
|
301S43W105KV4E Datasheet(HTML) 1 Page - Johanson Technology Inc. |
1 / 3 page 1 www.johanson dielectrics.com 1 www.johanson dielectrics.com TIP & RING CHIP CAPACITORS CAPACITANCE SELECTION -1812-2225 SIZE KEY FEATURES • Blocks Off-hook DC Voltage • Passes AC Ring Signal • 250 VDC Ratings For Telecom Interface • Choice of SMD Chip Sizes • Low ESR versus Frequency • Stable Temperature Performance (X7R) The Tip & Ring MLCC series are designed specifically for telecom ringer circuit applications where it is necessary to provide a block of the line voltage (typically -48 VDC) while passing the AC ringing voltage. These compact ceramic SMD chips replace bulky leaded film caps saving board space and stream-lining the assembly process. Please contact the factory for capacitance, voltage, case size combinations not shown. .047 µF .056 µF .068 µF .082 µF 0.10 µF 0.12 µF 0.15 µF 0.18 µF 0.22 µF 0.27 µF 0.33 µF 0.39 µF 0.47 µF 0.56 µF 0.68 µF 0.82 µF 1.00 µF 1.20 µF 1.50 µF INCHES (mm) .175 ±.010 (4.45 ±.25) .125 ±.010 (3.17 ±.25) .125 Max. (3.17) .025 ±.015 (0.64±.38) L W T E/B 250 VDC 250 VDC 250 VDC 250 VDC INCHES (mm) .225 ±.010 (5.72 ±.25) .250 ±.010 (6.35 ±.25) .140 Max. (3.55) .025 ±.015 (0.64±.38) L W T E/B INCHES (mm) .225 ±.010 (5.72 ±.25) .200 ±.010 (5.08 ±.25) .140 Max. (3.55) .025 ±.015 (0.64±.38) L W T E/B INCHES (mm) .180 ±.010 (4.57 ±.25) .250 ±.010 (6.35 ±.25) .140 Max. (3.55) .025 ±.015 (0.64±.38) L W T E/B S43 / 1812 S47 / 2220 S49 / 1825 S48 / 2225 DIELECTRIC X7R |
Similar Part No. - 301S43W105KV4E |
|
Similar Description - 301S43W105KV4E |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |