Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRG7PH42UD1MPBF Datasheet(PDF) 2 Page - International Rectifier

Part # IRG7PH42UD1MPBF
Description  INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRA-LOW VF DIODE
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRG7PH42UD1MPBF Datasheet(HTML) 2 Page - International Rectifier

  IRG7PH42UD1MPBF Datasheet HTML 1Page - International Rectifier IRG7PH42UD1MPBF Datasheet HTML 2Page - International Rectifier IRG7PH42UD1MPBF Datasheet HTML 3Page - International Rectifier IRG7PH42UD1MPBF Datasheet HTML 4Page - International Rectifier IRG7PH42UD1MPBF Datasheet HTML 5Page - International Rectifier IRG7PH42UD1MPBF Datasheet HTML 6Page - International Rectifier IRG7PH42UD1MPBF Datasheet HTML 7Page - International Rectifier IRG7PH42UD1MPBF Datasheet HTML 8Page - International Rectifier IRG7PH42UD1MPBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2 www.irf.com
© 2012 International Rectifier
April 26, 2012
IRG7PH42UD1MPbF
Notes:
 VCC = 80% (VCES), VGE = 20V, L = 22μH, RG = 10Ω.
‚ Pulse width limited by max. junction temperature.
ƒ Refer to AN-1086 for guidelines for measuring V
(BR)CES safely.
„ Rθ is measured at TJ of approximately 90°C.
… Calculated continuous current based on maximum allowable junction temperature. Bond wire current limit is 78A. Note that current
limitations arising from heating of the device leads may occur with some lead mounting arrangements.
† FBSOA operating conditions only
‡ V
GE = 0V, TJ = 75°C, PW ≤ 10μs.
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
Parameter
Min.
Typ. Max. Units
Conditions
V(BR)CES
Collector-to-Emitter Breakdown Voltage
1200
V
VGE = 0V, IC = 100μA e
ΔV(BR)CES /ΔT J
Temperature Coeff. of Breakdown Voltage
1.2
V/°C VGE = 0V, IC = 2.0mA (25°C-150°C)
—1.7
2.0
IC = 30A, VGE = 15V, TJ = 25°C
—2.0
IC = 30A, VGE = 15V, TJ = 150°C
VGE(th)
Gate Threshold Voltage
3.0
6.0
V
VCE = VGE, IC = 1.0mA
gfe
Forward Transconductance
32
S
VCE = 50V, IC = 30A, PW = 80μs
1.0
100
VGE = 0V, VCE = 1200V
230
VGE = 0V, VCE = 1200V, TJ = 150°C
1.15
1.30
IF = 30A
—1.10
IF = 30A, TJ = 150°C
IGES
Gate-to-Emitter Leakage Current
±100
nA
VGE = ±30V
Switching Characteristics @ TJ = 25°C (unless otherwise specified)
Parameter
Min.
Typ. Max. Units
Qg
Total Gate Charge (turn-on)
180
270
IC = 30A
Qge
Gate-to-Emitter Charge (turn-on)
24
36
nC
VGE = 15V
Qgc
Gate-to-Collector Charge (turn-on)
70
110
VCC = 600V
IC = 30A, VCC = 600V, VGE = 15V
Eoff
Turn-Off Switching Loss
1210
1450
RG = 10
Ω, L = 200μH,TJ = 25°C
Energy losses include tail
td(off)
Turn-Off delay time
270
290
IC = 30A, VCC = 600V, VGE = 15V
tf
Fall time
35
43
RG = 10
Ω, L = 200μH,TJ = 25°C
IC = 30A, VCC = 600V, VGE = 15V
Eoff
Turn-Off Switching Loss
1936
μJRG = 10
Ω, L = 200μH,TJ = 150°C
Energy losses include tail
td(off)
Turn-Off delay time
300
ns
IC = 30A, VCC = 600V, VGE = 15V
tf
Fall time
160
RG = 10
Ω, L = 200μH, TJ = 150°C
Cies
Input Capacitance
3390
VGE = 0V
Coes
Output Capacitance
130
pF
VCC = 30V
Cres
Reverse Transfer Capacitance
83
f = 1.0Mhz
TJ = 150°C, IC = 120A
RBSOA
Reverse Bias Safe Operating Area
FULL SQUARE
VCC = 960V, Vp =1200V
Rg = 10
Ω, VGE = +20V to 0V
Conditions
μA
V
V
μJ
ns
VCE(on)
Collector-to-Emitter Saturation Voltage
ICES
Collector-to-Emitter Leakage Current
VFM
Diode Forward Voltage Drop


Similar Part No. - IRG7PH42UD1MPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG7PH42UD1MPBF IRF-IRG7PH42UD1MPBF Datasheet
276Kb / 9P
   1300Vpk repetitive transient capacity
IRG7PH42UD1MPBF IRF-IRG7PH42UD1MPBF_15 Datasheet
276Kb / 9P
   1300Vpk repetitive transient capacity
More results

Similar Description - IRG7PH42UD1MPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG7PH35UD1MPBF IRF-IRG7PH35UD1MPBF Datasheet
295Kb / 9P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRA-LOW VF DIODE
IRG7PH28UD1PBF IRF-IRG7PH28UD1PBF Datasheet
398Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRA-LOW VF DIODE
IRGI4060DPBF IRF-IRGI4060DPBF Datasheet
319Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRA FAST RECOVERY DIODE
IRGI4045DPBF IRF-IRGI4045DPBF Datasheet
327Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRA FAST RECOVERY DIODE
IRGP4078DPBF IRF-IRGP4078DPBF Datasheet
828Kb / 11P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRA-LOW VF DIODE FOR INDUCTION HEATING AND SOFT SWITCHING APPLICATIONS
IRG7PH35UD1PBF IRF-IRG7PH35UD1PBF Datasheet
406Kb / 9P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRA-LOW VF DIODE FOR INDUCTION HEATING AND SOFT SWITCHING APPLICATIONS
IRG7PH42UD1PBF IRF-IRG7PH42UD1PBF Datasheet
429Kb / 9P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRA-LOW VF DIODE FOR INDUCTION HEATING AND SOFT SWITCHING APPLICATIONS
IRGP4068DPBF IRF-IRGP4068DPBF Datasheet
326Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRA-LOW VF DIODE FOR INDUCTION HEATING AND SOFT SWITCHING APPLICATIONS
IRGR2B60KDPBF IRF-IRGR2B60KDPBF Datasheet
751Kb / 12P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRA-FAST SOFT RECOVERY DIODE
IRGR2B60KDPBF IRF-IRGR2B60KDPBF_15 Datasheet
751Kb / 12P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRA-FAST SOFT RECOVERY DIODE
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com