Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

502R29N102KF3ESC Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 502R29N102KF3ESC
Description  AC Safety Capacitors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

502R29N102KF3ESC Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  502R29N102KF3ESC Datasheet HTML 1Page - List of Unclassifed Manufacturers 502R29N102KF3ESC Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
9
www.johanson dielectrics.com
How to order ac SaFety capacitorS
P/N written: 302R29W102MV3E-****-SC
502
R29
W
102
M
V
3
E
-****-SC
VOLTAGE
SIZE
DIELECTRIC
CAPACITANCE
TOLERANCE
TERMINATION
MARKING
PACKING
TYPE
302 = 250VAC
[2500V Impulse]
502 = 250VAC
[5000V Impulse]
R29=1808
R30=2211
S43=1812
S47=2220
AC2=2220
N = NPO
W = X7R
1st two digits are
significant; third digit
denotes number of
zeros, R = decimal.
102 = 1000 pF
104 = 0.10 µF
5R0 = 5.0pF
J = ± 5%
K = ± 10%
M = ± 20%
V = NI Barrier with
100% Sn Plating
(Matte)
F = Polyterm
flexible termination
3 = Required
Safety Mark
E = Embossed 7”
No code = bulk
Tape specs.
per EIA RS481
SC = Safety
Certified
ac safety caPacItors
R29 / 1808
X2/Y3
Inches
(mm)
.185 ±.015
(4.80 ±.38)
.080 ±.010
(2.03 ±.25)
.085 Max.
(2.16)
.020 ±.010
(0.51±.25)
L
W
T
E/B
Inches
(mm)
.175 ±.010
(4.45 ±.25)
.125 ±.010
(3.17 ±.25)
.115 Max.
(2.92)
.025 ±.015
(0.64±.38
)
L
W
T
E/B
S43 / 1812
Y3
Inches
(mm)
.185 ±.015
(4.80 ±.38)
.080 ±.010
(2.03 ±.25)
.085 Max.
(2.16)
.012 ±.005
(0.30±.13)
L
W
T
E/B
R29 / 1808
X1/Y2
Inches
(mm)
.225 ±.016
(5.72 ±.40)
.110 ±.010
(2.80 ±.25)
.115 Max.
(2.92)
.020 ±.010
(0.51±.25)
L
W
T
E/B
R30 / 2211
Y2
Inches
(mm)
.225 ±.015
(5.72 ±.38
.200 ±.015
(5.08 ±.38)
.150 Max.
(3.81)
.025 ±.015
(0.64±.38)
L
W
T
E/B
S47 / 2220
X1/Y2
DIELECTRIC
NPO
X7R
safety certIfIed


Similar Part No. - 502R29N102KF3ESC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
502R29N101JV3E ETC2-502R29N101JV3E Datasheet
82Kb / 2P
   SAFETY CERTIFIED CAPACITORS
502R29N101JV4E ETC2-502R29N101JV4E Datasheet
82Kb / 2P
   SAFETY CERTIFIED CAPACITORS
502R29N101JV4E ETC2-502R29N101JV4E Datasheet
74Kb / 2P
   HIGH VOLTAGE SURFACE MOUNT MLCCS 250 - 5,000 VDC
502R29N101JV4R ETC2-502R29N101JV4R Datasheet
74Kb / 2P
   HIGH VOLTAGE SURFACE MOUNT MLCCS 250 - 5,000 VDC
502R29N101JV4T ETC2-502R29N101JV4T Datasheet
74Kb / 2P
   HIGH VOLTAGE SURFACE MOUNT MLCCS 250 - 5,000 VDC
More results

Similar Description - 502R29N102KF3ESC

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VY1 VISHAY-VY1 Datasheet
190Kb / 8P
   Singlelayer AC disc safety capacitors
Revision: 16-Jan-17
VY1COMPACT VISHAY-VY1COMPACT Datasheet
195Kb / 8P
   Singlelayer AC disc safety capacitors
Revision: 16-Jan-17
VY1222M47Y5UQ63V0 VISHAY-VY1222M47Y5UQ63V0 Datasheet
133Kb / 6P
   Ceramic Disc Capacitors Safety Standard Approved Disc AC Capacitors
Revision: 15-Oct-09
logo
Murata Manufacturing Co...
DE1E3KX332MA5BA01 MURATA1-DE1E3KX332MA5BA01 Datasheet
175Kb / 2P
   Safety Capacitors
09/22/2022
DE1E3KX392MA5BA01 MURATA1-DE1E3KX392MA5BA01 Datasheet
175Kb / 2P
   Safety Capacitors
09/22/2022
DE1B3KX331KA5B MURATA1-DE1B3KX331KA5B Datasheet
175Kb / 2P
   Safety Capacitors
09/22/2022
DE1B3KX331KN5A MURATA1-DE1B3KX331KN5A Datasheet
174Kb / 2P
   Safety Capacitors
09/22/2022
DE1E3KX152MA5BA01 MURATA1-DE1E3KX152MA5BA01 Datasheet
175Kb / 2P
   Safety Capacitors
09/22/2022
DE1E3KX222MA5BA01 MURATA1-DE1E3KX222MA5BA01 Datasheet
175Kb / 2P
   Safety Capacitors
09/22/2022
DE1B3KX471KN5A MURATA1-DE1B3KX471KN5A Datasheet
174Kb / 2P
   Safety Capacitors
09/22/2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com