Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRG7PH44K10D-EPBF Datasheet(PDF) 8 Page - International Rectifier

Part # IRG7PH44K10D-EPBF
Description  Insulated Gate Bipolar Transistor with Ultrafast Soft Recovery Diode
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRG7PH44K10D-EPBF Datasheet(HTML) 8 Page - International Rectifier

Back Button IRG7PH44K10D-EPBF Datasheet HTML 4Page - International Rectifier IRG7PH44K10D-EPBF Datasheet HTML 5Page - International Rectifier IRG7PH44K10D-EPBF Datasheet HTML 6Page - International Rectifier IRG7PH44K10D-EPBF Datasheet HTML 7Page - International Rectifier IRG7PH44K10D-EPBF Datasheet HTML 8Page - International Rectifier IRG7PH44K10D-EPBF Datasheet HTML 9Page - International Rectifier IRG7PH44K10D-EPBF Datasheet HTML 10Page - International Rectifier IRG7PH44K10D-EPBF Datasheet HTML 11Page - International Rectifier IRG7PH44K10D-EPBF Datasheet HTML 12Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
 
IRG7PH44K10DPbF/IRG7PH44K10D-EPbF
8
www.irf.com
© 2013 International Rectifier
Submit Datasheet Feedback
November 4, 2013
Fig.C.T.1
- Gate Charge Circuit (turn-off)
Fig.C.T.2
- RBSOA Circuit
Fig.C.T.3
- S.C. SOA Circuit
Fig.C.T.4
- Switching Loss Circuit
Fig.C.T.5
- Resistive Load Circuit
Fig.C.T.6
- BVCES Filter Circuit
0
1K
VCC
DUT
L
L
Rg
80 V
DUT
VCC
+
-
DC
4X
DUT
VCC
RSH
L
Rg
VCC
DUT /
DRIVER
diode clamp /
DUT
-5V
Rg
VCC
DUT
R = VCC
ICM
G force
C sense
100K
DUT
0.0075µF
D1
22K
E force
C force
E sense


Similar Part No. - IRG7PH44K10D-EPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG7PH44K10DPBF IRF-IRG7PH44K10DPBF Datasheet
879Kb / 12P
   Insulated Gate Bipolar Transistor with Ultrafast Soft Recovery Diode
IRG7PH44K10DPBF IRF-IRG7PH44K10DPBF_15 Datasheet
879Kb / 12P
   Insulated Gate Bipolar Transistor with Ultrafast Soft Recovery Diode
More results

Similar Description - IRG7PH44K10D-EPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRGB4059DPBF IRF-IRGB4059DPBF Datasheet
286Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODEINSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGB4064DPBF IRF-IRGB4064DPBF Datasheet
370Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODEINSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGI4061DPBF IRF-IRGI4061DPBF Datasheet
288Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODEINSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGIB7B60KD IRF-IRGIB7B60KD Datasheet
435Kb / 12P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGR3B60KD2 IRF-IRGR3B60KD2 Datasheet
257Kb / 13P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRG4PH40UDPBF IRF-IRG4PH40UDPBF_15 Datasheet
261Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGP4066DPBF IRF-IRGP4066DPBF_15 Datasheet
322Kb / 11P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGB4061DPBF IRF-IRGB4061DPBF_15 Datasheet
410Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRG4PC30KDPBF IRF-IRG4PC30KDPBF_15 Datasheet
346Kb / 11P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRG4PC40KDPBF IRF-IRG4PC40KDPBF_15 Datasheet
326Kb / 11P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGPS60B120KDP IRF-IRGPS60B120KDP_15 Datasheet
141Kb / 12P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com