Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SB1101 Datasheet(PDF) 3 Page - Savantic, Inc.

Part # 2SB1101
Description  Silicon PNP Power Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAVANTIC [Savantic, Inc.]
Direct Link  http://www.svntc.com
Logo SAVANTIC - Savantic, Inc.

2SB1101 Datasheet(HTML) 3 Page - Savantic, Inc.

  2SB1101 Datasheet HTML 1Page - Savantic, Inc. 2SB1101 Datasheet HTML 2Page - Savantic, Inc. 2SB1101 Datasheet HTML 3Page - Savantic, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SavantIC Semiconductor
Product Specification
3
Silicon PNP Power Transistors
2SB1101
PACKAGE OUTLINE
Fig.2 Outline dimensions(unindicated tolerance:±0.10 mm)


Similar Part No. - 2SB1101

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SB1101 HITACHI-2SB1101 Datasheet
404Kb / 2P
   LOW FREQUENCY POWER AMPLIFIER COMPLEMENTARY PAIR WITH 2SD1601,2SD1602
logo
Savantic, Inc.
2SB1101 SAVANTIC-2SB1101 Datasheet
99Kb / 3P
   Silicon PNP Power Transistors
logo
Quanzhou Jinmei Electro...
2SB1101 JMNIC-2SB1101 Datasheet
162Kb / 3P
   Silicon PNP Power Transistors
logo
Inchange Semiconductor ...
2SB1101 ISC-2SB1101 Datasheet
130Kb / 3P
   Silicon PNP Power Transistors
logo
New Jersey Semi-Conduct...
2SB1101 NJSEMI-2SB1101 Datasheet
186Kb / 2P
   Silicon PNP Darlington Power Transistor
More results

Similar Description - 2SB1101

ManufacturerPart #DatasheetDescription
logo
Boca Semiconductor Corp...
2N3789 BOCA-2N3789 Datasheet
124Kb / 3P
   SILICON PNP POWER TRANSISTORS
logo
Microsemi Corporation
2N3720 MICROSEMI-2N3720 Datasheet
55Kb / 3P
   Silicon PNP Power Transistors
2N6303 MICROSEMI-2N6303 Datasheet
56Kb / 3P
   Silicon PNP Power Transistors
logo
ON Semiconductor
MJE5730 ONSEMI-MJE5730 Datasheet
139Kb / 6P
   POWER TRANSISTORS PNP SILICON
REV 1
logo
Power Innovations Ltd
BD246 POINN-BD246 Datasheet
91Kb / 6P
   PNP SILICON POWER TRANSISTORS
logo
Quanzhou Jinmei Electro...
2N4898 JMNIC-2N4898 Datasheet
55Kb / 3P
   Silicon PNP Power Transistors
2N4901 JMNIC-2N4901 Datasheet
49Kb / 3P
   Silicon PNP Power Transistors
2N6491 JMNIC-2N6491 Datasheet
103Kb / 3P
   Silicon PNP Power Transistors
2SA1050 JMNIC-2SA1050 Datasheet
151Kb / 3P
   Silicon PNP Power Transistors
2SA1072 JMNIC-2SA1072 Datasheet
162Kb / 3P
   Silicon PNP Power Transistors
2SA1073 JMNIC-2SA1073 Datasheet
162Kb / 3P
   Silicon PNP Power Transistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com