Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

100X41X102MF4T Datasheet(PDF) 7 Page - Johanson Technology Inc.

Part # 100X41X102MF4T
Description  X2Y짰 FILTER & DECOUPLING CAPACITORS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JOHANSON [Johanson Technology Inc.]
Direct Link  http://www.johansontechnology.com
Logo JOHANSON - Johanson Technology Inc.

100X41X102MF4T Datasheet(HTML) 7 Page - Johanson Technology Inc.

  100X41X102MF4T Datasheet HTML 1Page - Johanson Technology Inc. 100X41X102MF4T Datasheet HTML 2Page - Johanson Technology Inc. 100X41X102MF4T Datasheet HTML 3Page - Johanson Technology Inc. 100X41X102MF4T Datasheet HTML 4Page - Johanson Technology Inc. 100X41X102MF4T Datasheet HTML 5Page - Johanson Technology Inc. 100X41X102MF4T Datasheet HTML 6Page - Johanson Technology Inc. 100X41X102MF4T Datasheet HTML 7Page - Johanson Technology Inc. 100X41X102MF4T Datasheet HTML 8Page - Johanson Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
www.johanson dielectrics.com
SIZE
TC
Y-CAPACITOR
VOLTAGE
RATING (DC)
JOHANSON P/N
REEL QTY
VALUE
TOLERANCE
0402
NPO/COG
1.8pF
±0.5pF
50
500X07N1R8CV4T
4,000
2.2pF
±0.5pF
50
500X07N2R2CV4T
4,000
4.7pF
±0.5pF
50
500X07N4R7CV4T
4,000
5.6pF
±0.5pF
50
500X07N5R6CV4T
4,000
10pF
±20%
50
500X07N100MV4T
4,000
22pF
±20%
50
500X07N220MV4T
4,000
27pF
±20%
50
500X07N270MV4T
4,000
33pF
±20%
50
500X07N330MV4T
4,000
47pF
±20%
50
500X07N470MV4T
4,000
100pF
±20%
50
500X07N101MV4T
4,000
X7R
100pF
±20%
50
500X07W101MV4T
4,000
220pF
±20%
50
500X07W221MV4T
4,000
470pF
±20%
50
500X07W471MV4T
4,000
1.0nF
±20%
50
500X07W102MV4T
4,000
1.5nF
±20%
50
500X07W152MV4T
4,000
2.2nF
±20%
50
500X07W222MV4T
4,000
4.7nF
±20%
50
500X07W472MV4T
4,000
10nF
±20%
16
160X07W103MV4T
4,000
0603
NPO/COG
1.8pF
±20%
100
101X14N1R8CV4T
4,000
2.2pF
±20%
100
101X14N2R0CV4T
4,000
4.7pF
±20%
100
101X14N4R7CV4T
4,000
5.6pF
±20%
100
101X14N5R6CV4T
4,000
10pF
±20%
100
101X14N100MV4T
4,000
22pF
±20%
100
101X14N220MV4T
4,000
27pF
±20%
100
101X14N270MV4T
4,000
33pF
±20%
100
101X14N330MV4T
4,000
47pF
±20%
100
101X14N470MV4T
4,000
100pF
±20%
50
500X14N101MV4T
4,000
220pF
±20%
50
500X14N221MV4T
4,000
100pF
±20%
100
101X14W101MV4T
4,000
220pF
±20%
100
101X14W221MV4T
4,000
470pF
±20%
100
101X14W471MV4T
4,000
1.0nF
±20%
100
101X14W102MV4T
4,000
1.5nF
±20%
100
101X14W152MV4T
4,000
2.2nF
±20%
100
101X14W222MV4T
4,000
4.7nF
±20%
100
101X14W472MV4T
4,000
10nF
±20%
50
500X14W103MV4T
4,000
15nF
±20%
25
250X14W153MV4T
4,000
22nF
±20%
25
250X14W223MV4T
4,000
47nF
±20%
16
160X14W473MV4T
4,000
100nF
±20%
10
100X14W104MV4T
4,000
220nF
±20%
6.3
6R3X14W224MV4T
4,000
X5R
220nF
±20%
16
160X14X224MV4T
4,000
330nF
±20%
10
100X14X334MV4T
4,000
470nF
±20%
10
100X14X474MV4T
4,000
1.0µF
±20%
10
100X14X105MV4T
4,000
Parts listed in the table are standard parts and carry the highest DC voltage rating for their size and value. Legacy part number requirements for
lower voltage codes are fulfilled with the higher voltage rating which exceeds the requirement. Please contact the factory for part values or voltage
combinations that are not shown.


Similar Part No. - 100X41X102MF4T

ManufacturerPart #DatasheetDescription
logo
Johanson Technology Inc...
100X41X102MF4E JOHANSON-100X41X102MF4E Datasheet
1Mb / 4P
   X2Y Filter & Decoupling Capacitors
More results

Similar Description - 100X41X102MF4T

ManufacturerPart #DatasheetDescription
logo
Johanson Technology Inc...
101X18W104MV4E JOHANSON-101X18W104MV4E Datasheet
1Mb / 4P
   X2Y짰 FILTER & DECOUPLING CAPACITORS
101X18W223MV4E JOHANSON-101X18W223MV4E Datasheet
1Mb / 8P
   X2Y짰 FILTER & DECOUPLING CAPACITORS
101X14W102MV4T JOHANSON-101X14W102MV4T Datasheet
1Mb / 4P
   X2Y Filter & Decoupling Capacitors
logo
Taiyo Yuden (U.S.A.), I...
TWK105BJ104MP-F TAIYO-YUDEN-TWK105BJ104MP-F Datasheet
434Kb / 3P
   LW Reversal Decoupling Capacitors (LWDC)
PWK107C6106MV-T TAIYO-YUDEN-PWK107C6106MV-T Datasheet
451Kb / 3P
   LW Reversal Decoupling Capacitors (LWDC??
EWK107B7474MV-T TAIYO-YUDEN-EWK107B7474MV-T Datasheet
434Kb / 3P
   LW Reversal Decoupling Capacitors (LWDC)
EWK107BJ474MV-T TAIYO-YUDEN-EWK107BJ474MV-T Datasheet
433Kb / 3P
   LW Reversal Decoupling Capacitors (LWDC)
EWK105C6104MP-F TAIYO-YUDEN-EWK105C6104MP-F Datasheet
434Kb / 3P
   LW Reversal Decoupling Capacitors (LWDC)
TWK107B7104MV-T TAIYO-YUDEN-TWK107B7104MV-T Datasheet
434Kb / 3P
   LW Reversal Decoupling Capacitors (LWDC)
TWK107BJ104MV-T TAIYO-YUDEN-TWK107BJ104MV-T Datasheet
434Kb / 3P
   LW Reversal Decoupling Capacitors (LWDC)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com