Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRG7RA13UTRPBF Datasheet(PDF) 7 Page - International Rectifier

Part # IRG7RA13UTRPBF
Description  Advanced Trench IGBT Technology
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRG7RA13UTRPBF Datasheet(HTML) 7 Page - International Rectifier

  IRG7RA13UTRPBF Datasheet HTML 1Page - International Rectifier IRG7RA13UTRPBF Datasheet HTML 2Page - International Rectifier IRG7RA13UTRPBF Datasheet HTML 3Page - International Rectifier IRG7RA13UTRPBF Datasheet HTML 4Page - International Rectifier IRG7RA13UTRPBF Datasheet HTML 5Page - International Rectifier IRG7RA13UTRPBF Datasheet HTML 6Page - International Rectifier IRG7RA13UTRPBF Datasheet HTML 7Page - International Rectifier IRG7RA13UTRPBF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
 
IRG7RA13UPbF
7
www.irf.com
© 2012 International Rectifier
November 5th, 2012
D-Pak (TO-252AA) Package Outline
Dimensions are shown in millimeters (inches)
Notes: This part marking information applies to devices produced after 02/26/2001
INTERNATIONAL
ASSEMBLED ON WW 16, 2001
IN THE ASSEMBLY LINE "A"
OR
Note: "P" in assembly line position
EXAMPLE:
LOT CODE 1234
THIS IS AN IRFR120
WITH ASSEMBLY
indicates "Lead-Free"
PRODUCT (OPTIONAL)
P = DESIGNATES LEAD-FREE
A = ASSEMBLY SITE CODE
PART NUMBER
WEEK 16
DATE CODE
YEAR 1 = 2001
RECTIFIER
INTERNATIONAL
LOGO
LOT CODE
ASSEMBLY
34
12
IRFR120
116A
LINE A
34
RECTIFIER
LOGO
IRFR120
12
ASSEMBLY
LOT CODE
YEAR 1 = 2001
DATE CODE
PART NUMBER
WEEK 16
"P" in assembly line position indicates
"Lead-Free" qualification to the consumer-level
P = DESIGNATES LEAD-FREE
PRODUCT QUALIFIED TO THE
CONSUMER LEVEL (OPTIONAL)
D-Pak (TO-252AA) Part Marking Information
Note:
For the most current drawing please refer to IR website at http://www.irf.com/package/


Similar Part No. - IRG7RA13UTRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG7R313 IRF-IRG7R313 Datasheet
242Kb / 8P
   PDP TRENCH IGBT
3/31/10
IRG7R313U IRF-IRG7R313U Datasheet
242Kb / 8P
   PDP TRENCH IGBT
3/31/10
IRG7R313UPBF IRF-IRG7R313UPBF Datasheet
242Kb / 8P
   PDP TRENCH IGBT
3/31/10
IRG7RC07SDPBF IRF-IRG7RC07SDPBF Datasheet
299Kb / 11P
   Optimized for line frequency, 50/60Hz switching frequency
IRG7RC10FDPBF IRF-IRG7RC10FDPBF Datasheet
332Kb / 11P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
More results

Similar Description - IRG7RA13UTRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRGB4055PBF IRF-IRGB4055PBF Datasheet
620Kb / 7P
   Advanced Trench IGBT Technology
IRG6B330UDPBF IRF-IRG6B330UDPBF_15 Datasheet
275Kb / 7P
   Advanced Trench IGBT Technology
logo
DONGGUAN YOU FENG WEI E...
15L65SP-TO277 YFWDIODE-15L65SP-TO277 Datasheet
825Kb / 3P
   Advanced trench technology
logo
Advanced Power Electron...
AP40G120W A-POWER-AP40G120W_14 Datasheet
99Kb / 3P
   Advanced IGBT Technology
logo
Vishay Siliconix
VS-GT105LA120UX VISHAY-VS-GT105LA120UX Datasheet
190Kb / 9P
   Trench IGBT technology
Revision: 17-Oct-16
logo
Silikron Semiconductor ...
SSF1122D SILIKRON-SSF1122D Datasheet
627Kb / 5P
   Advanced trench process technology
SSF6010A SILIKRON-SSF6010A Datasheet
449Kb / 5P
   Advanced trench process technology
SSF6014A SILIKRON-SSF6014A Datasheet
486Kb / 5P
   Advanced trench process technology
SSF7504 SILIKRON-SSF7504 Datasheet
433Kb / 5P
   Advanced trench process technology
SSF6808A SILIKRON-SSF6808A Datasheet
466Kb / 5P
   Advanced trench process technology
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com