Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6R3R15W105KT4E Datasheet(PDF) 2 Page - Johanson Technology Inc.

Part # 6R3R15W105KT4E
Description  Tanceram짰 Chip Capacitors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JOHANSON [Johanson Technology Inc.]
Direct Link  http://www.johansontechnology.com
Logo JOHANSON - Johanson Technology Inc.

6R3R15W105KT4E Datasheet(HTML) 2 Page - Johanson Technology Inc.

  6R3R15W105KT4E Datasheet HTML 1Page - Johanson Technology Inc. 6R3R15W105KT4E Datasheet HTML 2Page - Johanson Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
19
www.johanson dielectrics.com
caSe Size
capacitance Selection
EIA / JDI
INCHES
(mm)
VDC
1.0 µF
2.2 µF
3.3 µF
4.7 µF
10 µF
22 µF
47 µF
100 µF
0402
R07
L
W
T
EB
.040 ±.004
.020 ±.004
.025 Max.
.008 ±.004
(1.02 ±.10)
(0.51 ±.10)
(0.64)
(0.20±.10)
16
10
6.3
0603
R14
L
W
T
EB
.063 ±.008
.032 ±.008
.035 Max.
.010±.005
(1.60 ±.20)
(0.81 ±.20)
(0.89)
(.25±.13)
25
16
10
6.3
0805
R15
L
W
T
EB
.080 ±.010
.050 ±.010
.060 Max.
.020±.010
(2.03 ±.25)
(1.27 ±.25)
(1.52)
(0.51±.25 )
50
25
16
10
6.3
1206
R18
L
W
T
EB
.125 ±.013
.062 ±.010
.070 Max.
.020 +.015-0.01
(3.17 ±.35)
(1.57 ±.25)
(1.78)
(0.51+.38-.25)
100
50
35
25
16
10
6.3
1210
S41
L
W
T
EB
.126 ±.016
.098 ±.012
.110 Max.
.020 +.015-.010
(3.20 ±.40)
(2.50 ±.30)
(2.8)
(0.51+.38-.25)
100
50
35
25
16
10
6.3
1812
S43
L
W
T
EB
.177 ±.016
.126 ±.015
.140 Max.
.035 ±.020
(4.50 ±.40)
(3.20 ±.38)
(3.55)
(0.89 ±0.51)
100
50
25
16
10
6.3
W
X
W
X
W
X
W
X
W
X
W
X
W
X
W
X
electrical cHaracteriSticS
DIELECTRIC:
X7R
X5R
TEMPERATuRE COEFFICIENT:
±15% (-55 to +125°C)
±15% (-55 to +85°C)
DISSIPATION FACTOR:
For ≥ 50 VDC: 5% max.
For ≤ 35 VDC: 10% max.
For ≥ 50 VDC: 5% max.
For ≤ 35 VDC: 10% max.
INSuLATION RESISTANCE (MIN. @ 25°C, WVDC)
100 ΩF or 10 GΩ, whichever is less
DIELECTRIC STRENGTH:
2.5 X WVDC, 25°C, 50mA max.
TEST CONDITIONS:
Capacitance values ≤ 10 µF: 1.0kHz±50Hz @ 1.0±0.2 Vrms
Capacitance values > 10 µF: 120Hz±10Hz @ 0.5V±0.1 Vrms
OTHER:
See page 35 for additional dielectric specifications.
tanceram® cHIP caPacItors
L
W
T
E/B
DIELECTRIC
W (X7R)
X (X5R)


Similar Part No. - 6R3R15W105KT4E

ManufacturerPart #DatasheetDescription
logo
Johanson Technology Inc...
6R3R15X226KV4E JOHANSON-6R3R15X226KV4E Datasheet
129Kb / 2P
   Switching Power Supply Smoothing (Input/Output)
6R3R15X476MV4E JOHANSON-6R3R15X476MV4E Datasheet
1Mb / 2P
   Ceramic Capacitor Solutions
6R3R15X476MV4E JOHANSON-6R3R15X476MV4E Datasheet
129Kb / 2P
   Switching Power Supply Smoothing (Input/Output)
More results

Similar Description - 6R3R15W105KT4E

ManufacturerPart #DatasheetDescription
logo
Johanson Technology Inc...
250S41X106KV4E JOHANSON-250S41X106KV4E Datasheet
129Kb / 2P
   Tanceram짰 Chip Capacitors
logo
List of Unclassifed Man...
6R3R07X225MV4T ETC2-6R3R07X225MV4T Datasheet
126Kb / 2P
   TANCERAM짰 CHIP CAPACITORS
250R18Y105ZV4E ETC2-250R18Y105ZV4E Datasheet
89Kb / 2P
   Tanceram짰 Chip Capacitors
logo
EPCOS
X8R EPCOS-X8R Datasheet
112Kb / 13P
   Multilayer ceramic capacitors Chip capacitors
B45294R9227M409 EPCOS-B45294R9227M409 Datasheet
249Kb / 5P
   Tantalum Chip Capacitors
logo
Kemet Corporation
C0201C103B1GA KEMET-C0201C103B1GA Datasheet
1Mb / 8P
   CERAMIC CHIP CAPACITORS
logo
EPCOS
B45194 EPCOS-B45194 Datasheet
114Kb / 8P
   Tantalum Chip Capacitors
B45196E EPCOS-B45196E Datasheet
113Kb / 9P
   Tantalum Chip Capacitors
logo
Rohm
TCO ROHM-TCO Datasheet
106Kb / 10P
   Chip tantalum capacitors
logo
Kemet Corporation
C0805C103K5RAC KEMET-C0805C103K5RAC Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com