Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

100X07X103MF4T Datasheet(PDF) 6 Page - Johanson Technology Inc.

Part # 100X07X103MF4T
Description  X2Y짰 FILTER & DECOUPLING CAPACITORS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JOHANSON [Johanson Technology Inc.]
Direct Link  http://www.johansontechnology.com
Logo JOHANSON - Johanson Technology Inc.

100X07X103MF4T Datasheet(HTML) 6 Page - Johanson Technology Inc.

  100X07X103MF4T Datasheet HTML 1Page - Johanson Technology Inc. 100X07X103MF4T Datasheet HTML 2Page - Johanson Technology Inc. 100X07X103MF4T Datasheet HTML 3Page - Johanson Technology Inc. 100X07X103MF4T Datasheet HTML 4Page - Johanson Technology Inc. 100X07X103MF4T Datasheet HTML 5Page - Johanson Technology Inc. 100X07X103MF4T Datasheet HTML 6Page - Johanson Technology Inc. 100X07X103MF4T Datasheet HTML 7Page - Johanson Technology Inc. 100X07X103MF4T Datasheet HTML 8Page - Johanson Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
www.johanson dielectrics.com
SOLDER PAD RECOMMENDATIONS
0402 (X07)
0603 (X14)
0805 (X15)
1206 (X18)
1210 (X41)
1410 (X44)
1812 (X43)
IN
mm
IN
mm
IN
mm
IN
mm
IN
mm
IN
mm
IN
mm
X
0.020
0.51
0.035
0.89
0.050
1.27
0.065
1.65
0.100
2.54
0.100
2.54
0.125
3.18
Y
0.020
0.51
0.025
0.64
0.035
0.89
0.040
1.02
0.040
1.02
0.040
1.02
0.040
1.02
G
0.024
0.61
0.040
1.02
0.050
1.27
0.080
2.03
0.080
2.03
0.100
2.54
0.130
3.30
V
0.015
0.38
0.020
0.51
0.022
0.56
0.040
1.02
0.045
1.14
0.045
1.14
0.045
1.14
U
0.039
0.99
0.060
1.52
0.080
2.03
0.120
3.05
0.160
4.06
0.160
4.06
0.190
4.83
Z
0.064
1.63
0.090
2.29
0.120
3.05
0.160
4.06
0.160
4.06
0.180
4.57
0.210
5.33
Use of solder mask beneath component is not recommended because of flux/contaminant entrapment.
V
V
V
Z
X
U
V
G
Y
Recommended X2Y
Bypass Layout
OPTIMIZING X2Y PERFORMANCE ON THE PCB
X2Y capacitors deliver excellent performance in EMI/RFI filtering and Power Bypass applications. Physical and electrical placement
on the PCB is critical in achieving good results. A low inductance, dual ground connection is mandatory.
EMI Filter Applications Low inductance PCB routing examples are shown in figures 1 and 2. Figures 3-5 show unbalanced and high
inductance connections and should be avoided. See detailed application note X2Y EMI FIlter Evaluation and PCB Design Guidelines.
Fig. 1
Fig. 2
Fig. 3
Fig. 4
Fig. 5
PDN / Power Bypass Applications Figures on right compare the X2Y
recommended layout against a poor layout. Because of its long extents from
device terminals to vias, and the wide via separation, the poor layout exhibits
approximately 200% L1 inductance, and 150% L2 inductance compared to
recommended X2Y layouts. See detailed application note X2Y Power Bypass
Mounting.
LAB EVALUATION SOLDERING PRECAUTIONS
Ceramic capacitors (X2Y and standard MLC types) can be easily damaged when hand soldered. Thermal cracking of the ceramic
body is often invisible even under a microscope. Factors that increase thermal cracking risk:
1. 4 terminals to solder can increase hand-soldering time and temperature exposure
2. Pb-free solders have higher reflow temperatures
3. Low inductance connections to ground are inherently good heat-sinks
A damaged component may exhibit a short circuit immediately and not recover, or may operate with intermittent Insulation Resistance
(IR) levels. If you are not achieving expected results and have followed the other guidelines carefully, check to see you are adhering to
the soldering guidelines below:
• Always pre-heat the PCB and component to within 50°C of solder reflow temperature at 2°C/sec. maximum.
• Use contact-less hand solder tools such as a hot air pencil, IR lamp, etc.
• Avoid over-heating of the ceramic component, temperature limit: 260°C for 20-30 seconds max.
• Use a soldering iron as last resort; 20W max. tip, NO CONTACT with ceramic, limit solder time to 5 seconds max.
A reliable, cost effective prototype PCB reflow soldering process is possible using a household toaster oven. There are several good
procedures available on-line by googling “Toaster Oven Soldering”


Similar Part No. - 100X07X103MF4T

ManufacturerPart #DatasheetDescription
logo
Johanson Technology Inc...
100X07X102DF4E JOHANSON-100X07X102DF4E Datasheet
1Mb / 4P
   X2Y Filter & Decoupling Capacitors
100X07X102DV4E JOHANSON-100X07X102DV4E Datasheet
1Mb / 4P
   X2Y Filter & Decoupling Capacitors
100X07X102MF4E JOHANSON-100X07X102MF4E Datasheet
1Mb / 4P
   X2Y Filter & Decoupling Capacitors
100X07X102MV4E JOHANSON-100X07X102MV4E Datasheet
1Mb / 4P
   X2Y Filter & Decoupling Capacitors
100X07X104DF4E JOHANSON-100X07X104DF4E Datasheet
1Mb / 4P
   X2Y Filter & Decoupling Capacitors
More results

Similar Description - 100X07X103MF4T

ManufacturerPart #DatasheetDescription
logo
Johanson Technology Inc...
101X18W104MV4E JOHANSON-101X18W104MV4E Datasheet
1Mb / 4P
   X2Y짰 FILTER & DECOUPLING CAPACITORS
101X18W223MV4E JOHANSON-101X18W223MV4E Datasheet
1Mb / 8P
   X2Y짰 FILTER & DECOUPLING CAPACITORS
101X14W102MV4T JOHANSON-101X14W102MV4T Datasheet
1Mb / 4P
   X2Y Filter & Decoupling Capacitors
logo
Taiyo Yuden (U.S.A.), I...
TWK105BJ104MP-F TAIYO-YUDEN-TWK105BJ104MP-F Datasheet
434Kb / 3P
   LW Reversal Decoupling Capacitors (LWDC)
PWK107C6106MV-T TAIYO-YUDEN-PWK107C6106MV-T Datasheet
451Kb / 3P
   LW Reversal Decoupling Capacitors (LWDC??
EWK107B7474MV-T TAIYO-YUDEN-EWK107B7474MV-T Datasheet
434Kb / 3P
   LW Reversal Decoupling Capacitors (LWDC)
EWK107BJ474MV-T TAIYO-YUDEN-EWK107BJ474MV-T Datasheet
433Kb / 3P
   LW Reversal Decoupling Capacitors (LWDC)
EWK105C6104MP-F TAIYO-YUDEN-EWK105C6104MP-F Datasheet
434Kb / 3P
   LW Reversal Decoupling Capacitors (LWDC)
TWK107B7104MV-T TAIYO-YUDEN-TWK107B7104MV-T Datasheet
434Kb / 3P
   LW Reversal Decoupling Capacitors (LWDC)
TWK107BJ104MV-T TAIYO-YUDEN-TWK107BJ104MV-T Datasheet
434Kb / 3P
   LW Reversal Decoupling Capacitors (LWDC)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com