Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRGP4078DPBF Datasheet(PDF) 4 Page - International Rectifier

Part # IRGP4078DPBF
Description  INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRA-LOW VF DIODE FOR INDUCTION HEATING AND SOFT SWITCHING APPLICATIONS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRGP4078DPBF Datasheet(HTML) 4 Page - International Rectifier

  IRGP4078DPBF Datasheet HTML 1Page - International Rectifier IRGP4078DPBF Datasheet HTML 2Page - International Rectifier IRGP4078DPBF Datasheet HTML 3Page - International Rectifier IRGP4078DPBF Datasheet HTML 4Page - International Rectifier IRGP4078DPBF Datasheet HTML 5Page - International Rectifier IRGP4078DPBF Datasheet HTML 6Page - International Rectifier IRGP4078DPBF Datasheet HTML 7Page - International Rectifier IRGP4078DPBF Datasheet HTML 8Page - International Rectifier IRGP4078DPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
 
IRGP4078DPbF/EP
4
www.irf.com
© 2012 International Rectifier
January 8, 2013
4
6
8
10
12
14
16
18
20
VGE (V)
0
50
100
150
200
250
300
350
TJ = 175°C
TJ = 25°C
Fig. 11
- Typ. Transfer Characteristics
VCE = 50V; tp = 20µs
510
15
20
VGE (V)
0
2
4
6
8
10
12
ICE= 25A
ICE= 50A
ICE= 100A
Fig. 9
- Typical VCE vs. VGE
TJ = 25°C
510
15
20
VGE (V)
0
2
4
6
8
10
12
ICE= 25A
ICE= 50A
ICE= 100A
10 20 30 40 50 60 70 80 90 100
IC (A)
0
1000
2000
3000
4000
5000
EOFF
Fig. 10
- Typical VCE vs. VGE
TJ = 175°C
510
15
20
VGE (V)
0
2
4
6
8
10
12
ICE= 25A
ICE= 50A
ICE= 100A
Fig. 8
- Typical V
CE
vs. V
GE
T
J
= -40°C
Fig. 12
- Typ. Energy Loss vs. IC
TJ = 175°C; L = 210mH; VCE = 400V, RG = 10; VGE = 15V
0.0
1.0
2.0
3.0
VF (V)
1
10
100
1000
-40°C
25°C
175°C
Fig. 7
- Typ. Diode Forward Voltage Drop
Characteristics


Similar Part No. - IRGP4078DPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRGP4078DPBF IRF-IRGP4078DPBF Datasheet
936Kb / 11P
   Low Switching Losses
IRGP4078DPBF IRF-IRGP4078DPBF_15 Datasheet
936Kb / 11P
   Low Switching Losses
More results

Similar Description - IRGP4078DPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG7PH35UD1PBF IRF-IRG7PH35UD1PBF Datasheet
406Kb / 9P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRA-LOW VF DIODE FOR INDUCTION HEATING AND SOFT SWITCHING APPLICATIONS
IRG7PH42UD1PBF IRF-IRG7PH42UD1PBF Datasheet
429Kb / 9P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRA-LOW VF DIODE FOR INDUCTION HEATING AND SOFT SWITCHING APPLICATIONS
IRGP4068DPBF IRF-IRGP4068DPBF Datasheet
326Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRA-LOW VF DIODE FOR INDUCTION HEATING AND SOFT SWITCHING APPLICATIONS
IRG7PH42UD1PBF IRF-IRG7PH42UD1PBF_15 Datasheet
325Kb / 10P
   Device optimized for induction heating and soft switching applications
IRG7PH35UD1MPBF IRF-IRG7PH35UD1MPBF Datasheet
295Kb / 9P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRA-LOW VF DIODE
IRG7PH42UD1MPBF IRF-IRG7PH42UD1MPBF Datasheet
276Kb / 9P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRA-LOW VF DIODE
IRG7PH28UD1PBF IRF-IRG7PH28UD1PBF Datasheet
398Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRA-LOW VF DIODE
IRGR2B60KDPBF IRF-IRGR2B60KDPBF Datasheet
751Kb / 12P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRA-FAST SOFT RECOVERY DIODE
IRGR2B60KDPBF IRF-IRGR2B60KDPBF_15 Datasheet
751Kb / 12P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRA-FAST SOFT RECOVERY DIODE
IRGIB7B60KD IRF-IRGIB7B60KD Datasheet
435Kb / 12P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com