Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRGP4266PBF Datasheet(PDF) 10 Page - International Rectifier

Part # IRGP4266PBF
Description  Insulated Gate Bipolar Transistor
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRGP4266PBF Datasheet(HTML) 10 Page - International Rectifier

Back Button IRGP4266PBF Datasheet HTML 3Page - International Rectifier IRGP4266PBF Datasheet HTML 4Page - International Rectifier IRGP4266PBF Datasheet HTML 5Page - International Rectifier IRGP4266PBF Datasheet HTML 6Page - International Rectifier IRGP4266PBF Datasheet HTML 7Page - International Rectifier IRGP4266PBF Datasheet HTML 8Page - International Rectifier IRGP4266PBF Datasheet HTML 9Page - International Rectifier IRGP4266PBF Datasheet HTML 10Page - International Rectifier IRGP4266PBF Datasheet HTML 11Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
IRGP4266PbF/IRGP4266-EPbF
10
www.irf.com
© 2012 International Rectifier
December 13, 2012
TO-247AD Package Outline
Dimensions are shown in millimeters (inches)
TO-247AD Part Marking Information
A S S E M B L Y
Y E A R 0 = 2 0 0 0
A S S E M B L E D O N W W 3 5 , 2 0 0 0
IN T H E A S S E M B L Y L IN E "H "
E X A M P L E : T H IS IS A N IR G P 3 0 B 1 2 0 K D -E
L O T C O D E 5 6 5 7
W IT H A S S E M B L Y
P A R T N U M B E R
D A T E C O D E
IN T E R N A T IO N A L
R E C T IF IE R
L O G O
0 3 5 H
5 6
5 7
W E E K 3 5
L IN E H
L O T C O D E
N o te : "P " in a s s e m b ly lin e p o s itio n
in d ic a te s "L e a d -F re e "
Note: For the most current drawing please refer to IR website at http://www.irf.com/package/
TO-247AD package is not recommended for Surface Mount Application.


Similar Part No. - IRGP4266PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRGP4266PBF IRF-IRGP4266PBF Datasheet
568Kb / 11P
   Insulated Gate Bipolar Transistor
IRGP4266PBF IRF-IRGP4266PBF_15 Datasheet
568Kb / 11P
   Insulated Gate Bipolar Transistor
More results

Similar Description - IRGP4266PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG4BH20K-L IRF-IRG4BH20K-L Datasheet
167Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR
IRGP20B120U-E IRF-IRGP20B120U-E Datasheet
106Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR
logo
Motorola, Inc
MGP14N60E MOTOROLA-MGP14N60E Datasheet
125Kb / 6P
   Insulated Gate Bipolar Transistor
MGW30N60 MOTOROLA-MGW30N60 Datasheet
214Kb / 6P
   Insulated Gate Bipolar Transistor
logo
ON Semiconductor
MGP20N60U ONSEMI-MGP20N60U Datasheet
120Kb / 5P
   Insulated Gate Bipolar Transistor
1998 REV 1
MGS13002D ONSEMI-MGS13002D Datasheet
138Kb / 6P
   Insulated Gate Bipolar Transistor
1998 REV 2
MGW21N60ED ONSEMI-MGW21N60ED Datasheet
152Kb / 6P
   Insulated Gate Bipolar Transistor
MMG05N60D ONSEMI-MMG05N60D Datasheet
138Kb / 6P
   Insulated Gate Bipolar Transistor
REV 2
logo
International Rectifier
IRG4PSC71UPBF IRF-IRG4PSC71UPBF_15 Datasheet
294Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR
IRG4PC30KPBF IRF-IRG4PC30KPBF_15 Datasheet
261Kb / 9P
   INSULATED GATE BIPOLAR TRANSISTOR
IRG4PC30SPBF IRF-IRG4PC30SPBF_15 Datasheet
250Kb / 9P
   INSULATED GATE BIPOLAR TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com