Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AUIRF1404 Datasheet(PDF) 5 Page - International Rectifier

Part # AUIRF1404
Description  HEXFET짰 Power MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AUIRF1404 Datasheet(HTML) 5 Page - International Rectifier

  AUIRF1404 Datasheet HTML 1Page - International Rectifier AUIRF1404 Datasheet HTML 2Page - International Rectifier AUIRF1404 Datasheet HTML 3Page - International Rectifier AUIRF1404 Datasheet HTML 4Page - International Rectifier AUIRF1404 Datasheet HTML 5Page - International Rectifier AUIRF1404 Datasheet HTML 6Page - International Rectifier AUIRF1404 Datasheet HTML 7Page - International Rectifier AUIRF1404 Datasheet HTML 8Page - International Rectifier AUIRF1404 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
AUIRF1404
www.irf.com
5
Fig 8. Maximum Safe Operating Area
Fig 6. Typical Gate Charge Vs.
Gate-to-Source Voltage
Fig 5. Typical Capacitance Vs.
Drain-to-Source Voltage
Fig 7. Typical Source-Drain Diode
Forward Voltage
0
50
100
150
200
0
4
8
12
16
20
Q , Total Gate Charge (nC)
G
FOR TEST CIRCUIT
SEE FIGURE
I =
D
13
121A
V
= 20V
DS
V
= 32V
DS
0.1
1
10
100
1000
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
V
,Source-to-Drain Voltage (V)
SD
V
= 0 V
GS
T = 25 C
J
°
T = 175 C
J
°
1
10
100
1000
10000
1
10
100
OPERATION IN THIS AREA LIMITED
BY RDS(on)
Single Pulse
T
T
= 175 C
= 25 C
°
°
J
C
V
, Drain-to-Source Voltage (V)
DS
10us
100us
1ms
10ms
1
10
100
VDS, Drain-to-Source Voltage (V)
0
2000
4000
6000
8000
10000
Coss
Crss
Ciss
VGS = 0V, f = 1 MHZ
Ciss = Cgs+ Cgd, Cds SHORTED
Crss = Cgd
Coss = Cds+ Cgd


Similar Part No. - AUIRF1404

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
AUIRF1404 INFINEON-AUIRF1404 Datasheet
454Kb / 10P
   AUTOMOTIVE GRADE
2015-9-30
logo
International Rectifier
AUIRF1404L IRF-AUIRF1404L Datasheet
233Kb / 13P
   HEXFET짰 Power MOSFET
logo
List of Unclassifed Man...
AUIRF1404L ETC2-AUIRF1404L Datasheet
233Kb / 13P
   Dynamic dV/dT Rating
logo
Infineon Technologies A...
AUIRF1404L INFINEON-AUIRF1404L Datasheet
309Kb / 11P
   AUTOMOTIVE GRADE
2015-11-11
logo
International Rectifier
AUIRF1404S IRF-AUIRF1404S Datasheet
233Kb / 13P
   HEXFET짰 Power MOSFET
More results

Similar Description - AUIRF1404

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFBA1405PPBF IRF-IRFBA1405PPBF Datasheet
153Kb / 10P
   HEXFET짰 Power MOSFET
IRFR3707PBF IRF-IRFR3707PBF Datasheet
221Kb / 9P
   HEXFET짰 Power MOSFET
IRFZ44EPBF IRF-IRFZ44EPBF Datasheet
147Kb / 8P
   HEXFET짰 Power MOSFET
IRLZ44NSPBF IRF-IRLZ44NSPBF Datasheet
336Kb / 10P
   HEXFET짰 Power MOSFET
IRF520VPBF IRF-IRF520VPBF Datasheet
150Kb / 8P
   HEXFET짰 Power MOSFET
IRFBC40SPBF IRF-IRFBC40SPBF Datasheet
360Kb / 10P
   HEXFET짰 Power MOSFET
IRLIZ24NPBF IRF-IRLIZ24NPBF Datasheet
843Kb / 8P
   HEXFET짰 Power MOSFET
IRF1010EPBF IRF-IRF1010EPBF Datasheet
231Kb / 8P
   HEXFET짰 Power MOSFET
IRFI1010NPBF IRF-IRFI1010NPBF Datasheet
234Kb / 9P
   HEXFET짰 Power MOSFET
IRFD014PBF IRF-IRFD014PBF Datasheet
2Mb / 8P
   HEXFET짰 Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com