Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AUIRF1404S Datasheet(PDF) 1 Page - International Rectifier

Part # AUIRF1404S
Description  HEXFET짰 Power MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AUIRF1404S Datasheet(HTML) 1 Page - International Rectifier

  AUIRF1404S Datasheet HTML 1Page - International Rectifier AUIRF1404S Datasheet HTML 2Page - International Rectifier AUIRF1404S Datasheet HTML 3Page - International Rectifier AUIRF1404S Datasheet HTML 4Page - International Rectifier AUIRF1404S Datasheet HTML 5Page - International Rectifier AUIRF1404S Datasheet HTML 6Page - International Rectifier AUIRF1404S Datasheet HTML 7Page - International Rectifier AUIRF1404S Datasheet HTML 8Page - International Rectifier AUIRF1404S Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
AUIRF1404S
AUIRF1404L
HEXFET® Power MOSFET
06/07/11
www.irf.com
1
PD -97680
Features
Advanced Planar Technology
Dynamic dV/dT Rating
175°C Operating Temperature
Fast Switching
Fully Avalanche Rated
Repetitive Avalanche Allowed up to Tjmax
Lead-Free, RoHS Compliant
Automotive Qualified *
AUTOMOTIVE GRADE
S
D
G
Absolute Maximum Ratings
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings
only; and functional operation of the device at these or any other condition beyond those indicated in the specifications is not implied. Exposure
to absolute-maximum-rated conditions for extended periods may affect device reliability. The thermal resistance and power dissipation ratings
are measured under board mounted and still air conditions. Ambient temperature (TA) is 25°C, unless otherwise specified.
GD
S
Gate
Drain
Source
D2Pak
AUIRF1404S
TO-262
AUIRF1404L
G
D
S
GD
S
HEXFET® is a registered trademark of International Rectifier.
*Qualification standards can be found at http://www.irf.com/
Symbol
Parameter
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V (Silicon Limited)
i
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V (Silicon Limited)
i
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V (Package Limited)
IDM
Pulsed Drain Current
™i
PD @TA = 25°C
Maximum Power Dissipation
W
PD @TC = 25°C
Maximum Power Dissipation
Linear Derating Factor
W/°C
VGS
Gate-to-Source Voltage
V
EAS
Single Pulse Avalanche Energy (Thermally Limited)
di
mJ
IAR
Avalanche Current
Ù
A
EAR
Repetitive Avalanche Energy
™
mJ
dv/dt
Peak Diode Recovery
ei
V/ns
TJ
Operating Junction and
TSTG
Storage Temperature Range
Soldering Temperature, for 10 seconds
(1.6mm from case)
Thermal Resistance
Symbol
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case k
–––
0.75
°C/W
RθJA
Junction-to-Ambient (PCB Mounted, steady-state) j
–––
40
3.8
200
5.0
20
A
°C
300
-55 to + 175
± 20
1.3
519
95
Max.
162
h
115
h
650
75
Description
Specifically designed for Automotive applications, this
Stripe Planar design of HEXFET® Power MOSFETs
utilizes the latest processing techniques to achieve low
on-resistance per silicon area. This benefit combined with
the fast switching speed and ruggedized device design
thatHEXFETpowerMOSFETsarewellknownfor,provides
the designer with an extremely efficient and reliable
device for use in Automotive and a wide variety of other
applications.
VDSS
40V
RDS(on) typ.
3.5m
Ω
max.
4.0m
Ω
ID (Silicon Limited)
162Ah
ID (Package Limited)
75A


Similar Part No. - AUIRF1404S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AUIRF1404S ETC2-AUIRF1404S Datasheet
233Kb / 13P
   Dynamic dV/dT Rating
logo
Infineon Technologies A...
AUIRF1404S INFINEON-AUIRF1404S Datasheet
309Kb / 11P
   AUTOMOTIVE GRADE
2015-11-11
AUIRF1404STRL INFINEON-AUIRF1404STRL Datasheet
309Kb / 11P
   AUTOMOTIVE GRADE
2015-11-11
More results

Similar Description - AUIRF1404S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFBA1405PPBF IRF-IRFBA1405PPBF Datasheet
153Kb / 10P
   HEXFET짰 Power MOSFET
IRFR3707PBF IRF-IRFR3707PBF Datasheet
221Kb / 9P
   HEXFET짰 Power MOSFET
IRFZ44EPBF IRF-IRFZ44EPBF Datasheet
147Kb / 8P
   HEXFET짰 Power MOSFET
IRLZ44NSPBF IRF-IRLZ44NSPBF Datasheet
336Kb / 10P
   HEXFET짰 Power MOSFET
IRF520VPBF IRF-IRF520VPBF Datasheet
150Kb / 8P
   HEXFET짰 Power MOSFET
IRFBC40SPBF IRF-IRFBC40SPBF Datasheet
360Kb / 10P
   HEXFET짰 Power MOSFET
IRLIZ24NPBF IRF-IRLIZ24NPBF Datasheet
843Kb / 8P
   HEXFET짰 Power MOSFET
IRF1010EPBF IRF-IRF1010EPBF Datasheet
231Kb / 8P
   HEXFET짰 Power MOSFET
IRFI1010NPBF IRF-IRFI1010NPBF Datasheet
234Kb / 9P
   HEXFET짰 Power MOSFET
IRFD014PBF IRF-IRFD014PBF Datasheet
2Mb / 8P
   HEXFET짰 Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com