Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

251S48N103KV6H Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 251S48N103KV6H
Description  Large Size Capacitor Chips 500 - 5,000 VDC
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

251S48N103KV6H Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  251S48N103KV6H Datasheet HTML 1Page - List of Unclassifed Manufacturers 251S48N103KV6H Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
3
www.johanson dielectrics.com
H42 / 1515
500 V
1K V
2K V
3K V
4K V
5K V
Inches
(mm)
NPO
472
152
681
471
271
101
L
.150 ±.015
(3.81 ±.38)
W
.150 ±.015
(3.81 ±.38)
X7R
683
223
103
222
102
331
T
.150 Max.
(3.81 Max)
E/B
.025 ±.015
(0.64±.38)
H47 / 2520
500 V
1K V
2K V
3K V
4K V
5K V
Inches
(mm)
NPO
123
332
152
102
561
221
L
.250 ±.018
(6.35 ±.46)
W
.200 ±.015
(5.08 ±.38)
X7R
224
473
223
472
222
681
T
.150 Max.
(3.81 Max)
E/B
.025 ±.015
(0.64±.38)
H51 / 3530
500 V
1K V
2K V
3K V
4K V
5K V
Inches
(mm)
NPO
333
682
332
222
122
471
L
.350 ±.035
(8.89 ±.89)
W
.300 ±.030
(7.62 ±.76)
X7R
564
104
473
103
472
152
T
.200 Max
(5.08 Max)
E/B
.025 ±.015
(0.64±.38)
H54 / 3640
500 V
1K V
2K V
3K V
4K V
5K V
Inches
(mm)
NPO
393
822
332
222
152
681
L .360 ± .030
(9.14 ± .76)
W .400 ± .030
(10.16 ±.76)
X7R
824
224
563
473
153
822
T
.200 Max
(5.08 Max)
E/B
.025 ±.015
(0.64±.38)
Available capacitance values include the following significant retma values and their multiples:
1.0 1.2 1.5 1.8 2.2 2.7 3.3 3.9 4.7 5.6 6.8 8.2 ( 1.0 = 1.0, 10, 100, 1000, etc.)
Consult factory for sizes, values, & voltages not shown.
MaxiMuM CapaCitanCe vs dC voltage rating
H42
1515
H47
2520
H51
3530
H51
3530
L
W
T
E/B
eleCtriCal CHaraCteristiCs
Meets the standard NPO & X7R dielectric specifications listed in our current catalog except:
Dielectric Withstanding Voltage
DWV = 750 VDC for 500 WVDC rated units,
DWV = 945 VDC for 630 WVDC rated units,
DWV = 1.2 X rated WVDC for ratings ≥ 1,000 WVDC
NOTE: Circuit applications above 1KVDC may require surface coating to prevent external arcing.
Large Size Capacitor Chips 50 - 5,000 VDC


Similar Part No. - 251S48N103KV6H

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
251S48N47101JV4E ETC2-251S48N47101JV4E Datasheet
87Kb / 2P
   Large Size Capacitor Chips 50-5,000 VDC
More results

Similar Description - 251S48N103KV6H

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
251S48N47101JV4E ETC2-251S48N47101JV4E Datasheet
87Kb / 2P
   Large Size Capacitor Chips 50-5,000 VDC
logo
California Micro Device...
PCC CALMIRCO-PCC Datasheet
40Kb / 1P
   Programmable Capacitor Chips
logo
List of Unclassifed Man...
R15-0805 ETC2-R15-0805 Datasheet
74Kb / 2P
   HIGH VOLTAGE SURFACE MOUNT MLCCS 250 - 5,000 VDC
logo
NIC-Components Corp.
NSWCHIGHERVOLTAGE NIC-NSWCHIGHERVOLTAGE Datasheet
104Kb / 2P
   Stacked Film Capacitor Chips
NSWCHV NIC-NSWCHV Datasheet
104Kb / 2P
   Stacked Film Capacitor Chips
NSHC NIC-NSHC Datasheet
103Kb / 6P
   Stacked Film Capacitor Chips
NSWC NIC-NSWC Datasheet
99Kb / 3P
   Stacked Film Capacitor Chips
NSPU NIC-NSPU Datasheet
55Kb / 2P
   Stacked Film Capacitor Chips
logo
TDK Electronics
B43652 TDK-B43652 Datasheet
1Mb / 15P
   Large-size capacitors
October 2021
logo
YUXIANG Magnetc materia...
EE85A YUXIANG-EE85A Datasheet
105Kb / 2P
   Large Size Ferrite Cores
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com