Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FJAF6815TU Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FJAF6815TU
Description  High Voltage Color Display Horizontal Deflection Output
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FJAF6815TU Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FJAF6815TU Datasheet HTML 1Page - Fairchild Semiconductor FJAF6815TU Datasheet HTML 2Page - Fairchild Semiconductor FJAF6815TU Datasheet HTML 3Page - Fairchild Semiconductor FJAF6815TU Datasheet HTML 4Page - Fairchild Semiconductor FJAF6815TU Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
©2001 Fairchild Semiconductor Corporation
Rev. A, May 2001
Typical Characteristics (Continued)
Figure 7. Resistive Load Switching Time
Figure 8. Resistive Load Switching Time
Figure 9. Forward Bias Safe Operating Area
Figure 10. Reverse Bias Safe Operating Area
Figure 11. Power Derating
0.1
1
10
0.01
0.1
1
10
100
t
F
t
STG
V
CC = 200V,
I
C = 8A, IB2 = - 3.2A
I
B1 [A], FORWARD BASE CURRENT
110
0.1
1
10
t
F
t
STG
V
CC
= 200V,
I
B1 = 1.6A, IB2 = - 3.2A
I
C [A], COLLECTOR CURRENT
1
10
100
1000
10000
0.01
0.1
1
10
100
T
C
= 25
oC
Single Pulse
t = 100ms
t = 10ms
t = 1ms
I
C (Pulse)
I
C (DC)
V
CE [V], COLLECTOR-EMITTER VOLTAGE
10
100
1000
10000
10
20
30
40
R
B2 = 0, IB1 = 15A
V
CC
= 30V, L = 200
µH
V
BE(off) = -3V
V
BE(off) = -6V
1
V
CE [V], COLLECTOR-EMITTER VOLTAGE
0
25
50
75
100
125
150
175
0
20
40
60
80
T
C [
O
C], CASE TEMPERATURE


Similar Part No. - FJAF6815TU

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FJAF6815 FAIRCHILD-FJAF6815 Datasheet
101Kb / 5P
   NPN Triple Diffused Planar Silicon Transistor
More results

Similar Description - FJAF6815TU

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KSC5386 FAIRCHILD-KSC5386 Datasheet
764Kb / 5P
   High Voltage Color Display Horizontal Deflection Output
FJL6920TU FAIRCHILD-FJL6920TU Datasheet
90Kb / 5P
   High Voltage Color Display Horizontal Deflection Output
FJAF6810ATU FAIRCHILD-FJAF6810ATU Datasheet
102Kb / 6P
   High Voltage Color Display Horizontal Deflection Output
FJAF6820 FAIRCHILD-FJAF6820 Datasheet
113Kb / 5P
   High Voltage Color Display Horizontal Deflection Output
FJAF6920 FAIRCHILD-FJAF6920 Datasheet
91Kb / 5P
   High Voltage Color Display Horizontal Deflection Output
FJAF6810TU FAIRCHILD-FJAF6810TU Datasheet
102Kb / 5P
   High Voltage Color Display Horizontal Deflection Output
FJAF6910TU FAIRCHILD-FJAF6910TU Datasheet
114Kb / 5P
   High Voltage Color Display Horizontal Deflection Output
FJAF6810A FAIRCHILD-FJAF6810A Datasheet
159Kb / 5P
   High Voltage Color Display Horizontal Deflection Output
KSD5707 FAIRCHILD-KSD5707 Datasheet
78Kb / 5P
   High Voltage Color Display Horizontal Deflection Output
KSC5803D FAIRCHILD-KSC5803D Datasheet
90Kb / 5P
   High Voltage Color Display Horizontal Deflection Output
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com