Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AUIRF2907ZS7PTL Datasheet(PDF) 8 Page - International Rectifier

Part # AUIRF2907ZS7PTL
Description  Advanced Process Technology Ultra Low On-Resistance
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AUIRF2907ZS7PTL Datasheet(HTML) 8 Page - International Rectifier

Back Button AUIRF2907ZS7PTL Datasheet HTML 4Page - International Rectifier AUIRF2907ZS7PTL Datasheet HTML 5Page - International Rectifier AUIRF2907ZS7PTL Datasheet HTML 6Page - International Rectifier AUIRF2907ZS7PTL Datasheet HTML 7Page - International Rectifier AUIRF2907ZS7PTL Datasheet HTML 8Page - International Rectifier AUIRF2907ZS7PTL Datasheet HTML 9Page - International Rectifier AUIRF2907ZS7PTL Datasheet HTML 10Page - International Rectifier AUIRF2907ZS7PTL Datasheet HTML 11Page - International Rectifier AUIRF2907ZS7PTL Datasheet HTML 12Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
AUIRF2907ZS-7P
8
www.irf.com
Fig 15. Typical Avalanche Current vs.Pulsewidth
Fig 16. Maximum Avalanche Energy
vs. Temperature
Notes on Repetitive Avalanche Curves , Figures 15, 16:
(For further info, see AN-1005 at www.irf.com)
1. Avalanche failures assumption:
Purely a thermal phenomenon and failure occurs at a
temperature far in excess of Tjmax. This is validated for
every part type.
2. Safe operation in Avalanche is allowed as long asTjmax is
not exceeded.
3. Equation below based on circuit and waveforms shown in
Figures 12a, 12b.
4. PD (ave) = Average power dissipation per single
avalanche pulse.
5. BV = Rated breakdown voltage (1.3 factor accounts for
voltage increase during avalanche).
6. Iav = Allowable avalanche current.
7.
∆T = Allowable rise in junction temperature, not to exceed
Tjmax (assumed as 25°C in Figure 15, 16).
tav = Average time in avalanche.
D = Duty cycle in avalanche = tav ·f
ZthJC(D, tav) = Transient thermal resistance, see figure 11)
PD (ave) = 1/2 ( 1.3·BV·Iav) = DT/ ZthJC
Iav = 2DT/ [1.3·BV·Zth]
EAS (AR) = PD (ave)·tav
1.0E-06
1.0E-05
1.0E-04
1.0E-03
1.0E-02
1.0E-01
tav (sec)
1
10
100
1000
0.05
Duty Cycle = Single Pulse
0.10
Allowed avalanche Current vs
avalanche
pulsewidth,
tav
assuming
∆ Tj = 25°C due to
avalanche losses
0.01
25
50
75
100
125
150
175
Starting TJ , Junction Temperature (°C)
0
50
100
150
200
TOP
Single Pulse
BOTTOM 1% Duty Cycle
ID = 110A


Similar Part No. - AUIRF2907ZS7PTL

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AUIRF2907Z IRF-AUIRF2907Z Datasheet
292Kb / 12P
   HEXFET짰 Power MOSFET
logo
List of Unclassifed Man...
AUIRF2907Z ETC2-AUIRF2907Z Datasheet
292Kb / 12P
   Ultra Low On-Resistance
logo
Infineon Technologies A...
AUIRF2907Z INFINEON-AUIRF2907Z Datasheet
395Kb / 10P
   Advanced Planar Technology
2017-09-21
More results

Similar Description - AUIRF2907ZS7PTL

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AUIRFS3206 IRF-AUIRFS3206 Datasheet
292Kb / 13P
   Advanced Process Technology Ultra Low On-Resistance
IRF7380QPBF IRF-IRF7380QPBF_10 Datasheet
206Kb / 8P
   Advanced Process Technology Ultra Low On-Resistance
logo
Kersemi Electronic Co.,...
IRF3710Z KERSEMI-IRF3710Z Datasheet
4Mb / 12P
   Advanced Process Technology Ultra Low On-Resistance
IRF2807SPBF KERSEMI-IRF2807SPBF Datasheet
4Mb / 10P
   Advanced Process Technology Ultra Low On-Resistance
IRF3205Z KERSEMI-IRF3205Z Datasheet
4Mb / 12P
   Advanced Process Technology Ultra Low On-Resistance
IRF1404 KERSEMI-IRF1404 Datasheet
2Mb / 8P
   Advanced Process Technology Ultra Low On-Resistance
logo
International Rectifier
AUIRFS3004-7P IRF-AUIRFS3004-7P Datasheet
379Kb / 12P
   Advanced Process Technology Ultra Low On-Resistance
AUIRFR1018E IRF-AUIRFR1018E Datasheet
239Kb / 12P
   Advanced Process Technology Ultra Low On-Resistance
AUIRF1324WL IRF-AUIRF1324WL Datasheet
246Kb / 11P
   Advanced Process Technology Ultra Low On-Resistance
IRF9204PBF IRF-IRF9204PBF Datasheet
240Kb / 7P
   Advanced Process Technology, Ultra Low On-Resistance
logo
Kersemi Electronic Co.,...
IRFR3411PBF KERSEMI-IRFR3411PBF Datasheet
3Mb / 10P
   Advanced Process Technology Ultra Low On-Resistance
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com