Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AUIRF5210STRR Datasheet(PDF) 6 Page - International Rectifier

Part # AUIRF5210STRR
Description  Advanced Planar Technology P-Channel MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AUIRF5210STRR Datasheet(HTML) 6 Page - International Rectifier

Back Button AUIRF5210STRR Datasheet HTML 2Page - International Rectifier AUIRF5210STRR Datasheet HTML 3Page - International Rectifier AUIRF5210STRR Datasheet HTML 4Page - International Rectifier AUIRF5210STRR Datasheet HTML 5Page - International Rectifier AUIRF5210STRR Datasheet HTML 6Page - International Rectifier AUIRF5210STRR Datasheet HTML 7Page - International Rectifier AUIRF5210STRR Datasheet HTML 8Page - International Rectifier AUIRF5210STRR Datasheet HTML 9Page - International Rectifier AUIRF5210STRR Datasheet HTML 10Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
AUIRF5210S
6
www.irf.com
08/20/2012
Fig 10a. Switching Time Test Circuit
Fig 10b. Switching Time Waveforms
Fig 11. Maximum Effective Transient Thermal Impedance, Junction-to-Case
Fig 9. Maximum Drain Current vs.
CaseTemperature
VDS
-10V
Pulse Width µs
Duty Factor 
RD
VGS
VDD
RG
D.U.T.
VDS
90%
10%
VGS
td(on)
tr
td(off) tf
25
50
75
100
125
150
TC , Case Temperature (°C)
0
5
10
15
20
25
30
35
40
1E-006
1E-005
0.0001
0.001
0.01
0.1
1
t1 , Rectangular Pulse Duration (sec)
0.001
0.01
0.1
1
0.20
0.10
D = 0.50
0.02
0.01
0.05
SINGLE PULSE
( THERMAL RESPONSE )
Notes:
1. Duty Factor D = t1/t2
2. Peak Tj = P dm x Zthjc + Tc
Ri (°C/W)
(sec)
0.128309 0.000069
0.377663 0.001772
0.244513 0.010024
J
J
1
1
2
2
3
3
R
1
R
1
R
2
R
2
R
3
R
3
C
Ci=
iRi
Ci=
iRi


Similar Part No. - AUIRF5210STRR

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
AUIRF5210STRL INFINEON-AUIRF5210STRL Datasheet
314Kb / 10P
   AUTOMOTIVE GRADE
2015-9-30
More results

Similar Description - AUIRF5210STRR

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AUIRF4905S IRF-AUIRF4905S Datasheet
267Kb / 14P
   Advanced Planar Technology P-Channel MOSFET
AUIRF7313Q IRF-AUIRF7313Q Datasheet
245Kb / 10P
   Advanced Planar Technology Dual N Channel MOSFET
AUIRF7103Q IRF-AUIRF7103Q Datasheet
230Kb / 13P
   Advanced Planar Technology Dual N Channel MOSFET
AUIRF7303Q IRF-AUIRF7303Q Datasheet
228Kb / 10P
   Advanced Planar Technology Dual N Channel MOSFET
logo
SHENZHEN DOINGTER SEMIC...
AOI4185 DOINGTER-AOI4185 Datasheet
1Mb / 4P
   P-Channel MOSFET uses advanced trench technology
B9435 DOINGTER-B9435 Datasheet
1Mb / 4P
   P-Channel MOSFET uses advanced trench technology
AO4441 DOINGTER-AO4441 Datasheet
659Kb / 4P
   P-Channel MOSFET uses advanced trench technology
DO3407A DOINGTER-DO3407A Datasheet
1Mb / 4P
   P-Channel MOSFET uses advanced trench technology
AM4433P DOINGTER-AM4433P Datasheet
1Mb / 4P
   P-Channel MOSFET uses advanced trench technology
AP9565GEJ DOINGTER-AP9565GEJ Datasheet
548Kb / 4P
   P-Channel MOSFET uses advanced trench technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com