Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AUIRF7207Q Datasheet(PDF) 1 Page - International Rectifier

Part # AUIRF7207Q
Description  Advanced Process Technology Low On-Resistance
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AUIRF7207Q Datasheet(HTML) 1 Page - International Rectifier

  AUIRF7207Q Datasheet HTML 1Page - International Rectifier AUIRF7207Q Datasheet HTML 2Page - International Rectifier AUIRF7207Q Datasheet HTML 3Page - International Rectifier AUIRF7207Q Datasheet HTML 4Page - International Rectifier AUIRF7207Q Datasheet HTML 5Page - International Rectifier AUIRF7207Q Datasheet HTML 6Page - International Rectifier AUIRF7207Q Datasheet HTML 7Page - International Rectifier AUIRF7207Q Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
 
AUIRF7207Q
1
www.irf.com © 2013 International Rectifier
April 30, 2013
HEXFET® is a registered trademark of International Rectifier.
*Qualification standards can be found at http://www.irf.com/
Absolute Maximum Ratings
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device.
These are stress ratings only; and
functional operation of the device at these or any other condition beyond those indicated in the specifications is not implied. Exposure to absolute-
maximum-rated conditions for extended periods may affect device reliability. The thermal resistance and power dissipation ratings are measured under
board mounted and still air conditions. Ambient temperature (TA) is 25°C, unless otherwise specified.
AUTOMOTIVE GRADE
VDSS
-20V
RDS(on) max
0.06
ID
-5.4A
Parameter
Max.
Units
VDS
Drain-to-Source Voltage
-20
V
ID @ TA = 25°C
Continuous Drain Current, VGS @ -10V
-5.4
A
ID @ TA = 70°C
Continuous Drain Current, VGS @ -10V
-4.3
IDM
Pulsed Drain Current
-43
PD @TA = 25°C
Power Dissipation
2.5
W
PD @TA = 70°C
Power Dissipation
1.6
Linear Derating Factor
0.02
W/°C
VGS
Gate-to-Source Voltage
± 12
V
VGSM
Gate-to-Source Voltage Single Pulse tp<10µs
-16
V
EAS
Single Pulse Avalanche Energy (Thermally Limited)
140
mJ
TJ
Operating Junction and
-55 to + 150
°C
 
TSTG
Storage Temperature Range
 
SO-8
Top View
8
1
2
3
4
5
6
7
D
D
D
G
S
A
D
S
S
 
Features
Advanced Process Technology
Low On-Resistance
P-Channel MOSFET
Dynamic dV/dT Rating
150°C Operating Temperature
Fast Switching
Fully Avalanche Rated
Lead-Free, RoHS Compliant
Automotive Qualified*
Description
Specifically designed for Automotive applications, this cellular
design of HEXFET® Power MOSFETs utilizes the latest
processing techniques to achieve low on-resistance per silicon
area. This benefit combined with the fast switching speed and
ruggedized device design that HEXFET power MOSFETs are
well known for, provides the designer with an extremely
efficient and reliable device for use in Automotive and a wide
variety of other applications.
Thermal Resistance
Symbol
Parameter
Typ.
Max.
Units
RJA
Junction-to-Ambient
–––
50
°C/W
Base part number
Package Type
Standard Pack
Orderable Part Number
Form
Quantity
AUIRF7207Q
SO-8
Tube
95
AUIRF7207Q
Tape and Reel
2500
AUIRF7207QTR


Similar Part No. - AUIRF7207Q

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
AUIRF7207Q INFINEON-AUIRF7207Q Datasheet
402Kb / 8P
   AUTOMOTIVE GRADE
2015-11-16
AUIRF7207QTR INFINEON-AUIRF7207QTR Datasheet
402Kb / 8P
   AUTOMOTIVE GRADE
2015-11-16
More results

Similar Description - AUIRF7207Q

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AUIRFS3607 IRF-AUIRFS3607 Datasheet
289Kb / 13P
   Advanced Process Technology Low On-Resistance
AUIRF2903ZS IRF-AUIRF2903ZS Datasheet
235Kb / 14P
   Advanced Process Technology Low On-Resistance
AUIRF7416Q IRF-AUIRF7416Q Datasheet
228Kb / 12P
   Advanced Process Technology Low On-Resistance
AUIRFS6535 IRF-AUIRFS6535 Datasheet
272Kb / 13P
   Advanced Process Technology Low On-Resistance
AUIRFR4615 IRF-AUIRFR4615 Datasheet
295Kb / 13P
   Advanced Process Technology Low On-Resistance
AUIRFS3206 IRF-AUIRFS3206 Datasheet
292Kb / 13P
   Advanced Process Technology Ultra Low On-Resistance
IRF7380QPBF IRF-IRF7380QPBF_10 Datasheet
206Kb / 8P
   Advanced Process Technology Ultra Low On-Resistance
logo
Kersemi Electronic Co.,...
IRF3710Z KERSEMI-IRF3710Z Datasheet
4Mb / 12P
   Advanced Process Technology Ultra Low On-Resistance
IRF2807SPBF KERSEMI-IRF2807SPBF Datasheet
4Mb / 10P
   Advanced Process Technology Ultra Low On-Resistance
IRF3205Z KERSEMI-IRF3205Z Datasheet
4Mb / 12P
   Advanced Process Technology Ultra Low On-Resistance
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com